Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU6521KV-E2 Fiches technique(PDF) 9 Page - Rohm

No de pièce BU6521KV-E2
Description  Video Encoders built-in Image Correction
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU6521KV-E2 Fiches technique(HTML) 9 Page - Rohm

Back Button BU6521KV-E2 Datasheet HTML 5Page - Rohm BU6521KV-E2 Datasheet HTML 6Page - Rohm BU6521KV-E2 Datasheet HTML 7Page - Rohm BU6521KV-E2 Datasheet HTML 8Page - Rohm BU6521KV-E2 Datasheet HTML 9Page - Rohm BU6521KV-E2 Datasheet HTML 10Page - Rohm BU6521KV-E2 Datasheet HTML 11Page - Rohm BU6521KV-E2 Datasheet HTML 12Page - Rohm BU6521KV-E2 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Technical Note
9/18
BU6520KV,BU6521KV
www.rohm.com
2010.02 - Rev.C
© 2010 ROHM Co., Ltd. All rights reserved.
●Electrical characteristics(AC characteristics)
1. Data Input Interface Timing
tCMS
tCMH
CAMVSI
CAMHSI
CAMDI0
CAMDI7
CAMCKI
(CKPOL=“0”)
CAMCKI
(CKPOL=“1”)
Fig.5 Data Input Interface Timing
Symbol
Description
MIN
TYP
MAX
Unit
tCAMCKI
CAMCKI Clock Cycle
27.8
-
-
ns
dCAMCKI
CAMCKI Clock Duty
45
50
55
%
tCMS
CAMCKI Rise / Fall Camera Setup Time
8
-
-
ns
tCMH
CAMCKI Rise / Fall Camera Hold Time
BU6520KV
6
-
-
ns
BU6521KV
5
-
-
ns
* CKPOL selects the CAMCKI polarity. (CKPOL is register at BU6520KV/BU6521KV)
2. Data Output Interface Timing
Fig.6 Data Output Interface Timing
Symbol
Description
MIN
TYP
MAX
Unit
tPCLK
CAMCKO Clock Cycle
27.8
-
-
ns
dPCLK
CAMCKO Clock Duty
40
50
60
%
tPDV
Decision of CAMDO from CAMCKO
-
-
7
ns
tPHL, tPHH
Decision of CAMVSO or CAMHSO from CAMCKO
-
-
7
ns
* This figure shows CKPOL setting is ” 1 ” In case of CKPOL= ” 0 ”, CAMVSO, CAMHSO and CAMDO0-CAMCO7 change based on CAMCKO fall edge.
CAMVSO
CAMDO0
CAMHSO
CAMCKO
(CKPOL="1")
CAMDO7
tPCLK
tPHH
tPHL
tPDV


Numéro de pièce similaire - BU6521KV-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU6521KV ROHM-BU6521KV Datasheet
351Kb / 19P
   Video Encoders built-in Image Correction
More results

Description similaire - BU6521KV-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU6520KV ROHM-BU6520KV Datasheet
351Kb / 19P
   Video Encoders built-in Image Correction
logo
Renesas Technology Corp
TW2871 RENESAS-TW2871 Datasheet
147Kb / 2P
   Fisheye Distortion Correction LSI with Built-in Image Signal Processor, Motion Detector and DDR2 Controller
logo
NXP Semiconductors
SAA7184 PHILIPS-SAA7184 Datasheet
170Kb / 36P
   Digital Video Encoders DENC2-M6
1996 Jul 03
logo
Cadeka Microcircuits LL...
TMC22091 CADEKA-TMC22091 Datasheet
397Kb / 60P
   Digital Video Encoders/Layering Engine
logo
Fairchild Semiconductor
TMC22091 FAIRCHILD-TMC22091 Datasheet
293Kb / 60P
   Digital Video Encoders/Layering Engine
logo
List of Unclassifed Man...
ET4000V33 ETC1-ET4000V33 Datasheet
5Mb / 92P
   Video Image Processor
logo
Rohm
BU1523KV ROHM-BU1523KV Datasheet
406Kb / 23P
   Image Correction IC for Panel
logo
Moxa Inc.
464 MOXA-464 Datasheet
730Kb / 5P
   Superior video performance, 4-channel industrial video encoders
logo
Rohm
BU1571KN ROHM-BU1571KN_10 Datasheet
236Kb / 9P
   Image Correction IC for Camera
logo
Nippon Precision Circui...
SM5304AV NPC-SM5304AV_06 Datasheet
231Kb / 12P
   Video Buffer with Built-in Analog LPF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com