Moteur de recherche de fiches techniques de composants électroniques |
|
BU4820 Fiches technique(PDF) 4 Page - Rohm |
|
BU4820 Fiches technique(HTML) 4 Page - Rohm |
4 / 9 page Technical Note 4/8 BU48□□G Series, BU48□□F Series, BU48□□FVE Series, BU49□□G Series, BU49□□F Series, BU49□□FVE Series www.rohm.com 2011.03 - Rev.D © 2011 ROHM Co., Ltd. All rights reserved. ● Reference Data (Unless specified otherwise, Ta=25℃) Fig.3 Circuit Current 0.0 0.1 0.2 0.3 0.4 0.5 0.6 01 2 3 45 6 7 VDD SUPPLY VOLTAGE :VDD[V] 【BU4816F】 0 1 2 3 4 5 0.0 0.5 1.0 1.5 2.0 2.5 DRAIN-SOURCE VOLTAGE : VDS[V] VDD=1.2V 【BU4816F】 Fig.4 “LOW” Output Current 0 5 10 15 20 25 01 2 3 45 6 DRAIN-SOURCE VOLTAGE : VDS[V] 【BU4916F】 VDD=6.0V VDD=4.8V Fig.5 “High” Output Current 0.0 0.1 0.2 0.3 0.4 0.5 -40 0 40 80 120 TEMPERATURE : Ta[℃] 【BU4816F】 Fig.9 Circuit Current when ON Fig.10 Circuit Current when OFF 0.0 0.2 0.4 0.6 0.8 1.0 -40 0 40 80 120 TEMPERATURE : Ta[℃] 【BU4816F】 0.0 0.2 0.4 0.6 0.8 1.0 -40 0 40 80 120 TEMPERATURE : Ta[℃] 【BU4816F】 Fig.11 Operating Limit Voltage Fig.6 I/O Characteristics 0 1 2 3 4 5 6 7 01 2 3 45 6 7 VDD SUPPLY VOLTAGE :VDD[V] 【BU4816F】 0.0 0.2 0.4 0.6 0.8 1.0 0.0 0.5 1.0 1.5 2.0 2.5 VDD SUPPLY VOLTAGE : VDD[V] 【BU4816F】 Fig.7 Operating Limit Voltage Fig.8 Detecting Voltage Release Voltage 1.0 1.5 2.0 -40 0 40 80 120 TEMPERATURE : Ta[℃] Low to high(VDET+ΔVDET) High to low(VDET) 【BU4816F】 |
Numéro de pièce similaire - BU4820 |
|
Description similaire - BU4820 |