Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU4923 Fiches technique(PDF) 7 Page - Rohm

No de pièce BU4923
Description  Low Voltage Standard CMOS Voltage Detector ICs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU4923 Fiches technique(HTML) 7 Page - Rohm

  BU4923 Datasheet HTML 1Page - Rohm BU4923 Datasheet HTML 2Page - Rohm BU4923 Datasheet HTML 3Page - Rohm BU4923 Datasheet HTML 4Page - Rohm BU4923 Datasheet HTML 5Page - Rohm BU4923 Datasheet HTML 6Page - Rohm BU4923 Datasheet HTML 7Page - Rohm BU4923 Datasheet HTML 8Page - Rohm BU4923 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Technical Note
7/8
BU48□□G Series, BU48□□F Series, BU48□□FVE Series,
BU49□□G Series, BU49□□F Series, BU49□□FVE Series
www.rohm.com
2011.03 - Rev.D
© 2011 ROHM Co., Ltd. All rights reserved.
Notes for use
1.
Absolute maximum range
Absolute Maximum Ratings are those values beyond which the life of a device may be destroyed. We cannot be
defined the failure mode, such as short mode or open mode. Therefore a physical security countermeasure, like fuse,
is to be given when a specific mode to be beyond absolute maximum ratings is considered.
2.
GND potential
GND terminal should be a lowest voltage potential every state.
Please make sure all pins that are over ground even if include transient feature.
3
Electrical Characteristics
Be sure to check the electrical characteristics that are one the tentative specification will be changed by temperature,
supply voltage, and external circuit.
4.
Bypass Capacitor for Noise Rejection
Please put into the to reject noise between VDD pin and GND with 1uF over and between VOUT pin and GND with
1000pF. If extremely big capacitor is used, transient response might be late. Please confirm sufficiently for the point.
5.
Short Circuit between Terminal and Soldering
Don’t short-circuit between Output pin and VDD pin, Output pin and GND pin, or VDD pin and GND pin. When soldering
the IC on circuit board please is unusually cautious about the orientation and the position of the IC. When the
orientation is mistaken the IC may be destroyed.
6.
Electromagnetic Field
Mal-function may happen when the device is used in the strong electromagnetic field.
7.
The Vdd line inpedance might cause oscillation because of the detection current.
8.
A Vdd -GND capacitor (as close connection as possible) should be used in high Vdd line impedance condition.
9.
Lower than the mininum input voltage makes the Vout high impedance, and it must be Vdd in pull up (Vdd) condition.
10. Recommended value of RL Resistar is over 10kΩ (VDET=1.5V~4.8V),
over 100kΩ (VDET=0.9~1.4V).
11.
This IC has extremely high impedance terminals. Small leak current due to the uncleanness of PCB surface might
cause unexpected operations. Application values in these conditions should be selected carefully. If 10MΩ leakage is
assumed between the CT terminal and the GND terminal, 1MΩ connection between the CT terminal and the Vdd
terminal would be recommended. Also, if the leakage is assumed between the Vout terminal and the GND terminal, the
pull up resistor should be less than 1/10 of the assumed leak resistance.
12. External parameters
For Rl, the recommended range is 10kΩ~1MΩ. There are many factors (board layout, etc) that can affect
characteristics. Please verify and confirm using practical applications.
13. Power on reset operation
Please note that the power on reset output varies with the Vcc rise up time. Please verify the actual operation.
14. Precautions for board inspection
Connecting low-impedance capacitors to run inspections with the board may produce stress on the IC. Therefore, be
certain to use proper discharge procedure before each process of the test operation.To prevent electrostatic
accumulation and discharge in the assembly process, thoroughly ground yourself and any equipment that could sustain
ESD damage, and continue observing ESD-prevention procedures in all handing, transfer and storage operations.
Before attempting to connect components to the test setup, make certain that the power supply is OFF. Likewise, be
sure the power supply is OFF before removing any component connected to the test setup.
15. When the power supply, is turned on because of incertain cases, momentary Rash-current flow into the IC at the logic
unsettled, the couple capacitance, GND pattern of width and leading line must be considered.


Numéro de pièce similaire - BU4923

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU4923 ROHM-BU4923 Datasheet
266Kb / 9P
   Low Voltage Standard CMOS Voltage Detector IC Series
BU4923 ROHM-BU4923 Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs Ultra-low current consumption
BU4923 ROHM-BU4923 Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4923 ROHM-BU4923 Datasheet
407Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4923 ROHM-BU4923 Datasheet
473Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
More results

Description similaire - BU4923

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU4842F-TR ROHM-BU4842F-TR Datasheet
473Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4815G-TR ROHM-BU4815G-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU48XX ROHM-BU48XX Datasheet
1Mb / 19P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4811G-TR ROHM-BU4811G-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4836F-TR ROHM-BU4836F-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4809G-TR ROHM-BU4809G-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4825F-TR ROHM-BU4825F-TR Datasheet
407Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4830F-TR ROHM-BU4830F-TR Datasheet
483Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4942G-TR ROHM-BU4942G-TR Datasheet
473Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4848 ROHM-BU4848_13 Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs Ultra-low current consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com