Moteur de recherche de fiches techniques de composants électroniques |
|
BU29TA2WHFV Fiches technique(PDF) 2 Page - Rohm |
|
BU29TA2WHFV Fiches technique(HTML) 2 Page - Rohm |
2 / 30 page Technical Note 2/29 BUTA2WNVX series, BUTA2WHFV series www.rohm.com 2011.01 - Rev.C © 2011 ROHM Co., Ltd. All rights reserved. ● Absolute maximum rating Parameter Symbol Ratings Unit Maximum applied power voltage VMAX -0.3 ~ +6.5 V Power dissipation Pd1 220* 1 (SSON004X1216) mW Pd2 410* 2 (HVSOF5) Maximum junction temperature TjMAX +125 ℃ Operational temperature range Topr -40 ~ +85 ℃ Storage temperature range Tstg -55 ~ +125 ℃ *1 When 1 PCB (70 mm 70 mm, thickness 1.6-mm glass epoxy) a standard ROHM board is implemented. Reduced to 2.2 mW/ C when used at Ta=25C or higher. *2 When 1 PCB (70 mm 70 mm, thickness 1.6-mm glass epoxy) a standard ROHM board is implemented. Reduced to 4.1 mW/ C when used at Ta=25C or higher. ● Recommended operating range (Do not exceed Pd.) Parameter Symbol Ratings Unit Input power supply voltage VIN 2.5 ~ 5.5 V Maximum output current IMAX 200 mA ● Recommended operating conditions Parameter Symbol Ratings Unit Conditions Min. Typ. Max. Input capacitor CIN 0.5* 3 1.0 - μF A ceramic capacitor is recommended. Output capacitor CO 0.5* 3 1.0 - μF A ceramic capacitor is recommended. *3 Set the capacity value of the capacitor so that it does not fall below the minimum value, taking temperature characteristics, DC device characteristics, and change with time into consideration. |
Numéro de pièce similaire - BU29TA2WHFV |
|
Description similaire - BU29TA2WHFV |