Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU30TD2WNVX Fiches technique(PDF) 6 Page - Rohm

No de pièce BU30TD2WNVX
Description  1ch 200mA CMOS LDO Regulators
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU30TD2WNVX Fiches technique(HTML) 6 Page - Rohm

Back Button BU30TD2WNVX Datasheet HTML 2Page - Rohm BU30TD2WNVX Datasheet HTML 3Page - Rohm BU30TD2WNVX Datasheet HTML 4Page - Rohm BU30TD2WNVX Datasheet HTML 5Page - Rohm BU30TD2WNVX Datasheet HTML 6Page - Rohm BU30TD2WNVX Datasheet HTML 7Page - Rohm BU30TD2WNVX Datasheet HTML 8Page - Rohm BU30TD2WNVX Datasheet HTML 9Page - Rohm BU30TD2WNVX Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
Technical Note
6/41
BU□□TD2WNVX series
www.rohm.com
2011.07 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
Fig.16. Load Response
1.20
1.15
1.10
1.25
50
100
0
IOUT=0mA→50mA
Fig.18. Load Response
1.20
1.15
1.10
1.25
50
100
0
IOUT=0mA→100mA
Fig.20. Load Response
1.20
1.10
1.00
1.30
100
200
0
IOUT=0mA→200mA
Fig.21. Load Response
100
200
0
1.30
1.20
1.10
1.40
IOUT=200mA→0mA
Fig.22. Load Response
1.20
1.15
1.10
1.25
50
100
0
IOUT=50mA→100mA
Reference data BU12TD2WNVX (Ta=25 ℃unless otherwise specified.)
Fig.19. Load Response
1.25
1.20
1.15
1.30
50
100
0
IOUT=100mA→0mA
Fig.17. Load Response
IOUT=50mA→0mA
1.25
1.20
1.15
1.30
50
100
0
Fig.23. Load Response
1.20
1.15
1.10
1.25
50
100
0
IOUT=100mA→50mA


Numéro de pièce similaire - BU30TD2WNVX

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU30TD2WNVX-XTL ROHM-BU30TD2WNVX-XTL Datasheet
566Kb / 12P
   high-performance FULL CMOS regulator with 200-mA output, which is mounted on versatile package SSON004X1010
More results

Description similaire - BU30TD2WNVX

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU12SD2MG-MTR ROHM-BU12SD2MG-MTR Datasheet
834Kb / 31P
   1ch 200mA CMOS LDO Regulators
BU18SA4WGWL-E2 ROHM-BU18SA4WGWL-E2 Datasheet
999Kb / 37P
   1ch 200mA CMOS LDO Regulators
BU15TA2WNVX ROHM-BU15TA2WNVX_11 Datasheet
1Mb / 30P
   1ch 200mA CMOS LDO Regulators
BH12PB1WHFV ROHM-BH12PB1WHFV_11 Datasheet
353Kb / 11P
   1ch 150mA CMOS LDO Regulators
BH15M0AWHFV-TR ROHM-BH15M0AWHFV-TR Datasheet
577Kb / 13P
   1ch 300mA CMOS LDO Regulators
BUXXSD5 ROHM-BUXXSD5 Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
BH31FB1WHFV-TR ROHM-BH31FB1WHFV-TR Datasheet
562Kb / 13P
   1ch 300mA CMOS LDO Regulators
BHXXM0A ROHM-BHXXM0A Datasheet
632Kb / 13P
   1ch 300mA CMOS LDO Regulators
21.Nov.2013 Rev.001
BHXXMA3 ROHM-BHXXMA3 Datasheet
619Kb / 13P
   1ch 300mA CMOS LDO Regulators
25.Sep.2013 Rev.001
BH25NB1WHFV ROHM-BH25NB1WHFV_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com