Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD37533FV Fiches technique(PDF) 1 Page - Rohm

No de pièce BD37533FV
Description  Sound Processors with Built-in 3-band Equalizer
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD37533FV Fiches technique(HTML) 1 Page - Rohm

  BD37533FV Datasheet HTML 1Page - Rohm BD37533FV Datasheet HTML 2Page - Rohm BD37533FV Datasheet HTML 3Page - Rohm BD37533FV Datasheet HTML 4Page - Rohm BD37533FV Datasheet HTML 5Page - Rohm BD37533FV Datasheet HTML 6Page - Rohm BD37533FV Datasheet HTML 7Page - Rohm BD37533FV Datasheet HTML 8Page - Rohm BD37533FV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
1/37
www.rohm.com
2010.03 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Sound Processor Series for Car Audio
Sound Processors with Built-in
3-band Equalizer
BD37531FV,BD37532FV,BD37533FV,BD37534FV
●Description
BD37531FV, BD37532FV, BD37533FV, BD37534FV are sound processors built-in 3-band equalizer for car audio. The
functions are stereo input selector available to switch single end input and ground isolation input, input-gain control, main
volume, loudness, 5ch fader volume, LPF for subwoofer(except BD37531FV), mixing input(except BD37531FV,
BD37532FV). Moreover, “Advanced switch circuit”, that is ROHM original technology, can reduce various switching noise
(ex. No-signal, low frequency likes 20Hz & large signal inputs). “Advanced switch” makes control of microcomputer easier,
and can construct high quality car audio system.
●Features
1) Reduce switching noise of input gain control, mute, main volume, fader volume, bass, middle, treble, loudness
by using advanced switch circuit [Possible to control all steps]
2) Built-in differential input selector that can make various combination of single-ended / differential input.
3) Built-in ground isolation amplifier inputs, ideal for external stereo input.
4) Built-in input gain controller reduces switching noise for volume of a portable audio input.
5) Decrease the number of external components by built-in 3-band equalizer filter, LPF for subwoofer (except BD37531FV),
loudness filter. And, possible to control Q, Gv, fo of 3-band equalizer and fc of LPF, Gv of loudness by I
2C BUS control
freely
6) It is possible for the bass, middle, treble to the gain adjustment quantity of ±20dB and 1 dB step gain adjustment.
7) Terminals for the subwoofer outputs are equipped, and the audio signal outputs of front, back and subwoofer can be
chosen with the I2C BUS control.
8) Built-in mixing input, mixing attenuator. (except BD37531FV, BD37532FV)
9) Bi-CMOS process is suitable for the design of low current and low energy. And it provides more quality for small
scale regulator and heat in a set.
10) Package is SSOP-B28. Putting input-terminals together and output-terminals together can make PCB layout easier and
can makes area of PCB smaller.
11) It is possible to control by 3.3V / 5V for I
2C BUS.
●Applications
It is the optimal for the car audio. Besides, it is possible to use for the audio equipment of mini Compo, micro Compo, TV
etc with all kinds.
No.10085EAT06


Numéro de pièce similaire - BD37533FV

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD37533FV ROHM-BD37533FV Datasheet
125Kb / 5P
   Silicon Monolithic Integrated Circuit
BD37533FV ROHM-BD37533FV Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37533FV-E2 ROHM-BD37533FV-E2 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37533FV ROHM-BD37533FV_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
More results

Description similaire - BD37533FV

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD37531FV ROHM-BD37531FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS ROHM-BD37524FS_15 Datasheet
3Mb / 35P
   Sound Processor with Built-in 3-band Equalizer
BD37532FV ROHM-BD37532FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS_1003 ROHM-BD37524FS_1003 Datasheet
527Kb / 26P
   Sound Processor with Built-in 3-band Equalizer
BD37534FV ROHM-BD37534FV_15 Datasheet
4Mb / 39P
   Sound Processor with Built-in 3-band Equalizer
BD37533FV ROHM-BD37533FV_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37542FS ROHM-BD37542FS_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37544FS ROHM-BD37544FS_15 Datasheet
4Mb / 41P
   Sound Processor with Built-in 3-band Equalizer
BD37541FS ROHM-BD37541FS_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37543FS ROHM-BD37543FS_15 Datasheet
4Mb / 41P
   Sound Processor with Built-in 3-band Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com