Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD37524FS Fiches technique(PDF) 1 Page - Rohm

No de pièce BD37524FS
Description  Sound Processor with Built-in 3-band Equalizer
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD37524FS Fiches technique(HTML) 1 Page - Rohm

  BD37524FS Datasheet HTML 1Page - Rohm BD37524FS Datasheet HTML 2Page - Rohm BD37524FS Datasheet HTML 3Page - Rohm BD37524FS Datasheet HTML 4Page - Rohm BD37524FS Datasheet HTML 5Page - Rohm BD37524FS Datasheet HTML 6Page - Rohm BD37524FS Datasheet HTML 7Page - Rohm BD37524FS Datasheet HTML 8Page - Rohm BD37524FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1/25
www.rohm.com
2010.03 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Sound Processor Series for Car Audio
Sound Processor with Built-in
3-band Equalizer
BD37524FS
●Description
BD37524FS is sound processors built-in 3-band equalizer for car audio. The functions are stereo 5ch input selector,
input-gain control, main volume, loudness, 5ch fader volume, LPF for subwoofer, level meter. Moreover, “Advanced switch
circuit”, that is ROHM original technology, can reduce various switching noise (ex. No-signal, low frequency likes 20Hz &
large signal inputs). “Advanced switch” makes control of microcomputer easier, and can construct high quality car audio
system.
●Features
1) Reduce switching noise of input gain control, mute, main volume, fader volume, bass, treble, loudness by using
advanced switch circuit [Possible to control all steps]
2) Built-in 1 differential input selector and 4 single-ended input selectors
3) Built-in ground isolation amplifier inputs, ideal for external stereo input.
4) Built-in input gain controller reduces switching noise for volume of a portable audio input.
5) Decrease the number of external components by built-in 3-band equalizer filter, LPF for subwoofer, loudness filter.
And, possible to control Q, Gv, fo of 3-band equalizer and fc of LPF, fo, Gv of loudness by I
2C BUS control freely
6) It is possible for the bass, middle, and treble to the gain adjustment quantity of ±20dB and 1 dB step gain adjustment.
7) Terminals for the subwoofer outputs are equipped.
8) Bi-CMOS process is suitable for the design of low current and low energy. And it provides more quality for small scale
regulator and heat in a set.
9) Package is SSOP-A24. Putting input-terminals together and output-terminals together can make PCB layout easier
and can makes area of PCB smaller.
10) It is possible to control by 3.3V / 5V for I
2C BUS.
●Applications
It is the optimal for the car audio. Besides, it is possible to use for the audio equipment of mini Compo, micro Compo, TV
etc with all kinds.
No.10085EAT05


Numéro de pièce similaire - BD37524FS

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD37524FS ROHM-BD37524FS Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
BD37524FS ROHM-BD37524FS Datasheet
3Mb / 35P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS-E2 ROHM-BD37524FS-E2 Datasheet
3Mb / 35P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS ROHM-BD37524FS_15 Datasheet
3Mb / 35P
   Sound Processor with Built-in 3-band Equalizer
More results

Description similaire - BD37524FS

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD37531FV ROHM-BD37531FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS ROHM-BD37524FS_15 Datasheet
3Mb / 35P
   Sound Processor with Built-in 3-band Equalizer
BD37532FV ROHM-BD37532FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37534FV ROHM-BD37534FV_15 Datasheet
4Mb / 39P
   Sound Processor with Built-in 3-band Equalizer
BD37533FV ROHM-BD37533FV_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37542FS ROHM-BD37542FS_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37544FS ROHM-BD37544FS_15 Datasheet
4Mb / 41P
   Sound Processor with Built-in 3-band Equalizer
BD37541FS ROHM-BD37541FS_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37543FS ROHM-BD37543FS_15 Datasheet
4Mb / 41P
   Sound Processor with Built-in 3-band Equalizer
BD37522FS ROHM-BD37522FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com