Moteur de recherche de fiches techniques de composants électroniques |
|
1N4682 Fiches technique(PDF) 2 Page - Micro Commercial Components |
|
1N4682 Fiches technique(HTML) 2 Page - Micro Commercial Components |
2 / 5 page 2) Reverse leakage current (IR) Reverse leakage currents are guaranteed and measured at V R shown on the table. 3) Maximum zener current rating (IZM) Maximum zener current ratings are based on maximum zener voltage of the individual units and JEDEC 250mW rating. 4) Maximum voltage change (DVZ) Voltage change is equal to the difference between VZ at 100uA and at 10uA 1N4678 thru 1N4717 Revision: A 2011/01/01 www.mccsemi.com 2 of 5 Note: 1) Tolerance and type number designation (VZ) The type numbers listed have a standard tolerance of ±5% on the nominal zener voltage. C for 2%. MCC TM Micro Commercial Components Zener Voltage Leakage Current (2) VZ (Volts) @ IZT IR @ VR IZM (3) ∆VZ (4) Device (1) Device Marking Min Nom Max uA uA Max Volts mA Volts 1N4678 1N4678 1.71 1.8 1.89 50 7.5 1.0 120 0.7 1N4679 1N4679 1.90 2.0 2.10 50 5.0 1.0 110 0.7 1N4680 1N4680 2.09 2.2 2.31 50 5.0 1.0 100 0.75 1N4681 1N4681 2.28 2.4 2.52 50 2.0 1.0 95 0.8 1N4682 1N4682 2.565 2.7 2.835 50 1.0 1.0 90 0.85 1N4683 1N4683 2.85 3.0 3.15 50 0.8 1.0 85 0.9 1N4684 1N4684 3.135 3.3 3.465 50 7.5 1.5 80 0.95 1N4685 1N4685 3.42 3.6 3.78 50 7.5 2.0 75 0.95 1N4686 1N4686 3.705 3.9 4.095 50 5.0 2.0 70 0.97 1N4687 1N4687 4.085 4.3 4.515 50 4.0 2.0 65 0.99 1N4688 1N4688 4.465 4.7 4.935 50 10 3.0 60 0.99 1N4689 1N4689 4.845 5.1 5.355 50 10 3.0 55 0.97 1N4690 1N4690 5.32 5.6 5.88 50 10 4.0 50 0.96 1N4691 1N4691 5.89 6.2 6.51 50 10 5.0 45 0.95 1N4692 1N4692 6.46 6.8 7.14 50 10 5.1 35 0.9 1N4693 1N4693 7.125 7.5 7.875 50 10 5.7 31.8 0.75 1N4694 1N4694 7.79 8.2 8.61 50 1.0 6.2 29 0.5 1N4695 1N4695 8.265 8.7 9.135 50 1.0 6.6 27.4 0.4 1N4696 1N4696 8.645 9.1 9.555 50 1.0 6.9 26.2 0.08 1N4697 1N4697 9.50 10 10.5 50 1.0 7.6 24.8 0.1 1N4698 1N4698 10.45 11 11.55 50 0.05 8.4 21.6 0.11 1N4699 1N4699 11.40 12 12.6 50 0.05 9.1 20.4 0.12 1N4700 1N4700 12.35 13 13.65 50 0.05 9.8 19 0.13 1N4701 1N4701 13.30 14 14.7 50 0.05 10.6 17.5 0.14 1N4702 1N4702 14.25 15 15.75 50 0.05 11.4 16.3 0.15 1N4703 1N4703 15.20 16 16.8 50 0.05 12.1 15.4 0.16 1N4704 1N4704 16.15 17 17.85 50 0.05 12.9 14.5 0.17 1N4705 1N4705 17.10 18 18.9 50 0.05 13.6 13.2 0.18 1N4707 1N4707 19.00 20 21 50 0.01 15.2 11.9 0.2 1N4711 1N4711 25.65 27 28.35 50 0.01 20.4 8.8 0.27 1N4713 1N4713 28.5 30 31.5 50 0.01 22.8 7.9 0.3 1N4714 1N4714 31.35 33 34.65 50 0.01 25 7.2 0.33 1N4715 1N4715 34.2 36 37.8 50 0.01 27.3 6.6 0.36 1N4716 1N4716 37.05 39 40.95 50 0.01 29.6 6.1 0.39 1N4717 1N4717 40.85 43 45.15 50 0.01 32.6 5.5 0.43 |
Numéro de pièce similaire - 1N4682 |
|
Description similaire - 1N4682 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |