Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD3571FP Fiches technique(PDF) 1 Page - Rohm

No de pièce BD3571FP
Description  High Voltage LDO Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD3571FP Fiches technique(HTML) 1 Page - Rohm

  BD3571FP Datasheet HTML 1Page - Rohm BD3571FP Datasheet HTML 2Page - Rohm BD3571FP Datasheet HTML 3Page - Rohm BD3571FP Datasheet HTML 4Page - Rohm BD3571FP Datasheet HTML 5Page - Rohm BD3571FP Datasheet HTML 6Page - Rohm BD3571FP Datasheet HTML 7Page - Rohm BD3571FP Datasheet HTML 8Page - Rohm BD3571FP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/9
www.rohm.com
2011.03 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Power Management IC Series for Automotive Body Control
High Voltage
LDO Regulators
BD3570FP, BD3570HFP, BD3571FP, BD3571HFP, BD3572FP, BD3572HFP
BD3573FP, BD3573HFP, BD3574FP, BD3574HFP, BD3575FP, BD3575HFP
Description
BD357XFP/HFP SERIES regulators feature a high 50 V withstand-voltage and are suitable for use with onboard vehicle
microcontrollers. They offer the output current of 500 mA while limiting the quiescent current to 30μA (TYP).With these
devices, a ceramic capacitor can be selected at the output for stable operation, the output tolerance is within ±2% over the
wide ambient temperature range (-40 to 125℃), and the short circuit protection is folded-type to minimize generation of
heat during malfunction. These devices are developed to offer most robust power-supply design under the harsh
automotive environment. The BD357XFP/HFP Series provide ideal solutions to lower the current consumption as well as to
simplify the use with battery direct-coupled systems.
Features
1) Ultra-low quiescent current: 30μA (TYP.)
2) Low-saturation voltage type P-channel DMOS output transistors
3) High output voltage precision:
 2%/Iomax = 500 mA
4) Low-ESR ceramic capacitors can be used as output capacitors.
5) Vcc power supply voltage = 50 V
6) Built-in overcurrent protection circuit and thermal shutdown circuit
7) TO252-3, TO252-5, HRP5 Package
Applications
Onboard vehicle devices (body-control, car stereos, satellite navigation systems, etc.)
Line up matrix
BD3570FP/HFP BD3571FP/HFP BD3572FP/HFP BD3573FP/HFP BD3574FP/HFP BD3575FP/HFP
Output voltage
3.3V
5.0 V
Variable
3.3V
5.0 V
Variable
SW function
Package
FP:TO252-3,TO252-5
HFP:HRP5
Absolute maximum ratings (Ta=25℃)
Parameter
Symbol
Limit
Unit
Supply voltage
VCC
50
1V
Switch Supply voltage
VSW
50
2V
Output current
IO
500
mA
Power dissipation
Pd
1.2 (TO252-3) ※3
W
1.3 (TO252-5) ※4
1.6 (HRP5)
5
Operating temperature range
Topr
-40 to +125
Storage temperature range
Tstg
-55 to +150
Maximum junction
temperature
Tjmax
150
1 Not to exceed Pd and ASO.
2 for ON/OFF SW Regulator only
3 TO252-3: Reduced by 9.6 mW/℃ over 25 ℃, when mounted on a glass epoxy board (70 mm
 70 mm  1.6 mm).
4 TO252-5: Reduced by 10.4 mW/℃ over 25 ℃, when mounted on a glass epoxy board (70 mm
 70 mm  1.6 mm).
5 HRP5: Reduced by 12.8 mW/℃ over 25 ℃, when mounted on a glass epoxy board (70 mm
 70 mm  1.6 mm).
No.11036EBT02


Numéro de pièce similaire - BD3571FP

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD3571FP ROHM-BD3571FP Datasheet
327Kb / 12P
   High Voltage LDO Regulators
BD3571FP ROHM-BD3571FP Datasheet
414Kb / 12P
   High Voltage LDO Regulators
BD3571FP ROHM-BD3571FP Datasheet
252Kb / 10P
   High Voltage LDO Regulators
BD3571FP-E2 ROHM-BD3571FP-E2 Datasheet
252Kb / 10P
   High Voltage LDO Regulators
More results

Description similaire - BD3571FP

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD3570YFP-M ROHM-BD3570YFP-M Datasheet
1,022Kb / 20P
   High Voltage LDO Regulators
BD3570FP-E2 ROHM-BD3570FP-E2 Datasheet
414Kb / 12P
   High Voltage LDO Regulators
BD3571FP-E2 ROHM-BD3571FP-E2 Datasheet
252Kb / 10P
   High Voltage LDO Regulators
BD3571YFP-M ROHM-BD3571YFP-M Datasheet
1,022Kb / 20P
   High Voltage LDO Regulators
BD3575HFP-TR ROHM-BD3575HFP-TR Datasheet
327Kb / 12P
   High Voltage LDO Regulators
logo
Bookly Micro electronic
BM1117N BOOKLY-BM1117N Datasheet
599Kb / 7P
   1A Voltage High Speed LDO Regulators
logo
Torex Semiconductor
XC6207 TOREX-XC6207_1 Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217_2 Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217 Datasheet
502Kb / 30P
   HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
logo
SHANGHAI BELLING CO., L...
BL9118 BELLING-BL9118 Datasheet
187Kb / 12P
   800mA Adjustable Voltage High Speed LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com