Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD3520FVM Fiches technique(PDF) 2 Page - Rohm

No de pièce BD3520FVM
Description  Silicon Monolithic Integrated Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD3520FVM Fiches technique(HTML) 2 Page - Rohm

  BD3520FVM_11 Datasheet HTML 1Page - Rohm BD3520FVM_11 Datasheet HTML 2Page - Rohm BD3520FVM_11 Datasheet HTML 3Page - Rohm BD3520FVM_11 Datasheet HTML 4Page - Rohm BD3520FVM_11 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/4
REV. A
○ ELECTRICAL CHARACTERISTICS
(Unless otherwise specified,Ta=25℃ VCC=5V VIN=3.3V Ven=3V)
PARAMETER
SYMBOL
LIMIT
UNIT
CONDITIONS
MIN
TYP
MAX
Bias Current
ICC
-
0.85
1.7
mA
Shut Down Mode Current
IST
-
0
10
uA
Ven=0V
Output Voltage 1
Vo1
1.188
1.200
1.212
V
Io=50mA
Output Voltage 2
Vo2
1.176
1.200
1.224
V
Vcc=4.5V to 5.5V ,
Ta=-10℃ to 100℃(※)
Line Regulation
Reg.l
-
0.1
0.5
%/V
VCC=4.5V to 5.5V
Load Regulation
Reg.L
-
0.5
10
mV
Io=0 to 3A
[Enable]
High Level Enable Input
Voltage
Enhi
2
-
Vcc
V
Low Level Enable Input
Voltage
Enlow
-0.3
-
0.8
V
Enable pin Input Current
Ien
-
7
10
uA
Ven=3V
[Source Voltage]
VS Input Bias Current
ISBIAS
-
1.2
2.4
mA
VS Standby Current
ISSTB
150
-
-
mA
VS=1V Ven=0V
[Output MOSFET Driver]
MOSFET Driver Source
Current
IGSO
2
3
4
mA
VFB=1.1V,VGATE=2.5V
MOSFET Driver Sink Current
IGSI
2
3
4
mA
VFB=1.3V,VGATE=2.5V
[UVLO]
VCC UVLO
VccUVLO
4.20
4.35
4.50
V
Vcc:Sweep up
VCC UVLO Hysterisis
Vcchys
100
160
220
mV
Vcc:Sweep down
VD UVLO
VDUVLO
Vo×0.6
Vo×0.7
Vo×0.8
V
VD:Sweep up
[Drain Voltage Sensing]
VD Input bias Current
Ivd
10
16
22
uA
[NRCS/SCP]
NRCS Charge Current
Inrcs
14
20
26
uA
VNRCS=0.5V
SCP Charge Current
Iscpch
14
20
26
uA
VNRCS=0.5V
SCP Discharge Current
IscpDi
0.3
-
-
mA
VNRCS=0.5V
SCP Threshold Voltage
Vscp
1.2
1.3
1.4
V
Short Detect Voltage
Voscp
Vo×0.3 Vo×0.35 Vo×0.4
V
NRCS Stand-by Voltage
VSTB
-
-
50
mV
(※)
Design Guarantee


Numéro de pièce similaire - BD3520FVM_11

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD3520FVM ROHM-BD3520FVM Datasheet
355Kb / 5P
   silicon monolithic integrated circuit
More results

Description similaire - BD3520FVM_11

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com