Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD3502FVM Fiches technique(PDF) 7 Page - Rohm

No de pièce BD3502FVM
Description  Nch FET Ultra LDO Controllers for PC Chipsets
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD3502FVM Fiches technique(HTML) 7 Page - Rohm

Back Button BD3502FVM Datasheet HTML 3Page - Rohm BD3502FVM Datasheet HTML 4Page - Rohm BD3502FVM Datasheet HTML 5Page - Rohm BD3502FVM Datasheet HTML 6Page - Rohm BD3502FVM Datasheet HTML 7Page - Rohm BD3502FVM Datasheet HTML 8Page - Rohm BD3502FVM Datasheet HTML 9Page - Rohm BD3502FVM Datasheet HTML 10Page - Rohm BD3502FVM Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
BD3504FVM,BD3500FVM,BD3501FVM,BD3502FVM
Technical Note
7/16
www.rohm.com
2010.05 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Block Diagram
BD3500FVM/BD3501FVM/BD3502FVM
Reference
Block
Thermal
Protection
UVLO1
VREF
VREF
SCP
SCP
GND
VFB
G
VIN
VIN
Vo
VREF
UVLO2
NRCS
VCC
VCC
EN
Enabe
VREF
TSD
SCP
UVLO1
UVLO2
NRCS
TSD
41
5
7
6
2
3
8
BD3504FVM
8
Reference
Block
Thermal
Protection
VCC
VCC
UVLO1
VD
UVLO
LATCH
UVLO2
UVLO1
EN
TSD
SCP
UVLO1
UVLO2
EN
NRCS
0.65V
VFB
G
VD
VS
R2
R1
VIN
Vo
EN
Enable
0.65V
NRCS
SCP
SCP
GND
NRCS
NRCS
0.65V
R1’
R2’
TSD
VREF
4
3
1
2
5
6
7
8


Numéro de pièce similaire - BD3502FVM

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD3502FVM ROHM-BD3502FVM Datasheet
260Kb / 6P
   Single Channel Series Regulator Driver IC
BD3502FVM ROHM-BD3502FVM Datasheet
681Kb / 17P
   Ultra Low Dropout Linear Regulator Controllers for PC Chipsets
More results

Description similaire - BD3502FVM

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD3506F ROHM-BD3506F_10 Datasheet
534Kb / 15P
   Nch FET Ultra LDO for PC Chipsets
BD3507HFV ROHM-BD3507HFV_10 Datasheet
479Kb / 16P
   Nch FET Ultra LDO for PC Chipsets
BD3509MUV ROHM-BD3509MUV_10 Datasheet
665Kb / 21P
   Nch FET Ultra LDO for PC Chipsets
BD3504FVM ROHM-BD3504FVM_08 Datasheet
681Kb / 17P
   Ultra Low Dropout Linear Regulator Controllers for PC Chipsets
BD35281HFN ROHM-BD35281HFN_11 Datasheet
384Kb / 16P
   Nch FET Ultra LDO for Desktop PCs
BD3540NUV ROHM-BD3540NUV_09 Datasheet
642Kb / 17P
   Nch FET Ultra LDOs for Desktop PCs Chipsets with Power Good
BD3507HFV ROHM-BD3507HFV_08 Datasheet
633Kb / 16P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3506F ROHM-BD3506F_08 Datasheet
702Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3508MUV ROHM-BD3508MUV_09 Datasheet
689Kb / 21P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3523HFN ROHM-BD3523HFN_09 Datasheet
788Kb / 21P
   Nch FET Ultra LDOs for Desktop PCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com