Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD3021HFP-M Fiches technique(PDF) 8 Page - Rohm

No de pièce BD3021HFP-M
Description  Regulator with Voltage Detector and Watchdog Timer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD3021HFP-M Fiches technique(HTML) 8 Page - Rohm

Back Button BD3021HFP-M_10 Datasheet HTML 4Page - Rohm BD3021HFP-M_10 Datasheet HTML 5Page - Rohm BD3021HFP-M_10 Datasheet HTML 6Page - Rohm BD3021HFP-M_10 Datasheet HTML 7Page - Rohm BD3021HFP-M_10 Datasheet HTML 8Page - Rohm BD3021HFP-M_10 Datasheet HTML 9Page - Rohm BD3021HFP-M_10 Datasheet HTML 10Page - Rohm BD3021HFP-M_10 Datasheet HTML 11Page - Rohm BD3021HFP-M_10 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Technical Note
8/14
BD3021HFP-M
www.rohm.com
2010.11 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
WDT timer ON/OFF switch INH (Resistance value is typical value)
BD3021HFP-M has a switch INH to turn the WDT ON/OFF
IC Internal Block Diagram
By using INH ON, CT potential can be pulled up to internal voltage VREF_R (invalid with power ON reset))
Timing Chart>
CT
CLK
RESET
CT pull up Voltgge
Upper switching threshold voltage
lower switching threshold voltage
WDT ON
Vcc
VOUT
13.5V
0V
5V
0V
1.15V
0.15V
0V
0V
0V
OUT voltage
1.25V
5V
0V
5V
INH
LOW
WDT
ON
WDT
OFF
HIGH
INH
CT
500kΩ
VREF_R
(TYP≒1.25V)
10kΩ
ON/OFF
Circuit
External Capacitor


Numéro de pièce similaire - BD3021HFP-M_10

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD3021HFP-M ROHM-BD3021HFP-M Datasheet
135Kb / 5P
   Voltage Regulator with Watchdog Timer Reset
More results

Description similaire - BD3021HFP-M_10

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD3010AFV-M ROHM-BD3010AFV-M Datasheet
561Kb / 22P
   Regulator with Voltage Detector and Watchdog Timer
BD37A19FVM ROHM-BD37A19FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A28FVM ROHM-BD87A28FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD37A41FVM ROHM-BD37A41FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A41FVM ROHM-BD87A41FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD99A41F ROHM-BD99A41F Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A29FVM ROHM-BD87A29FVM Datasheet
323Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A34FVM ROHM-BD87A34FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD3004HFP ROHM-BD3004HFP_06 Datasheet
1Mb / 9P
   Regulators with Voltage Detector and Watchdog Timer
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com