Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD2226G Fiches technique(PDF) 10 Page - Rohm

No de pièce BD2226G
Description  1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD2226G Fiches technique(HTML) 10 Page - Rohm

Back Button BD2226G Datasheet HTML 5Page - Rohm BD2226G Datasheet HTML 6Page - Rohm BD2226G Datasheet HTML 7Page - Rohm BD2226G Datasheet HTML 8Page - Rohm BD2226G Datasheet HTML 9Page - Rohm BD2226G Datasheet HTML 10Page - Rohm BD2226G Datasheet HTML 11Page - Rohm BD2226G Datasheet HTML 12Page - Rohm BD2226G Datasheet HTML 13Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Technical Note
10/12
BD2226G, BD2227G
www.rohm.com
2011.05 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Typical Application Circuit
Controller
10kΩ~
100kΩ
CL
CIN
VIN
GND
EN(/EN)
VOUT
/OC
5V (Typ.)
Ferrite
Beads
+
-
Fig.42 Typical application circuit
Application Information
When excessive current flows owing to output shortcircuit or so, ringing occurs by inductance of power source line to IC,
and may cause bad influences upon IC actions. In order to avoid this case, connect a bypath capacitor CIN by VIN terminal
and GND terminal of IC. 1μF or higher is recommended.
Pull up /OC output by resistance 10kΩ ~ 100kΩ.
Set up value which satisfies the application as CL and Ferrite Beads.
This system connection diagram doesn’t guarantee operating as the application.
The external circuit constant and so on is changed and it uses, in which there are adequate margins by taking into account
external parts or dispersion of IC including not only static characteristics but also transient characteristics.
Power Dissipation Characteristic
(SSOP5 package)
Fig.43 Power Dissipation Curve (Pd-Ta Curve)
* 70mm x 70mm x 1.6mm Glass Epoxy Board
0
100
200
300
400
500
600
700
0
25
50
75
100
125
150
AMBIENT TEMPERATURE : Ta [℃]
85


Numéro de pièce similaire - BD2226G

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD2226G ROHM-BD2226G Datasheet
930Kb / 26P
   1.0A Current Limit High Side Switch ICs
BD2226G-LB ROHM-BD2226G-LB Datasheet
539Kb / 24P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G-LBTR ROHM-BD2226G-LBTR Datasheet
539Kb / 24P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G-TR ROHM-BD2226G-TR Datasheet
930Kb / 26P
   1.0A Current Limit High Side Switch ICs
BD2226G ROHM-BD2226G_14 Datasheet
930Kb / 26P
   1.0A Current Limit High Side Switch ICs
More results

Description similaire - BD2226G

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD2232G ROHM-BD2232G Datasheet
324Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2248G ROHM-BD2248G Datasheet
646Kb / 23P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G-LB ROHM-BD2226G-LB Datasheet
539Kb / 24P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2240G ROHM-BD2240G Datasheet
309Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2246G ROHM-BD2246G Datasheet
299Kb / 14P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2220G ROHM-BD2220G_11 Datasheet
359Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2224G-LB ROHM-BD2224G-LB Datasheet
609Kb / 24P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2224G ROHM-BD2224G_11 Datasheet
359Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2041AFJ ROHM-BD2041AFJ_11 Datasheet
449Kb / 19P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2061AFJ ROHM-BD2061AFJ_11 Datasheet
314Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com