Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD00KA5WFP Fiches technique(PDF) 1 Page - Rohm

No de pièce BD00KA5WFP
Description  500mA Secondary LDO Regulators for Local Power Supplies
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD00KA5WFP Fiches technique(HTML) 1 Page - Rohm

  BD00KA5WFP Datasheet HTML 1Page - Rohm BD00KA5WFP Datasheet HTML 2Page - Rohm BD00KA5WFP Datasheet HTML 3Page - Rohm BD00KA5WFP Datasheet HTML 4Page - Rohm BD00KA5WFP Datasheet HTML 5Page - Rohm BD00KA5WFP Datasheet HTML 6Page - Rohm BD00KA5WFP Datasheet HTML 7Page - Rohm BD00KA5WFP Datasheet HTML 8Page - Rohm BD00KA5WFP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/9
www.rohm.com
2009.04 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Secondary LDO Regulator Series for Local Power Supplies
500mA Secondary LDO Regulators
for Local Power Supplies
BD□□KA5,BD□□KA5W Series,BD00KA5W Series
General Description
The BD□□KA5 series are low-saturation regulators that are available for output currents up to 500mA. The output voltage
precision is ±1%. These secondary LDO regulators are offered in several output voltages and package lineups with or
without ON/OFF switches (that set the circuit current to 0μA at shutdown). This series can be used for a broad spectrum of
applications ranging from TVs and car audio systems to HDDs, PCs, and DVDs. There regulators have a built-in overcurrent
protection circuit that prevents the destruction of the IC, due to output short circuits and a thermal shutdown circuit.
Features
1) Maximum output current : 500mA
2) Output voltage precision : ±1%
3) Low-saturation voltage with PMOS output : 0.12V Typ.(Io=200mA)
4) Built-in over-current protection circuit
5) Built-in thermal shutdown circuit
6) Shutdown switch(BD□□KA5WFP and BD□□KA5WF series)
7) TO252-3,TO252-5 and SOP8 package lineup
8) Operating temperature range : -40℃ to +105℃
9) Ceramic capacitor compatible(recommended capacitance : 1μF or greater)
Applications
Microcontrollers and all electronic devices that use logic circuits
Product line up
Part Number
1.0
1.2
1.5
1.8
2.5
3.0
3.3
Variable
Package
BD□□KA5WFP
TO252-5
BD□□KA5WF
SOP8
BD□□KA5FP
-
TO252-3
Part Number:BD□□KA5□□
a
b c
Symbol
Details
a
Output Voltage Designation
□□
Output Voltage(V)
□□
Output Voltage(V)
10
1.0V(Typ.)
25
2.5V(Typ.)
12
1.2V(Typ.)
30
3.0V(Typ.)
15
1.5V(Typ.)
33
3.3V(Typ.)
18
1.8V(Typ.)
00
Variable Output Typ
b
Switch
“W” included:Built-in shutdown switch
“W” not included:No shutdown switch
c
Package
FP:TO252-5 / TO252-3
F:SOP8
No.09024EAT01


Numéro de pièce similaire - BD00KA5WFP

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD00KA5WFP ROHM-BD00KA5WFP Datasheet
210Kb / 6P
   Low ESR Capacitor Built in shut down SW, Low Dropout 500mA Regulator IC
BD00KA5WFP-E2 ROHM-BD00KA5WFP-E2 Datasheet
616Kb / 18P
   500mA Variable/Fixed Output LDO Regulators Built-in thermal shutdown circuit
BD00KA5WFP-E2 ROHM-BD00KA5WFP-E2 Datasheet
616Kb / 18P
   low-saturation regulators that are available for output currents up to 500mA.
More results

Description similaire - BD00KA5WFP

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BDXXKA5 ROHM-BDXXKA5 Datasheet
364Kb / 10P
   500mA Secondary LDO Regulators for Local Power Supplies
BD00HA5WEFJ ROHM-BD00HA5WEFJ Datasheet
457Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA5WEFJ ROHM-BD00GA5WEFJ Datasheet
463Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BAXXBC0 ROHM-BAXXBC0_10 Datasheet
392Kb / 10P
   1A Secondary LDO Regulators for Local Power Supplies
BAXXJC5 ROHM-BAXXJC5_09 Datasheet
381Kb / 10P
   1.5A Secondary LDO Regulators for Local Power Supplies
BA15NC0WT ROHM-BA15NC0WT Datasheet
392Kb / 10P
   1A Secondary LDO Regulators for Local Power Supplies
BD00HC5WEFJ ROHM-BD00HC5WEFJ Datasheet
492Kb / 12P
   1.5A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA3WEFJ ROHM-BD00GA3WEFJ Datasheet
523Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HC0WEFJ ROHM-BD00HC0WEFJ Datasheet
491Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GC0WEFJ ROHM-BD00GC0WEFJ Datasheet
543Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com