Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD2200GUL Fiches technique(PDF) 4 Page - Rohm

No de pièce BD2200GUL
Description  Load Switch ICs for Portable Equipment
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD2200GUL Fiches technique(HTML) 4 Page - Rohm

  BD2200GUL_11 Datasheet HTML 1Page - Rohm BD2200GUL_11 Datasheet HTML 2Page - Rohm BD2200GUL_11 Datasheet HTML 3Page - Rohm BD2200GUL_11 Datasheet HTML 4Page - Rohm BD2200GUL_11 Datasheet HTML 5Page - Rohm BD2200GUL_11 Datasheet HTML 6Page - Rohm BD2200GUL_11 Datasheet HTML 7Page - Rohm BD2200GUL_11 Datasheet HTML 8Page - Rohm BD2200GUL_11 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Technical Note
4/9
www.rohm.com
2011.02 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
BD2200GUL, BD2201GUL
Reference Data
0
10
20
30
40
234
56
SUPPLY VOLTAGE : VIN [V]
0
10
20
30
40
-50
0
50
100
AMBIENT TEMPERATURE : Ta [°C]
0.0
0.2
0.4
0.6
0.8
1.0
23456
SUPPLY VOLTAGE : VIN [V]
0.0
0.2
0.4
0.6
0.8
1.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta [°C]
0.0
0.5
1.0
1.5
2.0
23
45
6
SUPPLY VOLTAGE : VIN [V]
0.0
0.5
1.0
1.5
2.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta [°C]
0
50
100
150
200
234
56
SUPPLY VOLTAGE : VIN [V]
0
50
100
150
200
-50
0
50
100
AMBIENT TEMPERATURE : Ta [°C]
0
50
100
150
200
0
100
200
300
400
500
600
OUTPUT CURRENT : ILO [mA]
0.0
0.4
0.8
1.2
1.6
2.0
23
456
SUPPLY VOLTAGE : VIN [V]
0.0
0.4
0.8
1.2
1.6
2.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta [°C]
0.0
0.4
0.8
1.2
1.6
2.0
2.4
23456
SUPPLY VOLTAGE : VIN [V]
Ta=25℃
Ta=25℃
Ta=25℃
Ta=25℃
ILO=100mA
Ta=25℃
RL=10Ω
VIN=3.3V
VIN=3.3V
VIN=3.3V
VIN=3.3V
RL=10Ω
VIN=3.3V
ILO=100mA
VIN=3.3V
Ta=25℃
Ta=25℃
RL=10Ω
Fig.3 Operating current
EN enable
Fig.4 Operating current
EN enable
Fig.5 Standby current
EN disable
Fig.6 Standby current
EN disable
Fig.7 EN input voltage
Fig.8 EN input voltage
Fig.9 On-resistance vs. VIN
Fig.10 On-resistance vs. temperature
Fig.11 On-resistance vs. ILO
Fig.12 Output rise time
Fig.13 Output rise time
Fig.14 Output turn-on time


Numéro de pièce similaire - BD2200GUL_11

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD2200GUL ROHM-BD2200GUL_14 Datasheet
1,004Kb / 22P
   0.5A, 1.0A Load Switch ICs
More results

Description similaire - BD2200GUL_11

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD2202G-LB ROHM-BD2202G-LB Datasheet
542Kb / 25P
   Load Switch ICs for Portable Equipment
BD2202G ROHM-BD2202G_11 Datasheet
469Kb / 13P
   Load Switch ICs for Portable Equipment
BD6520F ROHM-BD6520F_11 Datasheet
422Kb / 17P
   Load Switch ICs for Portable Equipment
BD6528HFV ROHM-BD6528HFV_11 Datasheet
316Kb / 12P
   Load Switch ICs for Portable Equipment
BD6524HFV ROHM-BD6524HFV_11 Datasheet
392Kb / 10P
   Load Switch IC for Portable Equipment
logo
Guangdong Youtai Semico...
FDV301N UMW-FDV301N Datasheet
390Kb / 7P
   Load Switch for Portable Applications
logo
Sanyo Semicon Device
LV2400X SANYO-LV2400X Datasheet
249Kb / 1P
   Ultraminiature FM Radio ICs for Portable Equipment LV2400X Series
logo
Rohm
BD2200GUL ROHM-BD2200GUL_14 Datasheet
1,004Kb / 22P
   0.5A, 1.0A Load Switch ICs
BD6524HFV ROHM-BD6524HFV_14 Datasheet
821Kb / 21P
   0.5A Current Load Switch ICs
BD6528HFV ROHM-BD6528HFV_14 Datasheet
1Mb / 26P
   0.5A Current Load Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com