Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD2055AFJ Fiches technique(PDF) 3 Page - Rohm

No de pièce BD2055AFJ
Description  1ch High Side Switch ICs for USB Devices and Memory Cards
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD2055AFJ Fiches technique(HTML) 3 Page - Rohm

  BD2055AFJ Datasheet HTML 1Page - Rohm BD2055AFJ Datasheet HTML 2Page - Rohm BD2055AFJ Datasheet HTML 3Page - Rohm BD2055AFJ Datasheet HTML 4Page - Rohm BD2055AFJ Datasheet HTML 5Page - Rohm BD2055AFJ Datasheet HTML 6Page - Rohm BD2055AFJ Datasheet HTML 7Page - Rohm BD2055AFJ Datasheet HTML 8Page - Rohm BD2055AFJ Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
BD2045AFJ, BD2055AFJ
Technical Note
3/12
www.rohm.com
2011.06 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
Measurement circuit
EN(/EN)
OUT
/OC
IN
GND
VIN
IN
OUT
OUT
1uF
A
VEN(V/EN)
EN(/EN)
OUT
/OC
IN
GND
VIN
RL
CL
IN
OUT
OUT
1uF
VEN(V/EN)
Operating current
EN, /EN input voltage, Output rise, fall time
EN(/EN)
OUT
/OC
IN
GND
VIN
CL
IN
OUT
OUT
1uF
IOUT
VIN
10k
VEN(V/EN)
EN(/EN)
OUT
/OC
IN
GND
VIN
IN
OUT
OUT
1uF
I/OC
VIN
VEN(V/EN)
ON resistance, Over current detection
/OC output LOW voltage
Fig.1 Measurement circuit
Timing diagram
BD2045AFJ
BD2055AFJ
TON2
TON1
10%
90%
50%
50%
90%
10%
TOFF2
TOFF1
VOUT
V/EN
TON2
TON1
10%
90%
50%
50%
90%
10%
TOFF2
TOFF1
VOUT
VEN
Fig.2 Timing diagram
Fig.3 Timing diagram


Numéro de pièce similaire - BD2055AFJ

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD2055AFJ ROHM-BD2055AFJ Datasheet
312Kb / 6P
   Silicon monolithic integrated circuit USB high side switch IC
BD2055AFJ ROHM-BD2055AFJ Datasheet
366Kb / 13P
   1ch Small Current Output USB High Side Switch ICs
BD2055AFJ-E2 ROHM-BD2055AFJ-E2 Datasheet
1Mb / 26P
   0.5A Current Limit High Side Switch ICs
More results

Description similaire - BD2055AFJ

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD2041AFJ ROHM-BD2041AFJ_11 Datasheet
449Kb / 19P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2061AFJ ROHM-BD2061AFJ_11 Datasheet
314Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82061FVJ ROHM-BD82061FVJ_11 Datasheet
399Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82000FVJ ROHM-BD82000FVJ_11 Datasheet
408Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2232G ROHM-BD2232G Datasheet
324Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2248G ROHM-BD2248G Datasheet
646Kb / 23P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2220G ROHM-BD2220G_11 Datasheet
359Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G ROHM-BD2226G Datasheet
310Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G-LB ROHM-BD2226G-LB Datasheet
539Kb / 24P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2240G ROHM-BD2240G Datasheet
309Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com