Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD2045AFJ Fiches technique(PDF) 2 Page - Rohm

No de pièce BD2045AFJ
Description  1ch High Side Switch ICs for USB Devices and Memory Cards
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD2045AFJ Fiches technique(HTML) 2 Page - Rohm

  BD2045AFJ Datasheet HTML 1Page - Rohm BD2045AFJ Datasheet HTML 2Page - Rohm BD2045AFJ Datasheet HTML 3Page - Rohm BD2045AFJ Datasheet HTML 4Page - Rohm BD2045AFJ Datasheet HTML 5Page - Rohm BD2045AFJ Datasheet HTML 6Page - Rohm BD2045AFJ Datasheet HTML 7Page - Rohm BD2045AFJ Datasheet HTML 8Page - Rohm BD2045AFJ Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
BD2045AFJ, BD2055AFJ
Technical Note
2/12
www.rohm.com
2011.06 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
Operating conditions
Parameter
Symbol
Ratings
Unit
Operating voltage
VIN
2.7 to 5.5
V
Operating temperature
TOPR
-40 to 85
°C
Continuous output current
ILO
0 to 250
mA
Electrical characteristics
BD2045AFJ (Unless otherwise specified, VIN = 5.0V, Ta = 25°C)
Parameter
Symbol
Limits
Unit
Condition
Min.
Typ.
Max.
Operating Current
IDD
-
90
120
μA
V/EN = 0V, OUT = OPEN
Standby Current
ISTB
-
0.01
1
μA
V/EN = 5V, OUT = OPEN
/EN input voltage
V/EN
2.0
-
-
V
High input
V/EN
-
-
0.8
V
Low input
-
-
0.4
V
Low input 2.7V≤ VIN ≤4.5V
/EN input current
I/EN
-1.0
0.01
1.0
μA
V/EN = 0V or V/EN = 5V
/OC output LOW voltage
V/OC
-
-
0.5
V
I/OC = 5mA
/OC output leak current
IL/OC
-
0.01
1
μA
V/OC = 5V
ON resistance
RON
-
80
100
mΩ
IOUT = 250mA
Output current at short
ISC
0.3
0.5
0.7
A
VIN = 5V, VOUT = 0V,
CL = 100μF (RMS)
Output rise time
TON1
-
1.2
10
ms
RL = 20Ω , CL = OPEN
Output turn on time
TON2
-
1.5
20
ms
Output fall time
TOFF1
-
1
20
μs
Output turn off time
TOFF2
-
3
40
μs
UVLO threshold
VTUVH
2.1
2.3
2.5
V
Increasing VIN
VTUVL
2.0
2.2
2.4
V
Decreasing VIN
BD2055AFJ (Unless otherwise specified, VIN = 5.0V, Ta = 25°C)
Parameter
Symbol
Limits
Unit
Condition
Min.
Typ.
Max.
Operating Current
IDD
-
90
120
μA
VEN = 5V, OUT = OPEN
Standby Current
ISTB
-
0.01
1
μA
VEN = 0V, OUT = OPEN
EN input voltage
VEN
2.0
-
-
V
High input
VEN
-
-
0.8
V
Low input
-
-
0.4
V
Low input 2.7V≤ VIN ≤4.5V
EN input current
IEN
-1.0
0.01
1.0
μA
VEN = 0V or VEN = 5V
/OC output LOW voltage
V/OC
-
-
0.5
V
I/OC = 5mA
/OC output leak current
IL/OC
-
0.01
1
μA
V/OC = 5V
ON resistance
RON
-
80
100
mΩ
IOUT = 250mA
Output current at short
ISC
0.3
0.5
0.7
A
VIN = 5V, VOUT = 0V,
CL = 100μF (RMS)
Output rise time
TON1
-
1.2
10
ms
RL = 20Ω , CL = OPEN
Output turn on time
TON2
-
1.5
20
ms
Output fall time
TOFF1
-
1
20
μs
Output turn off time
TOFF2
-
3
40
μs
UVLO Threshold
VTUVH
2.1
2.3
2.5
V
Increasing VIN
VTUVL
2.0
2.2
2.4
V
Decreasing VIN


Numéro de pièce similaire - BD2045AFJ

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD2045AFJ ROHM-BD2045AFJ Datasheet
315Kb / 6P
   Silicon monolithic integrated circuit USB high side switch IC
BD2045AFJ ROHM-BD2045AFJ Datasheet
366Kb / 13P
   1ch Small Current Output USB High Side Switch ICs
BD2045AFJ ROHM-BD2045AFJ Datasheet
1Mb / 26P
   0.5A Current Limit High Side Switch ICs
BD2045AFJ-E2 ROHM-BD2045AFJ-E2 Datasheet
1Mb / 26P
   0.5A Current Limit High Side Switch ICs
BD2045AFJ ROHM-BD2045AFJ_09 Datasheet
366Kb / 13P
   1ch Small Current Output USB High Side Switch ICs
More results

Description similaire - BD2045AFJ

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD2041AFJ ROHM-BD2041AFJ_11 Datasheet
449Kb / 19P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2061AFJ ROHM-BD2061AFJ_11 Datasheet
314Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82061FVJ ROHM-BD82061FVJ_11 Datasheet
399Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82000FVJ ROHM-BD82000FVJ_11 Datasheet
408Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2232G ROHM-BD2232G Datasheet
324Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2248G ROHM-BD2248G Datasheet
646Kb / 23P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2220G ROHM-BD2220G_11 Datasheet
359Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G ROHM-BD2226G Datasheet
310Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G-LB ROHM-BD2226G-LB Datasheet
539Kb / 24P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2240G ROHM-BD2240G Datasheet
309Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com