Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD2041AFJ Fiches technique(PDF) 9 Page - Rohm

No de pièce BD2041AFJ
Description  1ch High Side Switch ICs for USB Devices and Memory Cards
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD2041AFJ Fiches technique(HTML) 9 Page - Rohm

Back Button BD2041AFJ Datasheet HTML 5Page - Rohm BD2041AFJ Datasheet HTML 6Page - Rohm BD2041AFJ Datasheet HTML 7Page - Rohm BD2041AFJ Datasheet HTML 8Page - Rohm BD2041AFJ Datasheet HTML 9Page - Rohm BD2041AFJ Datasheet HTML 10Page - Rohm BD2041AFJ Datasheet HTML 11Page - Rohm BD2041AFJ Datasheet HTML 12Page - Rohm BD2041AFJ Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
BD2041AFJ,BD2051AFJ,BD6519FJ
Technical Note
9/18
www.rohm.com
2011.05 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Fig.52 Output turn on delay time
Fig.53 Output turn on delay time
Fig.56 Output turn off delay time
0.0
1.0
2.0
3.0
4.0
5.0
23
4
56
SUPPLY VOLTAGE : VDD[V]
Ta=25°C
0.0
1.0
2.0
3.0
4.0
5.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VDD=5.0V
Fig.54 Output fall time
Fig.55 Output fall time
0.0
1.0
2.0
3.0
4.0
5.0
23
45
6
SUPPLY VOLTAGE : VDD[V]
Ta=25°C
0.0
1.0
2.0
3.0
4.0
5.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VDD=5.0V
0.0
1.0
2.0
3.0
4.0
5.0
23
4
5
6
SUPPLY VOLTAGE : VDD[V]
Ta=25°C
0.0
1.0
2.0
3.0
4.0
5.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VDD=5.0V
Fig.57 Output turn off delay time
2.1
2.2
2.3
2.4
2.5
2.6
2.7
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VTUVH
VTUVL
Fig.58 UVLO threshold voltage
0.0
0.2
0.4
0.6
0.8
1.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
Fig.59 UVLO hysteresis voltage
Fig.50 Output rise time
0.0
1.0
2.0
3.0
4.0
5.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VDD=5.0V
Fig.51 Output rise time
0.0
1.0
2.0
3.0
4.0
5.0
23
4
56
SUPPLY VOLTAGE : VDD[V]
Ta=25°C
Fig.48 FLAG output delay
Fig.49 FLAG output delay
0.0
1.0
2.0
3.0
4.0
5.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VDD=5.0V
0.0
1.0
2.0
3.0
4.0
5.0
23
456
SUPPLY VOLTAGE : VDD[V]
Ta=25°C


Numéro de pièce similaire - BD2041AFJ

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD2041AFJ ROHM-BD2041AFJ Datasheet
315Kb / 6P
   Silicon monolithic integrated circuit USB high side switch IC
BD2041AFJ ROHM-BD2041AFJ Datasheet
481Kb / 19P
   1ch Large Current Output USB High Side Switch ICs
BD2041AFJ ROHM-BD2041AFJ Datasheet
682Kb / 25P
   1.0A Current Limit High Side Switch ICs
BD2041AFJ-E2 ROHM-BD2041AFJ-E2 Datasheet
1Mb / 26P
   1.0A Current Limit High Side Switch ICs
BD2041AFJ-E2 ROHM-BD2041AFJ-E2 Datasheet
682Kb / 25P
   1.0A Current Limit High Side Switch ICs
More results

Description similaire - BD2041AFJ

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD2061AFJ ROHM-BD2061AFJ_11 Datasheet
314Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82061FVJ ROHM-BD82061FVJ_11 Datasheet
399Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2045AFJ ROHM-BD2045AFJ_11 Datasheet
334Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82000FVJ ROHM-BD82000FVJ_11 Datasheet
408Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2232G ROHM-BD2232G Datasheet
324Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2248G ROHM-BD2248G Datasheet
646Kb / 23P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2220G ROHM-BD2220G_11 Datasheet
359Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G ROHM-BD2226G Datasheet
310Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G-LB ROHM-BD2226G-LB Datasheet
539Kb / 24P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2240G ROHM-BD2240G Datasheet
309Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com