Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD1754HFN Fiches technique(PDF) 9 Page - Rohm

No de pièce BD1754HFN
Description  Constant Current Backlight Driver for LCD Panels (Non-step-up Type)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD1754HFN Fiches technique(HTML) 9 Page - Rohm

Back Button BD1754HFN Datasheet HTML 4Page - Rohm BD1754HFN Datasheet HTML 5Page - Rohm BD1754HFN Datasheet HTML 6Page - Rohm BD1754HFN Datasheet HTML 7Page - Rohm BD1754HFN Datasheet HTML 8Page - Rohm BD1754HFN Datasheet HTML 9Page - Rohm BD1754HFN Datasheet HTML 10Page - Rohm BD1754HFN Datasheet HTML 11Page - Rohm BD1754HFN Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Technical Note
9/11
BD1754HFN
www.rohm.com
2011.06 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
(7) Circuit example when connecting the two LEDs to each of the channels in series
VIN
ISET
GND
Current
DAC
UPIC
6
EN
L4
L3
L2
L1
Power Supply2=6.2~7V
0.1µF
120kΩ
The voltage value of L* pin must
be VIN-1.4 V at the maximum
when the LED is powered ON.
Power Supply1
(When ILED-max=32mA)
(Maximum rating = 7.0 V)
On the assumption that Vf is 3 V
(Ex.)
Fig.20
Circuit example when connecting the two LEDs to each of the channels in series
This figure shows a circuit example when making 8 (2 x 4) LEDs available by connecting two LEDs to each of the
channels in series. In this example, when Vf is set to approx. 3 V in order to ensure the voltage to L1 through L4 pins,
it is necessary to apply a voltage of 6.2 V (3 V x 2 LEDs in series + 0.2 V of the minimum voltage value of the driver
pin) or higher to the LED anode pin as its power supply voltage. Pay attention that the voltage should not exceed the
7.0-V maximum rating of the L1 through L4 pins. Determine the resistance value with which the LED current value is
maximized and then connect such resistor between the ISET and the GND pins. The power ON/OFF and the
brightness of the LEDs are controlled through the EN pin in accordance with the UPIC format.
Application Component Selection
<Capacitor>
Symbol
Recommended value
Recommended component
Manufacturer
Cin
0.1µF
GRM188B31H104KA92B
MURATA
<Resistor>
Symbol
Recommended value
Recommended component
Manufacturer
RISET
120kΩ
MCR10PZHZF1203
ROHM
Recommended PCB Layout
Design PCB pattern to provide low impedance for the wiring to the power supply line.
Also, provide a bypass capacitor if needed.
Fig.21
Layout image of the application components (Top View)
Fig.22
Surface (Top View)
L4
L2
L1
L3
EN
ISET
VIN
GND
EN
GND
Cin
RISET
LED_PWR
VIN
LED_PWR
EN
GND
VIN
RISET
Connect
Cin
input-bypass
capacitor in close proximity
between the VIN and GND pins.
Connect the RISET resistor in
close proximity to the ISET pin.


Numéro de pièce similaire - BD1754HFN

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD1754HFN ROHM-BD1754HFN Datasheet
379Kb / 19P
   Constant Current LED Driver with 64 Dimming Steps for up to 4 LEDs
BD1754HFN ROHM-BD1754HFN Datasheet
1Mb / 21P
   Constant Current LED Driver
BD1754HFN ROHM-BD1754HFN Datasheet
379Kb / 19P
   Constant Current LED Driver with 64 Dimming Steps for up to 4 LEDs
BD1754HFN-TR ROHM-BD1754HFN-TR Datasheet
379Kb / 19P
   Constant Current LED Driver with 64 Dimming Steps for up to 4 LEDs
BD1754HFN-TR ROHM-BD1754HFN-TR Datasheet
1Mb / 21P
   Constant Current LED Driver
More results

Description similaire - BD1754HFN

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD9206EFV ROHM-BD9206EFV Datasheet
416Kb / 13P
   Simple Structure Constant Current Backlight Driver for LCD panels (Non-step type)
BD9206EFV ROHM-BD9206EFV_14 Datasheet
1Mb / 21P
   Simple Structure Constant Current Backlight Driver for LCD panels
BD1603NUV ROHM-BD1603NUV_11 Datasheet
324Kb / 9P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1601MUV ROHM-BD1601MUV_11 Datasheet
316Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1206GUL ROHM-BD1206GUL Datasheet
392Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD82103GWL ROHM-BD82103GWL_11 Datasheet
287Kb / 10P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1204GWL ROHM-BD1204GWL Datasheet
412Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1606MVV ROHM-BD1606MVV_11 Datasheet
306Kb / 12P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
logo
New Japan Radio
NJW4610 NJRC-NJW4610 Datasheet
153Kb / 1P
   Constant Current Type White LED Driver for Backlight
logo
Rohm
BD6088GUL ROHM-BD6088GUL_11 Datasheet
821Kb / 52P
   Mulitifunction Backlight LED Driver for Small LCD Panels (Charge Pump Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com