Moteur de recherche de fiches techniques de composants électroniques |
|
BA3404FVM Fiches technique(PDF) 9 Page - Rohm |
|
BA3404FVM Fiches technique(HTML) 9 Page - Rohm |
9 / 26 page Technical Note BA10358F/FV, BA10324AF/FV, BA2904SF/FV/FVM, BA2904F/FV/FVM BA2902SF/FV/KN, BA2902F/FV/KN, BA3404F/FVM 9/25 www.rohm.com 2011.08 - Rev.B © 2011 ROHM Co., Ltd. All rights reserved. ○ BA10324A family 0 5 10 15 20 25 30 35 0 5 10 15 20 25 30 35 SUPPLY VOLTAGE [V] -40℃ 25℃ 85℃ BA10324A family 0 1 2 3 4 5 -50 -250 255075 100 AMBIENT TEMPERATURE[℃] BA10324A family 0 10 20 30 40 50 01 2 3 45 OUTPUT VOLTAGE [V] -40℃ 25℃ 85℃ BA10324A family 0 200 400 600 800 1000 025 50 75 100 125 AMBIENT TEMPERTURE [℃] . 0.0 0.4 0.8 1.2 1.6 2.0 0 5 10 15 20 25 30 35 SUPPLY VOLTAGE [V] 25℃ 85℃ BA10324A family -40℃ 0 0.4 0.8 1.2 1.6 2 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE [℃] BA10324A family 3V 32V 5V BA10324AFV BA10324A family BA10324AF Supply Current - Supply Voltage Supply Current - Ambient Temperature Derating Curve Maximum Output Voltage - Supply Voltage (RL=10[kΩ]) Maximum Output Voltage - Ambient Temperature (VCC=5[V],RL=2[kΩ]) Output Source Current - Output Voltage (VCC=5[V]) Output Source Current - Ambient Temperature (VOUT=0[V]) Output Sink Current - Output Voltage (VCC=5[V]) -40℃ 25℃ Output Sink Current - Ambient Temperature (VOUT=VCC) 3V 5V Low Level Sink Current - Supply Voltage (VOUT=0.2[V]) Low Level Sink Current - Ambient Temperature (VOUT=0.2[V]) Input Offset Voltage - Supply Voltage (Vicm=0[V], VOUT=1.4[V]) Fig. 25 Fig. 26 Fig. 27 Fig. 28 Fig. 29 Fig. 30 Fig. 31 Fig. 32 Fig. 33 Fig. 34 Fig. 35 Fig. 36 85 0 10 20 30 40 -50 -25 0 25 50 75 100 AMBIENT TEMPERAURE [℃] 0.001 0.01 0.1 1 10 100 0.0 0.4 0.8 1.2 1.6 2.0 OUTPUT VOLTAGE [V] 0 10 20 30 40 50 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE [℃] 15V 3V 5V BA10324A family 85℃ BA10324A family 15V BA10324A family 0 10 20 30 40 50 60 0 5 10 15 20 25 30 35 SUPPLY VOLTAGE [V] -40℃ 85℃ 25℃ BA10324A family 0 10 20 30 40 50 60 -50 -25 0 255075 100 AMBIENT TEMPERATURE [℃] 32V 5V 3V BA10324A family -8 -6 -4 -2 0 2 4 6 8 0 5 10 15 20 25 30 35 SUPPLY VOLTAGE [V] -40℃ 25℃ 85℃ BA10324A family |
Numéro de pièce similaire - BA3404FVM |
|
Description similaire - BA3404FVM |