Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA3835F Fiches technique(PDF) 1 Page - Rohm

No de pièce BA3835F
Description  Silicon Monolithic Integrated Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA3835F Fiches technique(HTML) 1 Page - Rohm

  BA3835F_11 Datasheet HTML 1Page - Rohm BA3835F_11 Datasheet HTML 2Page - Rohm BA3835F_11 Datasheet HTML 3Page - Rohm BA3835F_11 Datasheet HTML 4Page - Rohm BA3835F_11 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/4
REV. G
Structure :
Silicon Monolithic Integrated Circuit
Product :
Band-pass filter for spectrum analyzer for car audio systems
Type ::
BA3835F
Function
:
1. Built-in band pass filter for spectrum analyzer. BA3835F is for 5 bands.
2. Designed for 5V microcomputer power voltage.
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Unit
Power Supply voltage
Vcc
7
V
Power dissipation
Pd
450
mW
Operating temperature
Topr
-25~+75
Storage temperature
Tstg
-55~+125
This value decreases 4.5 mW/℃ for Ta=25℃ or more.
Operating Voltage Range(Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power supply voltage
Vcc
4.5
5.0
6.5
V
Electrical Characteristics
Unless specified particularly, Ta=25℃,V
CC=5V,RL=10MΩ,VAIN=-30dBV,SEL=1)
Parameter
Symbol
Limit
Unit
Conditions
Min.
Typ.
Max.
Circuit current
I
CC
8.5
13
mA
V
AIN=0V,A,B,C,SEL=0
Maximum output level
V
OM
4.0
4.8
V
V
AIN=-14dBV,,Measured at each output
Output offset voltage
V
OS
30
150
mV
V
AIN=0V,SEL=0/1, Measured at
each output (cycle time:Ts=50ms)
Standard output level 1
V
O1
0.65
1.35
1.70
V
f
IN=105Hz,A=0,B=0,C=1
Standard output level 2
V
O2
0.65
1.35
1.70
V
f
IN=340Hz,A=0,B=1,C=0
Standard output level 3
V
O3
0.65
1.35
1.70
V
f
IN=1kHz,A=1,B=0,C=0
Standard output level 4
V
O4
0.65
1.35
1.70
V
f
IN=3.4kHz,A=1,B=1,C=0
Standard output level 5
V
O5
0.65
1.35
1.70
V
f
IN=10.5kHz,A=1,B=1,C=1
Application example
Note that ROHM cannot provide adequate confirmation of patents.
The product described in this specification is designed to be used with ordinary electronic equipment or devices (such as audio-visual
equipment, office-automation equipment, communications devices, electrical appliances, and electronic toys).
Should you intend to use this product with equipment or devices which require an extremely high level of reliability and the malfunction of which
would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel
controllers and other safety devices), please be sure to consult with our sales representative in advance.


Numéro de pièce similaire - BA3835F_11

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA3835F ROHM-BA3835F Datasheet
131Kb / 10P
   Band-pass filter for spectrum analyzer
BA3835F ROHM-BA3835F Datasheet
261Kb / 6P
   Band-pass filter for spectrum analyzer for car audio systems
More results

Description similaire - BA3835F_11

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com