Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAJ6DD0WT Fiches technique(PDF) 7 Page - Rohm

No de pièce BAJ6DD0WT
Description  Standard Fixed Output LDO Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BAJ6DD0WT Fiches technique(HTML) 7 Page - Rohm

Back Button BAJ6DD0WT Datasheet HTML 3Page - Rohm BAJ6DD0WT Datasheet HTML 4Page - Rohm BAJ6DD0WT Datasheet HTML 5Page - Rohm BAJ6DD0WT Datasheet HTML 6Page - Rohm BAJ6DD0WT Datasheet HTML 7Page - Rohm BAJ6DD0WT Datasheet HTML 8Page - Rohm BAJ6DD0WT Datasheet HTML 9Page - Rohm BAJ6DD0WT Datasheet HTML 10Page - Rohm BAJ6DD0WT Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Technical Note
7/11
www.rohm.com
2011.03 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
BA□□DD0T Series,BA□□CC0T Series,BA□□CC0FP Series
BA□□DD0WT Series,BA□□DD0HFP Series,BA□□CC0WT Series,BA□□CC0WFP Series
0.0
0.4
0.8
1.2
1.6
2.0
0
25
50
75
100
125
150
Ambient temperature:Ta(℃)
0
5
10
15
20
25
0
25
50
75
100
125
150
Ambient temperature:Ta(℃)
0
1
2
3
4
5
6
7
8
9
10
0
25
50
75
100
125
150
Ambient temperature:Ta(℃)
Mounted on a Rohm standard board
Board size : 70×70×1.6 ㎜
Copper foil area :7×7 ㎜
TO252-5θja=96.2(℃/W)
7.3W
5.5W
2.3W
(1)20.0
(2)2.0
1.30
Board size : 70×70×1.6 ㎜
3 (board contains a thermal via)
Board front copper foil area : 10.5×10.5 ㎜
2
2-layer board (back surface copper foil area :15×15 ㎜
2)
2-layer board (back surface copper foil area :70×70 ㎜
2)
4-layer board (back surface copper foil area :70×70 ㎜
2)
When using a maximum heat sick : θj-c=6.25(℃/W)
When using an IC alone : θj-6=62.5(℃/W)
Thermal Design
HRP-5
TO220FP-5
TO252-5
Fig.29
Fig.30
Fig.31
When using at temperatures over Ta=25℃, please refer to the heat reducing characteristics shown in Fig.29 through 31. The
IC characteristics are closely related to the temperature at which the IC is used and if the temperature exceeds the maximum
junction temperature TjMAX., the elements may be damaged or destroyed. From the standpoints of instantaneous destruction
and long-term operating reliability, it is necessary give sufficient consideration to IC heat. In order to protect the IC from
thermal damage, it is necessary to operate it at temperatures lower than the maximum junction temperature TjMAX of the IC.
Fig.30 shows the acceptable loss and heat reducing characteristics of the TO220FP package The portion shown by the
diagonal line is the acceptable loss range that can be used with the IC alone. Even when the ambient temperature Ta is a
normal temperature (25℃), the chip (junction) temperature Tj may be quite high so please operate the IC at temperatures
less than the acceptable loss Pd.
The method of calculating the power consumption Pc(W) is as follows.
Pc = (Vcc-Vo) × Io + Vcc × Icca
Acceptable loss Pd≦Pc
Solving this for load current IO in order to operate within the acceptable loss:
Io≦
(Please refer to Figs.8 and 20 for Icca.)
It is then possible to find the maximum load current IoMAX with respect to the applied voltage Vcc at the time of thermal design.
Calculation Example
Example 1) When Ta=85℃, Vcc=8.3V, Vo=3.3V, BA33DD0WT
Io≦
With the IC alone : θja=62.5℃/W → -16mW/℃
Io≦200mA (Icca : 2mA)
25℃=2000mW → 85℃=1040mW
Please refer to the above information and keep thermal designs within the scope of acceptable loss for all operating
temperature ranges.
The power consumption Pc of the IC when there is a short circuit (short between Vo and GND) is :
Pc=Vcc×(Icca+Ishort)
*Ishort : Short circuit current
Pd – Vcc×Icca
Vcc-Vo
1.04-8.3×Icca
5
Vcc:
Vo:
Io:
Vcca:
Input voltage
Output voltage
Load current
Circuit current


Numéro de pièce similaire - BAJ6DD0WT

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BAJ6DD0WT ROHM-BAJ6DD0WT Datasheet
402Kb / 6P
   2A Low Dropout Voltage Regulator with Shut Down Switch
BAJ6DD0WT ROHM-BAJ6DD0WT Datasheet
493Kb / 23P
   2A/1A Fixed OutputLDORegulators With ShutdownSwicth
BAJ6DD0WT ROHM-BAJ6DD0WT Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BAJ6DD0WT ROHM-BAJ6DD0WT Datasheet
493Kb / 23P
   Low-saturation regulators, available for output s up to 2A/1A.
More results

Description similaire - BAJ6DD0WT

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD80C0AFPS ROHM-BD80C0AFPS_10 Datasheet
418Kb / 13P
   Standard Fixed Output LDO Regulators
BD33C0AWFP ROHM-BD33C0AWFP Datasheet
335Kb / 13P
   Standard Fixed Output LDO Regulators with Shutdown Switch
BA33D18HFP-TR ROHM-BA33D18HFP-TR Datasheet
407Kb / 18P
   Dual Output Fixed Output LDO Regulators
BA15JC5WT ROHM-BA15JC5WT Datasheet
351Kb / 11P
   Secondary Fixed Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
BA00DD0WCP-V5 ROHM-BA00DD0WCP-V5_10 Datasheet
353Kb / 10P
   Standard Variable Output LDO Regulators
BD80C0AFPS-M ROHM-BD80C0AFPS-M Datasheet
766Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD80C0AFPS-LB ROHM-BD80C0AFPS-LB Datasheet
695Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BA3258HFP ROHM-BA3258HFP_11 Datasheet
307Kb / 9P
   Dual Output Secondary Fixed Output LDO Regulators
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com