Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL59483 Fiches technique(PDF) 4 Page - Intersil Corporation

No de pièce ISL59483
Description  Dual, 500MHz Triple, Multiplexing Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59483 Fiches technique(HTML) 4 Page - Intersil Corporation

  ISL59483 Datasheet HTML 1Page - Intersil Corporation ISL59483 Datasheet HTML 2Page - Intersil Corporation ISL59483 Datasheet HTML 3Page - Intersil Corporation ISL59483 Datasheet HTML 4Page - Intersil Corporation ISL59483 Datasheet HTML 5Page - Intersil Corporation ISL59483 Datasheet HTML 6Page - Intersil Corporation ISL59483 Datasheet HTML 7Page - Intersil Corporation ISL59483 Datasheet HTML 8Page - Intersil Corporation ISL59483 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
FN6394.2
May 21, 2007
AC GENERAL
PSRR
MUX1: Power Supply Rejection Ratio
DC, PSRR V+ and V- combined
52
56
dB
MUX2: Power Supply Rejection Ratio
DC, PSRR V+ and V- combined
45
53
dB
ISO
Channel Isolation
f = 10MHz, Ch-Ch X-Talk and Off Isolation,
CL = 1.5pF
75
dB
dG
MUX1: Differential Gain Error
NTC-7, RL = 150, CL = 1.5pF
0.02
%
MUX2: Differential Gain Error
NTC-7, RL = 150, CL = 1.2pF
0.008
%
dP
MUX1: Differential Phase Error
NTC-7, RL = 150, CL = 1.5pF
0.02
°
MUX2: Differential Phase Error
NTC-7, RL = 150, CL = 1.2pF
0.01
°
BW
Small Signal -3dB Bandwidth
VOUT = 0.2VP-P; CL = 1.5pF RL =500Ω
500
MHz
FBW
MUX1: 0.1dB Bandwidth
CL = 1.5pF RL = 500Ω
60
MHz
CL = 4.7pF RL = 500Ω
120
MHz
FBW
MUX2: 0.1dB Bandwidth
CL = 1.1pF RL = 500Ω
160
MHz
CL = 1.1pF RL = 150Ω
50
MHz
SR
MUX1: Slew Rate
25% to 75%, RL = 150Ω, Input Enabled,
CL = 1.5pF
±870
V/µs
MUX2: Slew Rate
25% to 75%, RL = 150Ω, Input Enabled,
CL = 1.5pF
±1600
V/µs
SWITCHING CHARACTERISTICS
VGLITCH
MUX1:
Channel-to-Channel Switching Glitch
VIN = 0V CL = 1.2pF
40
mVP-P
EN Switching Glitch
VIN = 0V CL = 1.2pF
300
mVP-P
HIZ Switching Glitch
VIN = 0V CL = 1.2pF
200
mVP-P
VGLITCH
MUX2:
Channel-to-Channel Switching Glitch
VIN = 0V, RL = 150Ω; CL = 2.1pF
15
mVP-P
EN Switching Glitch
VIN = 0V, RL = 150Ω; CL = 2.1pF
1800
mVP-P
HIZ Switching Glitch
VIN = 0V, RL = 150Ω; CL = 2.1pF
340
mVP-P
tSW-L-H
Channel Switching Time Low to High
1.2V logic threshold to 10% movement of
analog output
22
ns
tSW-H-L
Channel Switching Time High to Low
1.2V logic threshold to 10% movement of
analog output
25
ns
tr, tf
Rise and Fall Time
10% to 90%; VIN = 1V RL =500Ω
CL = 1.2pF
1.2
ns
10% to 90%; VIN = 0.1V RL=500Ω
CL=1.2pF
0.7
ns
ts
0.1% Settling Time
VIN = 1V RL = 500Ω CL = 1.2pF
22
ns
tpd
Propagation Delay
10% to 10%
0.73
ns
Electrical Specifications
V1+ = V2+ = +5V, V1- = V2- = -5V, GND = 0V, TA = +25°C, Input Video = 1VP-P and RL = 500Ω to GND,
CL = 5pF unless otherwise specified. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
ISL59483


Numéro de pièce similaire - ISL59483

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL59483 INTERSIL-ISL59483 Datasheet
906Kb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59483 RENESAS-ISL59483 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59483EVAL1Z RENESAS-ISL59483EVAL1Z Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Intersil Corporation
ISL59483IRZ INTERSIL-ISL59483IRZ Datasheet
906Kb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59483IRZ RENESAS-ISL59483IRZ Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
More results

Description similaire - ISL59483

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL59481 INTERSIL-ISL59481 Datasheet
515Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59483 RENESAS-ISL59483 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Intersil Corporation
ISL59482 INTERSIL-ISL59482 Datasheet
680Kb / 14P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59481 RENESAS-ISL59481 Datasheet
932Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482 RENESAS-ISL59482 Datasheet
1Mb / 15P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Intersil Corporation
ISL59483 INTERSIL-ISL59483 Datasheet
906Kb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59481 INTERSIL-ISL59481_07 Datasheet
798Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482IRZ INTERSIL-ISL59482IRZ Datasheet
797Kb / 15P
   Dual, 500MHz Triple, Multiplexing Amplifiers
August 8, 2014
logo
Renesas Technology Corp
EL4340 RENESAS-EL4340 Datasheet
998Kb / 14P
   500MHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
EL4340 INTERSIL-EL4340_10 Datasheet
815Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com