Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL54049IRUZ-T Fiches technique(PDF) 7 Page - Intersil Corporation

No de pièce ISL54049IRUZ-T
Description  Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPST Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54049IRUZ-T Fiches technique(HTML) 7 Page - Intersil Corporation

Back Button ISL54049IRUZ-T Datasheet HTML 3Page - Intersil Corporation ISL54049IRUZ-T Datasheet HTML 4Page - Intersil Corporation ISL54049IRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54049IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54049IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54049IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54049IRUZ-T Datasheet HTML 9Page - Intersil Corporation ISL54049IRUZ-T Datasheet HTML 10Page - Intersil Corporation ISL54049IRUZ-T Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
FN6469.1
June 11, 2007
Detailed Description
The ISL54048 and ISL54049 are bidirectional, dual single
pole/single throw (SPST) analog switches that offer precise
switching capability from a single 1.65V to 4.5V supply with
low on-resistance (0.29
Ω) and high speed operation
(tON = 40ns, tOFF = 20ns). The devices are especially well
suited for portable battery powered equipment due to their
low operating supply voltage (1.65V), low power
consumption (4.5µW max), low leakage currents (195nA max)
and the tiny µTQFN package. The ultra low ON-resistance
and rON flatness provide very low insertion loss and distortion
to applications that require signal reproduction.
External V+ Series Resistor
For improved ESD and latch-up immunity, Intersil
recommends adding a 100
Ω resistor in series with the V+
power supply pin of the IC (see Figure 7).
During an overvoltage transient event, such as occurs during
system level IEC 61000 ESD testing, substrate currents can
be generated in the IC that can trigger parasitic SCR
structures to turn ON, creating a low impedance path from
the V+ power supply to ground. This will result in a
significant amount of current flow in the IC which can
potentially create a latch-up state or permanently damage
the IC. The external V+ resistor limits the current during this
over-stress situation and has been found to prevent latch-up
or destructive damage for many overvoltage transient
events.
Under normal operation the sub-microamp IDD current of the
IC produces an insignificant voltage drop across the 100
Ω
series resistor resulting in no impact to switch operation or
performance.
Supply Sequencing and Overvoltage Protection
With any CMOS device, proper power supply sequencing is
required to protect the device from excessive input currents
which might permanently damage the IC. All I/O pins contain
ESD protection diodes from the pin to V+ and to GND (see
Figure 8). To prevent forward biasing these diodes, V+ must
be applied before any input signals, and the input signal
voltages must remain between V+ and GND.
If these conditions cannot be guaranteed, then precautions
must be implemented to prohibit the current and voltage at
the logic pin and signal pins from exceeding the maximum
ratings of the switch. The following two methods can be used
to provided additional protection to limit the current in the
event that the voltage at a signal pin or logic pin goes below
ground or above the V+ rail.
Logic inputs can be protected by adding a 1k
Ω resistor in
series with the logic input (see Figure 8). The resistor limits
the input current below the threshold that produces
FIGURE 5. CROSSTALK TEST CIRCUIT
FIGURE 6. CAPACITANCE TEST CIRCUIT
Test Circuits and Waveforms (Continued)
0V or V+
ANALYZER
V+
C
SIGNAL
GENERATOR
RL
GND
IN1
COM
50
Ω
N.C.
COM
Signal direction through switch is reversed, worst case values
are recorded. Repeat test for all switches.
NX1 OR NX2
NX1 OR NX2
V+
C
GND
COM
IN
IMPEDANCE
ANALYZER
0V or V+
Repeat test for all switches.
NX1 OR NX2
FIGURE 7. V+ SERIES RESISTOR FOR ENHANCED ESD AND
LATCH-UP IMMUNITY
IN
COMx
100
Ω
NX
V+
GND
C
OPTIONAL
PROTECTION
RESISTOR
ISL54048, ISL54049


Numéro de pièce similaire - ISL54049IRUZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL54049IRUZ-T INTERSIL-ISL54049IRUZ-T Datasheet
326Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPST Analog Switch
logo
Renesas Technology Corp
ISL54049IRUZ-T RENESAS-ISL54049IRUZ-T Datasheet
591Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPST Analog Switch
More results

Description similaire - ISL54049IRUZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL54048 INTERSIL-ISL54048 Datasheet
326Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPST Analog Switch
logo
Renesas Technology Corp
ISL54048 RENESAS-ISL54048 Datasheet
591Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPST Analog Switch
ISL54050 RENESAS-ISL54050 Datasheet
589Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
logo
Intersil Corporation
ISL54050IRUZ-T INTERSIL-ISL54050IRUZ-T Datasheet
290Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V,Single Supply, Dual SPDT Analog Switch
November 22, 2008
ISL8484 INTERSIL-ISL8484_07 Datasheet
330Kb / 15P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
ISL54050_0706 INTERSIL-ISL54050_0706 Datasheet
290Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
ISL8484 INTERSIL-ISL8484_06 Datasheet
326Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
ISL8484 INTERSIL-ISL8484 Datasheet
323Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
ISL8484IR INTERSIL-ISL8484IR Datasheet
320Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
May 12, 2008
ISL54050 INTERSIL-ISL54050 Datasheet
292Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com