Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL45042 Fiches technique(PDF) 5 Page - Intersil Corporation

No de pièce ISL45042
Description  LCD Module Calibrator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL45042 Fiches technique(HTML) 5 Page - Intersil Corporation

  ISL45042_11 Datasheet HTML 1Page - Intersil Corporation ISL45042_11 Datasheet HTML 2Page - Intersil Corporation ISL45042_11 Datasheet HTML 3Page - Intersil Corporation ISL45042_11 Datasheet HTML 4Page - Intersil Corporation ISL45042_11 Datasheet HTML 5Page - Intersil Corporation ISL45042_11 Datasheet HTML 6Page - Intersil Corporation ISL45042_11 Datasheet HTML 7Page - Intersil Corporation ISL45042_11 Datasheet HTML 8Page - Intersil Corporation ISL45042_11 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
FN6072.9
April 13, 2011
Application Information
The application circuit to adjust the VCOM voltage in an LCD
panel is shown in Figure 1. The ISL45042 has a 128-step
sink current resolution. The output is connected to an
external voltage divider that decreases the output VCOM
voltage as you increase the ISL45042 sink current.
CTL Pin
The adjustment of the output VCOM voltage and the
programming of the non-volatile memory are provided
through a single pin called CTL when the CE pin is high.
The output VCOM voltage is increased with a mid (VDD/2) to
high transition (0.8*VDD) on the CTL pin. The output VCOM
voltage is decreased with a mid (VDD/2) to low transition
(0.3*VDD) on the CTL pin (see Figure 8). Once the minimum
or maximum value is reached on the 128 steps, the device
will not overflow or underflow beyond that minimum or
maximum value.
Programming of the non-volatile memory occurs when the
CTL pin exceeds 4.9V. The CTL signal needs to remain
above 4.9V for more than 200µs. The level and timing
needed to program the non-volatile memory is given in
Figure 2. It then takes a maximum of 100ms for the
programming to be completed inside the device.
When the part is programmed, the counter setting is loaded
into the non-volatile memory. This value will be loaded from
the non-volatile memory during initial power-up or when the
CE pin is pulled low.
Once the programming is completed, it is recommended that
the user float the CTL pin. The CTL pin is internally tied to a
resistor network connected to ground. If left floating, the
voltage at the CTL pin will equal VDD/2. Under these
conditions, no additional pulses will be seen by the Up/Down
counter via the CTL pin. To prevent further programming,
ground the CE pin.
CTL should have a noise filter to reduce bouncing or noise
on the input that could cause unwanted counting when the
CE pin is high. The board should have an additional ESD
protection circuit, with a series 1k
Ω resistor and a shunt
0.01µF capacitor connected on the CTL pin, (see Figure 3).
To avoid unintentional adjustment, the ISL45042 guarantees
to reject CTL pulses shorter than 20µs.
During Initial Power-up (only), to avoid the possibility of a
false pulse (since the internal comparators come up in an
unknown state), the very first CTL pulse is ignored. See
Figure 8 for the timing information.
CE Pin
To adjust the output voltage, the CE pin must be pulled high
(VDD). The CE pin has an internal pull-down resistor to
prevent unwanted reprogramming of the EEPROM. To
minimize current consumption, the impedance of this resistor
is high: 400k
Ω to 5MΩ (see RINTERNAL in Figure 7).
Transitions of the CE pin are recommended to be less than
10µs.
Replacing Existing Mechanical Potentiometer
Circuits
Figure 4 shows the common adjustment mechanical circuits
and equivalent replacement with the ISL45042.
RSET
FIGURE 1. VCOM ADJUSTMENT IN AN LCD PANEL
ISL45042
SET
OUT
AVDD
R1
R2
AVDD
ISINK
VCOM
SINGLE PIXEL
CTL
CE
IN LCD PANEL
+
-
COLUMN
DRIVER
CTL VOLTAGE
TIME
4.9V
CTLPT
FIGURE 2. EEPROM PROGRAMMING
>200µs
ISL45042


Numéro de pièce similaire - ISL45042_11

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL45042A INTERSIL-ISL45042A Datasheet
141Kb / 8P
   LCD Module Calibrator
ISL45042A INTERSIL-ISL45042A Datasheet
148Kb / 8P
   LCD Module Calibrator
logo
Renesas Technology Corp
ISL45042A RENESAS-ISL45042A Datasheet
442Kb / 8P
   LCD Module Calibrator
logo
Intersil Corporation
ISL45042AIRZ INTERSIL-ISL45042AIRZ Datasheet
141Kb / 8P
   LCD Module Calibrator
ISL45042AIRZ INTERSIL-ISL45042AIRZ Datasheet
148Kb / 8P
   LCD Module Calibrator
More results

Description similaire - ISL45042_11

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042_06 Datasheet
130Kb / 8P
   LCD Module Calibrator
ISL45042 INTERSIL-ISL45042_07 Datasheet
141Kb / 8P
   LCD Module Calibrator
logo
Renesas Technology Corp
ISL45042A RENESAS-ISL45042A Datasheet
442Kb / 8P
   LCD Module Calibrator
logo
Intersil Corporation
ISL45042A INTERSIL-ISL45042A Datasheet
148Kb / 8P
   LCD Module Calibrator
ISL45042 INTERSIL-ISL45042 Datasheet
148Kb / 8P
   LCD Module Calibrator
logo
Renesas Technology Corp
ISL45042 RENESAS-ISL45042 Datasheet
517Kb / 9P
   LCD Module Calibrator
logo
Intersil Corporation
ISL45042IRZ INTERSIL-ISL45042IRZ Datasheet
350Kb / 9P
   LCD Module Calibrator
April 13, 2011
ISL45042A INTERSIL-ISL45042A_07 Datasheet
141Kb / 8P
   LCD Module Calibrator
logo
STMicroelectronics
STVM100 STMICROELECTRONICS-STVM100 Datasheet
286Kb / 27P
   I2C LCD VCOM calibrator
logo
Intersil Corporation
ISL45041IRZ INTERSIL-ISL45041IRZ Datasheet
278Kb / 8P
   TFT-LCD I2C Programmable VCOM Calibrator
October 30, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com