Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL31480E Fiches technique(PDF) 8 Page - Intersil Corporation

No de pièce ISL31480E
Description  Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL31480E Fiches technique(HTML) 8 Page - Intersil Corporation

Back Button ISL31480E_11 Datasheet HTML 4Page - Intersil Corporation ISL31480E_11 Datasheet HTML 5Page - Intersil Corporation ISL31480E_11 Datasheet HTML 6Page - Intersil Corporation ISL31480E_11 Datasheet HTML 7Page - Intersil Corporation ISL31480E_11 Datasheet HTML 8Page - Intersil Corporation ISL31480E_11 Datasheet HTML 9Page - Intersil Corporation ISL31480E_11 Datasheet HTML 10Page - Intersil Corporation ISL31480E_11 Datasheet HTML 11Page - Intersil Corporation ISL31480E_11 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ISL31480E, ISL31483E, ISL31485E, ISL31486E
8
FN7638.2
Absolute Maximum Ratings
Thermal Information
VCC to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V
Input Voltages
DI, INV, RINV, DINV, DE, RE. . . . . . . . . . . . . . . . . . . . -0.3V to (VCC + 0.3V)
Input/Output Voltages
A/Y, B/Z, A, B, Y, Z. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±60V
A/Y, B/Z, A, B, Y, Z (Transient Pulse Through 100Ω, Note 17). . . . ±80V
RO (ISL31480E, ISL31486E) . . . . . . . . . . . . . . . . . . . . -0.3V to (VL +0.3V)
RO (ISL31483E, ISL31485E) . . . . . . . . . . . . . . . . . . . -0.3V to (VCC +0.3V)
Short Circuit Duration
Y, Z. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Indefinite
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Specification Table
Latch-up per JESD78, Level 2, Class A . . . . . . . . . . . . . . . . . . . . . . . +125°C
Recommended Operating Conditions
Supply Voltage (VCC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V
Logic Supply Voltage (VL) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.62V to VCC
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Bus Pin Common Mode Voltage Range . . . . . . . . . . . . . . . . . -25V to +25V
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
8 Ld SOIC Package (Notes 4, 6). . . . . . . . . .
116
47
10 Ld MSOP Package (Notes 4, 6) . . . . . . .
135
50
10 Ld TDFN Package (Notes 5, 7) . . . . . . . .
58
7
12 Ld TDFN Package (Notes 5, 7) . . . . . . . .
35
3
14 Ld SOIC Package (Notes 4, 6) . . . . . . . .
88
38
Maximum Junction Temperature (Plastic Package) . . . . . . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . . . . . -65°C to +150°C
Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTE:
4.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
5.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379 for details.
6. For
θJC, the “case temp” location is taken at the package top center.
7. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications Test Conditions: VCC = 4.5V to 5.5V, VL = VCC; Unless Otherwise Specified. Typicals are at VCC = 5V,
TA = +25°C (Note 8). Boldface limits apply over the operating temperature range, -40°C to +85°C.
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 16)
TYP
MAX
(Note 16)
UNITS
DC CHARACTERISTICS
Driver Differential VOUT
(No load)
VOD1
Full
-
-
VCC
V
Driver Differential VOUT
(Loaded, Figure 3A)
VOD2
RL = 100(RS-422)
Full
2.4
3.2
-
V
RL = 54(RS-485)
Full
1.5
2.5
VCC
V
RL = 54(PROFIBUS, VCC ≥ 5V)
Full
2.0
2.5
-
V
RL = 21(Six 120Ω terminations for Star
Configurations, VCC ≥ 4.75V)
Full
0.8
1.3
-
V
Change in Magnitude of Driver
Differential VOUT for
Complementary Output
States
ΔVOD
RL = 54or 100(Figure 3A)
Full
-
-
0.2
V
Driver Differential VOUT with
Common Mode Load
(Figure 3B)
VOD3
RL = 60, -7V ≤ VCM ≤ 12V
Full
1.5
2.1
VCC
V
RL = 60, -25V ≤ VCM ≤ 25V (VCC ≥ 4.75V)
Full
1.7
2.3
V
RL = 21, -15V ≤ VCM ≤ 15V (VCC ≥ 4.75V)
Full
0.8
1.1
-
V
Driver Common-Mode VOUT
(Figure 3)
VOC
RL = 54or 100
Full
-1
-
3
V
RL = 60or 100Ω, -20V ≤ VCM ≤ 20V
Full
-2.5
-
5
V
Change in Magnitude of Driver
Common-Mode VOUT for
Complementary Output
States
DVOC
RL = 54or 100(Figure 3A)
Full
-
-
0.2
V


Numéro de pièce similaire - ISL31480E_11

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL31480E INTERSIL-ISL31480E_10 Datasheet
793Kb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
More results

Description similaire - ISL31480E_11

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL31480E INTERSIL-ISL31480E_10 Datasheet
793Kb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Renesas Technology Corp
ISL31483E RENESAS-ISL31483E Datasheet
1Mb / 18P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Intersil Corporation
ISL32483E INTERSIL-ISL32483E Datasheet
838Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL32483E RENESAS-ISL32483E Datasheet
983Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert and 짹16.5kV ESD
logo
Intersil Corporation
ISL32490E INTERSIL-ISL32490E Datasheet
1Mb / 21P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL32470E RENESAS-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers with 짹16.5kV ESD
logo
Intersil Corporation
ISL32496EIUZ INTERSIL-ISL32496EIUZ Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com