Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL29011 Fiches technique(PDF) 5 Page - Intersil Corporation

No de pièce ISL29011
Description  Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29011 Fiches technique(HTML) 5 Page - Intersil Corporation

  ISL29011 Datasheet HTML 1Page - Intersil Corporation ISL29011 Datasheet HTML 2Page - Intersil Corporation ISL29011 Datasheet HTML 3Page - Intersil Corporation ISL29011 Datasheet HTML 4Page - Intersil Corporation ISL29011 Datasheet HTML 5Page - Intersil Corporation ISL29011 Datasheet HTML 6Page - Intersil Corporation ISL29011 Datasheet HTML 7Page - Intersil Corporation ISL29011 Datasheet HTML 8Page - Intersil Corporation ISL29011 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
FN6467.4
May 5, 2011
VIRLED
Voltage Head Room of IRDR Pin
VDD - 0.6
V
tr
Rise Time for IRDR Source Current
RLOAD = 15Ω at IRDR pin, 20% to 80%
35
ns
tf
Fall Time for IRDR Source Current
RLOAD = 15Ω at IRDR pin, 80% to 20%
10
ns
fIRLED1
IR LED Modulation Frequency
Freq = 0 (Note 8)
DC
kHz
fIRLED2
IR LED Modulation Frequency
Freq = 1 (Note 8)
360
kHz
ISUP (IRLED1) Supply Current of Proximity Sensing
IS<1:0> = 0, Freq = 0 (Note 8)
101
mA
ISUP (IRLED2) Supply Current of Proximity Sensing
IS<1:0> = 0, Freq = 1 (Note 8)
51
mA
Duty Cycle
Duty Cycle of IR LED Modulation
50
%
PROX-IR
PROX
Differential ADC Output of IR and
Proximity Sensing With Object Far
Away to Provide No Reflection
IR and proximity sensing with Range 2 and Scheme 0;
15
Ω @ IRDR pin, IS<1:0> = 0, Freq = 0; E = 210 lux,
Sunlight.
1.0
%
NOTES:
5. VSUP is the common voltage to VDDD and VDDA.
6. 550nm green LED is used in production test. The 550nm LED irradiance is calibrated to produce the same DATA count against an illuminance
level of 300 lux fluorescent light.
7. 850nm infrared LED is used in production test. The 850nm LED irradiance is calibrated to produce the same DATA_IR count against an
illuminance level of 210 lux sunlight at sea level.
8. See “Register Set” on page 8.
Electrical Specifications
VSUP(VDDD,VDDA) = 3V, TA = +25°C, REXT = 499kΩ 1% tolerance, 16-bit ADC operation, unless otherwise
specified. (Continued)
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
I2C Electrical Specifications
For SCL and SDA unless otherwise noted, VSUP(VDDD,VDDA) = 3V, TA = +25°C, REXT = 499kΩ 1%
tolerance, 16-bit ADC operation (Note 9).
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP MAX UNIT
VI2C
Supply Voltage Range for I2C Interface
1.7
3.63
V
fSCL
SCL Clock Frequency
400
kHz
VIL
SCL and SDA Input Low Voltage
0.55
V
VIH
SCL and SDA Input High Voltage
1.25
V
Vhys
Hysteresis of Schmitt Trigger Input
0.05VDD
V
VOL
Low-level output voltage (open-drain) at 4mA sink
current
0.4
V
Ii
Input Leakage for each SDA, SCL pin
-10
10
µA
tSP
Pulse width of spikes that must be suppressed by
the input filter
50
ns
tAA
SCL Falling Edge to SDA Output Data Valid
900
ns
Ci
Capacitance for each SDA and SCL pin
10
pF
tHD:STA
Hold Time (Repeated) START Condition
After this period, the first clock pulse is
generated.
600
ns
tLOW
LOW Period of the SCL clock
Measured at the 30% of VDD crossing.
1300
ns
tHIGH
HIGH period of the SCL Clock
600
ns
tSU:STA
Set-up Time for a Repeated START Condition
600
ns
tHD:DAT
Data Hold Time
30
ns
tSU:DAT
Data Set-up Time
100
ns
tR
Rise Time of both SDA and SCL Signals
20 + 0.1xCb
ns
tF
Fall Time of both SDA and SCL Signals
20 + 0.1xCb
ns
ISL29011


Numéro de pièce similaire - ISL29011

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL29011 INTERSIL-ISL29011 Datasheet
631Kb / 15P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29011 INTERSIL-ISL29011 Datasheet
680Kb / 16P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
logo
Renesas Technology Corp
ISL29011 RENESAS-ISL29011 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
logo
Intersil Corporation
ISL29011 INTERSIL-ISL29011 Datasheet
822Kb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
May 1, 2014
ISL29011IROZ-EVALZ INTERSIL-ISL29011IROZ-EVALZ Datasheet
631Kb / 15P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
More results

Description similaire - ISL29011

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL29011 RENESAS-ISL29011 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
logo
Intersil Corporation
ISL29011IROZ-T7 INTERSIL-ISL29011IROZ-T7 Datasheet
822Kb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
May 1, 2014
ISL29018 INTERSIL-ISL29018 Datasheet
633Kb / 15P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29011 INTERSIL-ISL29011_10 Datasheet
680Kb / 16P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29011 INTERSIL-ISL29011 Datasheet
631Kb / 15P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29018IROZ-T7 INTERSIL-ISL29018IROZ-T7 Datasheet
803Kb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
October 8, 2012
logo
Renesas Technology Corp
ISL29018 RENESAS-ISL29018 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
logo
ON Semiconductor
NOA3301 ONSEMI-NOA3301 Datasheet
658Kb / 23P
   Digital Proximity Sensor with Ambient Light Sensor and Interrupt
February, 2013 - Rev. 2
logo
Intersil Corporation
ISL29023 INTERSIL-ISL29023 Datasheet
511Kb / 11P
   Integrated Digital Ambient Light Sensor with Interrupt Function
ISL29021 INTERSIL-ISL29021 Datasheet
583Kb / 12P
   Digital Proximity Sensor with Interrupt Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com