Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL23511UFRU10Z Fiches technique(PDF) 8 Page - Intersil Corporation

No de pièce ISL23511UFRU10Z
Description  Single Push Button Controlled Potentiometer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23511UFRU10Z Fiches technique(HTML) 8 Page - Intersil Corporation

Back Button ISL23511UFRU10Z Datasheet HTML 2Page - Intersil Corporation ISL23511UFRU10Z Datasheet HTML 3Page - Intersil Corporation ISL23511UFRU10Z Datasheet HTML 4Page - Intersil Corporation ISL23511UFRU10Z Datasheet HTML 5Page - Intersil Corporation ISL23511UFRU10Z Datasheet HTML 6Page - Intersil Corporation ISL23511UFRU10Z Datasheet HTML 7Page - Intersil Corporation ISL23511UFRU10Z Datasheet HTML 8Page - Intersil Corporation ISL23511UFRU10Z Datasheet HTML 9Page - Intersil Corporation ISL23511UFRU10Z Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
FN6588.1
January 21, 2008
Power-up and Power-down Requirements
There are no restrictions on the power-up or power-down
conditions of VCC and the voltages applied to the
potentiometer pins provided that VCC is always more
positive than or equal to VRH and VRL, i.e., VCC ≥ VRH,VRL.
The VCC ramp rate specification is always in effect.
Pin Descriptions
RH and RL
The RH and RL pins of the ISL23511 are equivalent to the
fixed terminals of a mechanical potentiometer. The minimum
voltage is VSS and the maximum is VCC. The terminology of
RH and RL references the relative position of the terminal in
relation to wiper movement direction.
RW
The RW pin is the wiper terminal of the potentiometer which
is equivalent to the movable terminal of a mechanical
potentiometer. The default wiper position at power-up is at
0tap.
PU
The debounced PU input is used to increment the wiper
position. An on-chip pull-up holds the PU input HIGH. A
switch closure to ground or a LOW logic level will, after a
debounce time, move the wiper to the next adjacent higher
tap position.
PD
The debounced PD input is used to decrement the wiper
position. An on-chip pull-up holds the PD input HIGH. A
switch closure to ground or a LOW logic level will, after a
debounce time, move the wiper to the next adjacent lower
tap position.
Device Operation
There are three sections of the ISL23511: the input control,
the counter and decode section and the resistor array. The
input control section operates just like an up/down counter.
The output of this counter is decoded to turn on a single
electronic switch, connecting a point on the resistor array to
the wiper output. The resistor array is comprised of 31
individual resistors connected in series. At either end of the
array and between each resistor is an electronic switch that
transfers the potential at that point to the wiper.
The ISL23511 is designed to interface directly to two push
button switches for effectively moving the wiper up or down.
The PU and PD inputs increment or decrement a 5-bit
counter respectively. The output of this counter is decoded to
select one of the thirty-two wiper positions along the resistive
array. The wiper increment input, PU and the wiper
decrement input, PD are both connected to an internal
pull-up so that they normally remain HIGH. When pulled
LOW by an external push button switch or a logic LOW level
input, the wiper will be switched to the next adjacent tap
position.
Internal debounce circuitry prevents inadvertent switching of
the wiper position if PU or PD remain LOW for less than
15ms, typical. Each of the buttons can be pushed either
once for a single increment/decrement or continuously for a
multiple increments/decrements. The number of
increments/decrements of the wiper position depend on how
long the button is being pushed. When making a continuous
push, after the first second, the increment/decrement speed
increases. For the first second, the device will be in the slow
scan mode. Then, if the button is held for longer than 1s, the
device will go into the fast scan mode. As soon as the button
is released, the ISL23511 will return to a stand-by condition.
If both PU and PD buttons are pulled low more than 15ms
from each other, all commands are ignored upon release of
ALL buttons.
The wiper, when at either fixed terminal, acts like its
mechanical equivalent and does not move beyond the last
position. That is, the counter does not wrap around when
clocked to either extreme.
Shutdown Mode
The ISL23511 enters into Shutdown Mode if both PU and PD
inputs are kept LOW for 2s. In this mode, the resistors array
is totally disconnected from its RH pin and the wiper is moved
to the position closest to the RL pin, as shown in Figure 13.
Note that PU and PD inputs must be brought LOW within tDB
time window of 15ms (see “Shutdown Mode Timing” on
page 5) otherwise all commands will be ignored until both
inputs are released.
Holding either PU or PD input LOW for more than 15ms will
exit shutdown mode and return wiper to prior shutdown
position. If PU or PD will be held LOW for more than 250ms,
the ISL23511 will start auto-increment or auto-decrement of
wiper position.
RTOTAL with VCC Removed
The end-to-end resistance of the array will fluctuate once
VCC is removed.
RL
RW
RH
FIGURE 13. DCP CONNECTION IN SHUTDOWN MODE
ISL23511


Numéro de pièce similaire - ISL23511UFRU10Z

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL23511UFRU10Z INTERSIL-ISL23511UFRU10Z Datasheet
389Kb / 11P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
More results

Description similaire - ISL23511UFRU10Z

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
X9511 INTERSIL-X9511_07 Datasheet
195Kb / 9P
   Single Push Button Controlled Potentiometer (
ISL22512 INTERSIL-ISL22512 Datasheet
282Kb / 11P
   Single Push Button Controlled Potentiometer XDCP
X9511 INTERSIL-X9511 Datasheet
213Kb / 9P
   Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled)
ISL22511 INTERSIL-ISL22511 Datasheet
423Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer Single Push Button Controlled Potentiometer XDCP
logo
Renesas Technology Corp
ISL22511 RENESAS-ISL22511 Datasheet
767Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL23511 RENESAS-ISL23511 Datasheet
740Kb / 11P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL22512 RENESAS-ISL22512 Datasheet
671Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
logo
Xicor Inc.
X9514 XICOR-X9514 Datasheet
56Kb / 11P
   PushPot??Potentiometer (Push Button Controlled)
logo
Renesas Technology Corp
ISL23512 RENESAS-ISL23512 Datasheet
608Kb / 10P
   Single Push Button Controlled Potentiometer (XDCP™) Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
January 21, 2008
logo
Xicor Inc.
X9511 XICOR-X9511 Datasheet
56Kb / 10P
   PushPot O Potentiometer (Push Button Controlled)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com