Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL22346WFRT20Z Fiches technique(PDF) 11 Page - Intersil Corporation

No de pièce ISL22346WFRT20Z
Description  Quad Digitally Controlled Potentiometers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22346WFRT20Z Fiches technique(HTML) 11 Page - Intersil Corporation

Back Button ISL22346WFRT20Z Datasheet HTML 7Page - Intersil Corporation ISL22346WFRT20Z Datasheet HTML 8Page - Intersil Corporation ISL22346WFRT20Z Datasheet HTML 9Page - Intersil Corporation ISL22346WFRT20Z Datasheet HTML 10Page - Intersil Corporation ISL22346WFRT20Z Datasheet HTML 11Page - Intersil Corporation ISL22346WFRT20Z Datasheet HTML 12Page - Intersil Corporation ISL22346WFRT20Z Datasheet HTML 13Page - Intersil Corporation ISL22346WFRT20Z Datasheet HTML 14Page - Intersil Corporation ISL22346WFRT20Z Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
FN6177.2
September 3, 2009
Pin Descriptions
Potentiometers Pins
RHI AND RLI (i = 0, 1, 2 OR 3)
The high (RHi) and low (RLi) terminals of the ISL22346 are
equivalent to the fixed terminals of a mechanical
potentiometer. RHi and RLi are referenced to the relative
position of the wiper and not the voltage potential on the
terminals. With WRi set to 127 decimal, the wiper will be
closest to RHi, and with the WRi set to 0, the wiper is closest
to RLi.
RWI (i = 0, 1, 2 OR 3)
RWi is the wiper terminal and is equivalent to the movable
terminal of a mechanical potentiometer. The position of the
wiper within the array is determined by the WRi register.
SHDN
The SHDN pin forces the resistor to end-to-end open circuit
condition on RHi and shorts RWi to RLi. When SHDN is
returned to logic high, the previous latch settings put RWi at
the same resistance setting prior to shutdown. This pin is
logically ANDed with SHDN bit in ACR register. I2C interface
is still available in shutdown mode and all registers are
accessible. This pin must remain HIGH for normal operation.
Bus Interface Pins
SERIAL DATA INPUT/OUTPUT (SDA)
The SDA is a bidirectional serial data input/output pin for I2C
interface. It receives device address, operation code, wiper
address and data from an I2C external master device at the
rising edge of the serial clock SCL, and it shifts out data after
each falling edge of the serial clock.
SDA requires an external pull-up resistor, since it is an open
drain input/output.
SERIAL CLOCK (SCL)
This is the serial clock input of the I2C serial interface. SCL
requires an external pull-up resistor, since it is an open drain
input.
DEVICE ADDRESS (A2 - A0)
The address inputs are used to set the least significant 3 bits
of the 7-bit I2C interface slave address. A match in the slave
address serial data stream must match with the Address
input pins in order to initiate communication with the
ISL22346. A maximum of 8 ISL22346 devices may occupy
the I2C serial bus.
Principles of Operation
The ISL22346 is an integrated circuit incorporating four
DCPs with their associated registers, non-volatile memory
and an I2C serial interface providing direct communication
between a host and the potentiometers and memory. The
resistor arrays are comprised of individual resistors
connected in series. At either end of the array and between
each resistor is an electronic switch that transfers the
potential at that point to the wiper.
The electronic switches on the device operate in a “make
before break” mode when the wiper changes tap positions.
When the device is powered down, the last value stored in
IVRi will be maintained in the non-volatile memory. When
power is restored, the contents of the IVRi are recalled and
loaded into the corresponding WRi to set the wipers to the
initial value.
DCP Description
Each DCP is implemented with a combination of resistor
elements and CMOS switches. The physical ends of each
DCP are equivalent to the fixed terminals of a mechanical
potentiometer (RH and RL pins). The RW pin of each DCP is
connected to intermediate nodes, and is equivalent to the
wiper terminal of a mechanical potentiometer. The position
of the wiper terminal within the DCP is controlled by volatile
Wiper Register (WR). Each DCP has its own WR. When the
WR of a DCP contains all zeroes (WR[6:0]= 00h), its wiper
terminal (RW) is closest to its “Low” terminal (RL). When the
WR register of a DCP contains all ones (WR[6:0]= 7Fh), its
wiper terminal (RW) is closest to its “High” terminal (RH). As
the value of the WR increases from all zeroes (0) to all ones
(127 decimal), the wiper moves monotonically from the
position closest to RL to the closest to RH. At the same time,
the resistance between RW and RL increases monotonically,
while the resistance between RH and RW decreases
monotonically.
While the ISL22346 is being powered up, all four WRs are
reset to 40h (64 decimal), which locates RW roughly at the
center between RL and RH. After the power supply voltage
becomes large enough for reliable non-volatile memory
reading, all WRs will be reload with the value stored in
corresponding non-volatile Initial Value Registers (IVRs).
The WRs can be read or written to directly using the I2C
serial interface as described in the following sections. The
I2C interface Address Byte has to be set to 00h, 01h, 02h or
03h to access the WR of DCP0, DCP1, DCP2 or DCP3
respectively.
RL
RW
RH
FIGURE 15. DCP CONNECTION IN SHUTDOWN MODE
ISL22346


Numéro de pièce similaire - ISL22346WFRT20Z

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL22346WFRT20Z INTERSIL-ISL22346WFRT20Z Datasheet
583Kb / 16P
   2Low Noise, Low Power I2C??Bus,128 Taps
September 3, 2009
ISL22346WFRT20Z INTERSIL-ISL22346WFRT20Z Datasheet
583Kb / 16P
   2Low Noise, Low Power I2C??Bus,128 Taps
September 3, 2009
logo
Renesas Technology Corp
ISL22346WFRT20Z RENESAS-ISL22346WFRT20Z Datasheet
954Kb / 16P
   Quad Digitally Controlled Potentiometers (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps
More results

Description similaire - ISL22346WFRT20Z

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
X9259 INTERSIL-X9259_07 Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
X9400WS24ZT1 INTERSIL-X9400WS24ZT1 Datasheet
405Kb / 20P
   Quad Digitally Controlled Potentiometers
September 2, 2015
X9408YS24 INTERSIL-X9408YS24 Datasheet
333Kb / 20P
   Quad Digitally Controlled Potentiometers
January 15, 2009
X9400 INTERSIL-X9400_06 Datasheet
356Kb / 19P
   Quad Digitally Controlled Potentiometers
ISL22346 INTERSIL-ISL22346 Datasheet
485Kb / 13P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349_09 Datasheet
389Kb / 13P
   Quad Digitally Controlled Potentiometers
X9409 INTERSIL-X9409_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
logo
Xicor Inc.
X9409 XICOR-X9409 Datasheet
407Kb / 21P
   Quad Digitally Controlled Potentiometers
logo
Intersil Corporation
X9250 INTERSIL-X9250_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349 Datasheet
332Kb / 12P
   Quad Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com