Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL21440 Fiches technique(PDF) 5 Page - Intersil Corporation

No de pièce ISL21440
Description  Micropower Voltage Reference with Comparator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21440 Fiches technique(HTML) 5 Page - Intersil Corporation

  ISL21440 Datasheet HTML 1Page - Intersil Corporation ISL21440 Datasheet HTML 2Page - Intersil Corporation ISL21440 Datasheet HTML 3Page - Intersil Corporation ISL21440 Datasheet HTML 4Page - Intersil Corporation ISL21440 Datasheet HTML 5Page - Intersil Corporation ISL21440 Datasheet HTML 6Page - Intersil Corporation ISL21440 Datasheet HTML 7Page - Intersil Corporation ISL21440 Datasheet HTML 8Page - Intersil Corporation ISL21440 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ISL21440
5
FN6532.2
February 23, 2011
Absolute Maximum Ratings
Thermal Information
Supply Voltage Range, V+ to GND . . . . . . . . . . . . . . . . . . . . . . -0.5V to +12V
IN+, IN- with Respect to V- . . . . . . . . . . . . . . . . . . . . . . . -0.3V to (V+) +0.3V
GND with Respect to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.0V to -0.3V
V+ with Respect to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12V to -0.3V
REF, HYST with Respect to V- . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 1.5V
Out with Respect to GND . . . . . . . . . . . . . . . . . . . . . . . . . (V+) +0.3V to -0.3V
Voltage on All Other Pins . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VCC + 0.3V
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4000V
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 350V
Charged Device Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2000V
Latch Up (Tested Per JESD-78B; Class 1, Level A) . . . . . . . . . . . . . . 100mA
Environmental Operating Conditions
X-Ray Exposure (Note 4) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mRem
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
8 Ld MSOP Package (Notes 5, 7) . . . . . . . . . .
154
55
8 Ld TDFN Package (Notes 5, 6). . . . . . . . . . .
68
8
Maximum Junction Temperature (Plastic Package) . . . . . . . . . . . .+150°C
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile (Note 8). . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4. Measured with no filtering, distance of 10” from source, intensity set to 55kV and 70mA current, 30s duration. Other exposure levels should be
analyzed for Output Voltage drift effects. See “Applications Information” on page 11.
5.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
6. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
7. For
θJC, the “case temp” location is taken at the package top center.
8. Post-reflow drift for the ISL21440 device voltage reference output will range from 100mV to 1.0mV based on experimental results with devices on
FR4 double sided boards. The design engineer must take this into account when considering the reference voltage after assembly.
Analog Specifications V+= +5.0V. V- = GND = 0V unless otherwise specified, TA = +25°C. Boldface limits apply over the operating
temperature range, -40°C to +125°C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 10)
TYP
(Note 9)
MAX
(Note 10) UNITS
POWER SUPPLY
V+
Supply Voltage Range
V- = GND
2.0
11.0
V
ICC
Supply Current
IN+ = IN- +80mV,
HYST = REF
0.46
0.75
µA
0.85
µA
COMPARATOR
VOS
Input Offset Voltage
VCM = 2.5V
MSOP Package
±3
mV
±3.25
mV
TDFN Package
±3.6
mV
±3.75
mV
IIN
Input Leakage Current (IN+, IN-, HYST)
VIN+ = VIN- = 2.5V
MSOP Package
0.1
1.4
nA
TDFN Package
0.1
1.5
nA
3
nA
VCM
Common-Mode Input Range
V-
(V+) - 1.5
V
CMRR
Common-Mode Rejection Ratio
V- to (V+ - 1.5V)
MSOP Package
1.2
3
mV/V
3.5
mV/V
TDFN Package
1.2
4.5
mV/V
5
mV/V


Numéro de pièce similaire - ISL21440

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL21440 INTERSIL-ISL21440 Datasheet
541Kb / 15P
   Micropower Voltage Reference with Comparator
ISL21440 INTERSIL-ISL21440 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL21440 RENESAS-ISL21440 Datasheet
958Kb / 15P
   Micropower Voltage Reference with Comparator
logo
Intersil Corporation
ISL21440IRTZ INTERSIL-ISL21440IRTZ Datasheet
541Kb / 15P
   Micropower Voltage Reference with Comparator
logo
Renesas Technology Corp
ISL21440IRTZ RENESAS-ISL21440IRTZ Datasheet
958Kb / 15P
   Micropower Voltage Reference with Comparator
More results

Description similaire - ISL21440

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL21440 RENESAS-ISL21440 Datasheet
958Kb / 15P
   Micropower Voltage Reference with Comparator
logo
Intersil Corporation
ISL21440 INTERSIL-ISL21440 Datasheet
541Kb / 15P
   Micropower Voltage Reference with Comparator
logo
Linear Technology
LT6703-2 LINER-LT6703-2 Datasheet
166Kb / 12P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_1 Datasheet
182Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-2 LINER-LT6703HV-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-3 LINER-LT6703HV-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-3 LINER-LT6703-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6700 LINER-LT6700 Datasheet
289Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Dimensions Semic...
LT6700CS6-3TRMPBF LINEAR_DIMENSIONS-LT6700CS6-3TRMPBF Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com