Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL12028IB27AZ Fiches technique(PDF) 2 Page - Intersil Corporation

No de pièce ISL12028IB27AZ
Description  Real Time Clock/Calendar with I2C Bus??and EEPROM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12028IB27AZ Fiches technique(HTML) 2 Page - Intersil Corporation

  ISL12028IB27AZ Datasheet HTML 1Page - Intersil Corporation ISL12028IB27AZ Datasheet HTML 2Page - Intersil Corporation ISL12028IB27AZ Datasheet HTML 3Page - Intersil Corporation ISL12028IB27AZ Datasheet HTML 4Page - Intersil Corporation ISL12028IB27AZ Datasheet HTML 5Page - Intersil Corporation ISL12028IB27AZ Datasheet HTML 6Page - Intersil Corporation ISL12028IB27AZ Datasheet HTML 7Page - Intersil Corporation ISL12028IB27AZ Datasheet HTML 8Page - Intersil Corporation ISL12028IB27AZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
2
FN8233.9
November 30, 2010
Block Diagram
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
VBAT TRIP
POINT
(V)
BSW BIT
DEFAULT
SETTING
VRESET
VOLTAGE
(V)
TEMP. RANGE
(°C)
PACKAGE
(Pb-free)
PKG. DWG. #
ISL12028IB27Z
12028IB27Z
VDD < VBAT
BSW = 1
2.63
-40 to +85
14 Ld SOIC
M14.15
ISL12028IB27AZ
12028IB27 AZ
VDD < VBAT
BSW = 1
2.92
-40 to +85
14 Ld SOIC
M14.15
ISL12028IB30AZ
12028IB30 AZ
VDD < VBAT
BSW = 1
3.09
-40 to +85
14 Ld SOIC
M14.15
ISL12028IBZ
12028IBZ
VDD < VBAT
BSW = 1
4.38
-40 to +85
14 Ld SOIC
M14.15
ISL12028IBAZ
12028IBAZ
VDD < VBAT
BSW = 1
4.64
-40 to +85
14 Ld SOIC
M14.15
ISL12028IV27Z
12028 IV27Z
VDD < VBAT
BSW = 1
2.63
-40 to +85
14 Ld TSSOP
M14.173
ISL12028IV27AZ
12028 27AZ
VDD < VBAT
BSW = 1
2.92
-40 to +85
14 Ld TSSOP
M14.173
ISL12028IV30AZ
12028 30AZ
VDD < VBAT
BSW = 1
3.09
-40 to +85
14 Ld TSSOP
M14.173
ISL12028IVZ
12028 IVZ
VDD < VBAT
BSW = 1
4.38
-40 to +85
14 Ld TSSOP
M14.173
ISL12028IVAZ
12028 IVAZ
VDD < VBAT
BSW = 1
4.64
-40 to +85
14 Ld TSSOP
M14.173
ISL12028AIB27Z
12028AIB 27Z
2.2
BSW = 0
2.63
-40 to +85
14 Ld SOIC
M14.15
ISL12028AIV27Z
2028A IV27Z
2.2
BSW = 0
2.63
-40 to +85
14 Ld TSSOP
M14.173
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-
020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL12028, ISL12028A. For more information on MSL please see
techbrief TB363
X1
X2
OSCILLATOR
FREQUENCY
TIMER
LOGIC
DIVIDER
CALENDAR
8
CONTROL/
REGISTERS
1Hz
TIME
KEEPING
REGISTERS
ALARM REGS
COMPARE
RESET
CONTROL
DECODE
LOGIC
ALARM
(EEPROM)
(EEPROM)
SCL
SDA
SERIAL
INTERFACE
DECODER
4k
EEPROM
ARRAY
WATCHDOG
TIMER
LOW VOLTAGE
RESET
REGISTERS
STATUS
(SRAM)
SELECT
VDD
VBACK
32.768kHZ
(SRAM)
BATTERY
CIRCUITRY
SWITCH
OSC COMPENSATION
IRQ/FOUT
ISL12028, ISL12028A


Numéro de pièce similaire - ISL12028IB27AZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL12028IB27AZ INTERSIL-ISL12028IB27AZ Datasheet
423Kb / 28P
   Real Time Clock/Calendar with EEPROM
ISL12028IB27AZ INTERSIL-ISL12028IB27AZ Datasheet
584Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12028IB27AZ-T INTERSIL-ISL12028IB27AZ-T Datasheet
423Kb / 28P
   Real Time Clock/Calendar with EEPROM
More results

Description similaire - ISL12028IB27AZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL12025 INTERSIL-ISL12025 Datasheet
423Kb / 27P
   Real-Time Clock/Calendar with I2C Bus and EEPROM
ISL12029_1012 INTERSIL-ISL12029_1012 Datasheet
580Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12026 INTERSIL-ISL12026_08 Datasheet
389Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12028 RENESAS-ISL12028 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Intersil Corporation
ISL12028 INTERSIL-ISL12028_10 Datasheet
584Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12026 INTERSIL-ISL12026_10 Datasheet
560Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12026 RENESAS-ISL12026 Datasheet
1,002Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Intersil Corporation
ISL12029 INTERSIL-ISL12029_10 Datasheet
580Kb / 30P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12025 RENESAS-ISL12025 Datasheet
1Mb / 28P
   Real-Time Clock/Calendar with I2C Bus??and EEPROM
ISL12029 RENESAS-ISL12029 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus™ and EEPROM
December 16, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com