Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC1G11W6-7 Fiches technique(PDF) 5 Page - Diodes Incorporated

No de pièce 74LVC1G11W6-7
Description  SINGLE 3 INPUT POSITIVE AND GATE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G11W6-7 Fiches technique(HTML) 5 Page - Diodes Incorporated

  74LVC1G11W6-7 Datasheet HTML 1Page - Diodes Incorporated 74LVC1G11W6-7 Datasheet HTML 2Page - Diodes Incorporated 74LVC1G11W6-7 Datasheet HTML 3Page - Diodes Incorporated 74LVC1G11W6-7 Datasheet HTML 4Page - Diodes Incorporated 74LVC1G11W6-7 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G11W6-7 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G11W6-7 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G11W6-7 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G11W6-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
74LVC1G11
SINGLE 3 INPUT POSITIVE AND GATE
74LVC1G11
Document number: DS35122 Rev. 3 - 2
5 of 13
www.diodes.com
July 2011
© Diodes Incorporated
Electrical Characteristics
TA = -40°C to 125°C
(All typical values are at VCC = 3.3V, TA = 25°C)
Symbol
Parameter
Test Conditions
VCC
Min
Typ.
Max
Unit
VOH
High Level Output
Voltage
IOH = -100μA
1.65V to 5.5V
VCC – 0.1
V
IOH = -4mA
1.65V
0.95
IOH = -8mA
2.3V
1.7
IOH = -16mA
3V
1.9
IOH = -24mA
2.0
IOH = -32mA
4.5V
3.4
VOL
High-level Input Voltage
IOL = 100μA
1.65V to 5.5V
0.1
V
IOL = 4mA
1.65V
0.70
IOL = 8mA
2.3V
0.45
IOL = 16mA
3V
0.60
IOL = 24mA
0.80
IOL = 32mA
4.5V
0.80
II
Input Current
VI = 5.5 V or GND
0 to 5.5V
± 20
μA
IOFF
Power Down Leakage
Current
VI or VO = 5.5V
0
± 20
μA
ICC
Supply Current
VI = 5.5V of GND
IO=0
1.65V to 5.5V
40
μA
ΔICC
Additional Supply
Current
Input at VCC –0.6 V
3V to 5.5V
5000
μA
Package Characteristics (All typical values are at Vcc = 3.3V, TA = 25°C)
Symbol
Parameter
Test Conditions
VCC
Min
Typ.
Max
Unit
CI
Input Capacitance
VI = VCC – or GND
3.3
3.5
pF
θJA
Thermal Resistance
Junction-to-Ambient
SOT26
(Note 4)
204
oC/W
SOT363
371
DFN1410
430
DFN1010
510
θJC
Thermal Resistance
Junction-to-Case
SOT26
(Note 4)
52
oC/W
SOT363
143
DFN1410
190
DFN1010
250
Notes:
4. Test condition for SOT26, SOT363, DFN1410 and DFN1010 : Device mounted on FR-4 substrate PC board, 2oz copper, with minimum
recommended pad layout.


Numéro de pièce similaire - 74LVC1G11W6-7

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
74LVC1G11W6 DIODES-74LVC1G11W6 Datasheet
256Kb / 13P
   SINGLE 3 INPUT POSITIVE AND GATE
DS35122 Rev. 1 - 2
More results

Description similaire - 74LVC1G11W6-7

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
U74LVC1G11 UTC-U74LVC1G11_15 Datasheet
191Kb / 6P
   SINGLE 3-INPUT POSITIVE-AND GATE
logo
Texas Instruments
SN74LVC1G11-EP TI1-SN74LVC1G11-EP_16 Datasheet
838Kb / 12P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE AND GATE
SN74LVC1G11-EP TI-SN74LVC1G11-EP Datasheet
532Kb / 11P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE AND GATE
SN74LVC1G11-Q1 TI1-SN74LVC1G11-Q1 Datasheet
321Kb / 11P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-AND GATE
logo
Unisonic Technologies
U74LVC1G11 UTC-U74LVC1G11 Datasheet
188Kb / 6P
   SINGLE 3-INPUT POSITIVE-AND GATE
logo
Texas Instruments
SN74LVC1G11 TI-SN74LVC1G11 Datasheet
253Kb / 11P
[Old version datasheet]   SINGLE 3 INPUT POSITIVE AND GATE
logo
Diodes Incorporated
74LVC1G11 DIODES-74LVC1G11 Datasheet
256Kb / 13P
   SINGLE 3 INPUT POSITIVE AND GATE
DS35122 Rev. 1 - 2
logo
Texas Instruments
SN74LVC1G11 TI-SN74LVC1G11_10 Datasheet
614Kb / 14P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-AND GATE
SN74LVC1G11 TI-SN74LVC1G11_07 Datasheet
392Kb / 13P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-AND GATE
SN74LVC1G11 TI1-SN74LVC1G11_15 Datasheet
1Mb / 30P
[Old version datasheet]   Single 3-Input Positive-AND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com