Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DMC4040SSD Fiches technique(PDF) 10 Page - Diodes Incorporated

No de pièce DMC4040SSD
Description  40V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC4040SSD Fiches technique(HTML) 10 Page - Diodes Incorporated

Back Button DMC4040SSD Datasheet HTML 3Page - Diodes Incorporated DMC4040SSD Datasheet HTML 4Page - Diodes Incorporated DMC4040SSD Datasheet HTML 5Page - Diodes Incorporated DMC4040SSD Datasheet HTML 6Page - Diodes Incorporated DMC4040SSD Datasheet HTML 7Page - Diodes Incorporated DMC4040SSD Datasheet HTML 8Page - Diodes Incorporated DMC4040SSD Datasheet HTML 9Page - Diodes Incorporated DMC4040SSD Datasheet HTML 10Page - Diodes Incorporated DMC4040SSD Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
DMC4040SSD
Document number: DS32120 Rev. 2 - 2
10 of 11
www.diodes.com
March 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
DMC4040SSD
Package Outline Dimensions
Suggested Pad Layout
SO-8
Dim
Min
Max
A
-
1.75
A1
0.10
0.20
A2
1.30
1.50
A3
0.15
0.25
b
0.3
0.5
D
4.85
4.95
E
5.90
6.10
E1
3.85
3.95
e
1.27 Typ
h
-
0.35
L
0.62
0.82
θ
0
°
8
°
All Dimensions in mm
Dimensions
Value (in mm)
X
0.60
Y
1.55
C1
5.4
C2
1.27
Gauge Plane
Seating Plane
Detail ‘A’
Detail ‘A’
E
E1
h
L
D
e
b
A2
A1
A
45°
7°~9°
A3
X
C1
C2
Y


Numéro de pièce similaire - DMC4040SSD

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
DMC4040SSD DIODES-DMC4040SSD_15 Datasheet
273Kb / 11P
   40V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
More results

Description similaire - DMC4040SSD

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
DMC4040SSD DIODES-DMC4040SSD_15 Datasheet
273Kb / 11P
   40V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4050SSD DIODES-DMC4050SSD_15 Datasheet
424Kb / 12P
   40V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4050SSD-13 DIODES-DMC4050SSD-13 Datasheet
319Kb / 11P
   40V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4050SSDQ DIODES-DMC4050SSDQ Datasheet
450Kb / 12P
   40V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMC4A16DN8 ZETEX-ZXMC4A16DN8 Datasheet
186Kb / 10P
   COMPLEMENTARY 40V ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMC4A16DN8 DIODES-ZXMC4A16DN8 Datasheet
192Kb / 10P
   COMPLEMENTARY 40V ENHANCEMENT MODE MOSFET
ZXMC4A16DN8 DIODES-ZXMC4A16DN8_15 Datasheet
192Kb / 10P
   COMPLEMENTARY 40V ENHANCEMENT MODE MOSFET
logo
ACE Technology Co., LTD...
ACE1H004B ACE-ACE1H004B Datasheet
1Mb / 11P
   40V Complementary Enhancement Mode MOSFET
VER 1.2
logo
Diodes Incorporated
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com