Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDH20D08HF-1R0NC Fiches technique(PDF) 2 Page - Sumida Corporation

No de pièce CDH20D08HF-1R0NC
Description  SMD Power Inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUMIDA [Sumida Corporation]
Site Internet  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDH20D08HF-1R0NC Fiches technique(HTML) 2 Page - Sumida Corporation

  CDH20D08HF-1R0NC Datasheet HTML 1Page - Sumida Corporation CDH20D08HF-1R0NC Datasheet HTML 2Page - Sumida Corporation CDH20D08HF-1R0NC Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
Revised: 26-Jul-11
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDH20D08
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0.0
0.2
0.4
0.6
0.8
0
10
20
30
40
50
60
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0 0.4 0.8 1.2 1.6 2.0
0
10
20
30
40
50
60
0.0
1.5
3.0
4.5
6.0
7.5
9.0
0.0 0.1 0.2 0.3 0.4 0.5 0.6
0
10
20
30
40
50
60
0.0
1.5
3.0
4.5
6.0
7.5
9.0
0.0 0.1 0.2 0.3 0.4 0.5 0.6
0
10
20
30
40
50
60
0.0
0.8
1.6
2.4
3.2
4.0
4.8
0.0 0.2 0.4 0.6 0.8 1.0
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0 0.2 0.4 0.6 0.8 1.0
0
10
20
30
40
50
60
0.0
0.4
0.8
1.2
1.6
2.0
2.4
0.0 0.2 0.4 0.6 0.8 1.0 1.2
0
10
20
30
40
50
60
0.0
0.3
0.6
0.9
1.2
1.5
1.8
0.0 0.3 0.6 0.9 1.2 1.5
0
10
20
30
40
50
60
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.0 0.4 0.8 1.2 1.6 2.0 2.4
0
10
20
30
40
50
60
Saturation Current & Temperature Rise Graph
1. CDH20D08HF-R47NC
△T (℃)
L (
μH)
2. CDH20D08HF-R68NC
△T (℃)
L (
μH)
3. CDH20D08HF-1R0NC
L (
μH)
DC (A)
5. CDH20D08HF-2R2MC
△T (℃)
L (
μH)
6. CDH20D08HF-3R3MC
DC (A)
7. CDH20D08HF-4R7MC
△T (℃)
L (
μH)
8. CDH20D08HF-6R8MC
△T (℃)
L (
μH)
DC (A)
9. CDH20D08HF-8R2MC
DC (A)
4. CDH20D08HF-1R5NC
△T (℃)
DC (A)
DC (A)
DC (A)
DC (A)
DC (A)
△T (℃)
L (
μH)
△T (℃)
L (
μH)
△T (℃)
L (
μH)
L (20
℃)
△T


Numéro de pièce similaire - CDH20D08HF-1R0NC

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
CDH20D07 SUMIDA-CDH20D07 Datasheet
147Kb / 2P
   Power Inductors
CDH20D07NP-1R0M SUMIDA-CDH20D07NP-1R0M Datasheet
147Kb / 2P
   Power Inductors
CDH20D07NP-1R3M SUMIDA-CDH20D07NP-1R3M Datasheet
147Kb / 2P
   Power Inductors
CDH20D07NP-1R5M SUMIDA-CDH20D07NP-1R5M Datasheet
147Kb / 2P
   Power Inductors
CDH20D07NP-1R8M SUMIDA-CDH20D07NP-1R8M Datasheet
147Kb / 2P
   Power Inductors
More results

Description similaire - CDH20D08HF-1R0NC

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com