Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDH5D16HF-100MC Fiches technique(PDF) 2 Page - Sumida Corporation

No de pièce CDH5D16HF-100MC
Description  SMD Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUMIDA [Sumida Corporation]
Site Internet  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDH5D16HF-100MC Fiches technique(HTML) 2 Page - Sumida Corporation

  CDH5D16HF-100MC Datasheet HTML 1Page - Sumida Corporation CDH5D16HF-100MC Datasheet HTML 2Page - Sumida Corporation CDH5D16HF-100MC Datasheet HTML 3Page - Sumida Corporation CDH5D16HF-100MC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Revised: 1-Jun-11
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDH5D16
Electrical Characteristics
※1. Measuring condition: at 100kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 70% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
0.84
0.90
465
±20%
33
±20%
330
CDH5D16HF-330MC
1.03
1.10
311
±20%
22
±20%
220
CDH5D16HF-220MC
1.24
1.34
205
±20%
15
±20%
150
CDH5D16HF-150MC
1.68
1.65
120
±20%
10
±20%
100
CDH5D16HF-100MC
1.90
2.00
97
±20%
6.8
±20%
6R8
CDH5D16HF-6R8MC
2.32
2.40
69
±20%
4.7
±20%
4R7
CDH5D16HF-4R7MC
2.90
2.96
46
±20%
3.1
±20%
3R1
CDH5D16HF-3R1MC
3.10
3.26
40
±20%
2.5
±20%
2R5
CDH5D16HF-2R5MC
3.70
4.08
28
±20%
1.5
±20%
1R5
CDH5D16HF-1R5MC
4.05
4.72
23
±20%
1.1
±20%
1R1
CDH5D16HF-1R1MC
Temperature
rise current
(A)
※3
Saturation
current
(A)
※2
(at20
℃)
D.C.R.
(m
Ω)
[Within]
(at 20
℃)
Inductance
(
μH)
[Within]
※1
Stamp
Part No.


Numéro de pièce similaire - CDH5D16HF-100MC

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
CDH5D16HF-100MC SUMIDA-CDH5D16HF-100MC Datasheet
171Kb / 4P
   SMD Power Inductor
More results

Description similaire - CDH5D16HF-100MC

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com