Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MJW21195 Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce MJW21195
Description  Silicon Power Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJW21195 Fiches technique(HTML) 1 Page - ON Semiconductor

  MJW21195 Datasheet HTML 1Page - ON Semiconductor MJW21195 Datasheet HTML 2Page - ON Semiconductor MJW21195 Datasheet HTML 3Page - ON Semiconductor MJW21195 Datasheet HTML 4Page - ON Semiconductor MJW21195 Datasheet HTML 5Page - ON Semiconductor MJW21195 Datasheet HTML 6Page - ON Semiconductor MJW21195 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2010
March, 2010 − Rev. 3
1
Publication Order Number:
MJW21195/D
MJW21195 (PNP)
MJW21196 (NPN)
Silicon Power Transistors
The MJW21195 and MJW21196 utilize Perforated Emitter
technology and are specifically designed for high power audio output,
disk head positioners and linear applications.
Features
Total Harmonic Distortion Characterized
High DC Current Gain − hFE = 20 Min @ IC = 8 Adc
Excellent Gain Linearity
High SOA: 2.25 A, 80 V, 1 Second
Pb−Free Packages are Available*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
VCEO
250
Vdc
Collector−Base Voltage
VCBO
400
Vdc
Emitter−Base Voltage
VEBO
5.0
Vdc
Collector−Emitter Voltage − 1.5 V
VCEX
400
Vdc
Collector Current
− Continuous
Collector Current
− Peak (Note 1)
IC
16
30
Adc
Base Current − Continuous
IB
5.0
Adc
Total Power Dissipation @ TC = 25°C
Derate Above 25°C
PD
200
1.43
W
W/°C
Operating and Storage Junction
Temperature Range
TJ, Tstg −65 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
0.7
°C/W
Thermal Resistance, Junction−to−Ambient
RqJA
40
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Pulse Test: Pulse Width = 5 ms, Duty Cycle ≤ 10%.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Device
Package
Shipping
ORDERING INFORMATION
MJW21195
TO−247
30 Units/Rail
16 AMPERES
COMPLEMENTARY
SILICON POWER TRANSISTORS
250 VOLTS, 200 WATTS
MJW21196
TO−247
30 Units/Rail
http://onsemi.com
MJW21196G
TO−247
(Pb−Free)
30 Units/Rail
30 Units/Rail
MJW21195G
TO−247
(Pb−Free)
TO−247
CASE 340L
2
1
3
MARKING DIAGRAM
MJW2119x
AYWWG
x
= 5 or 6
A
= Assembly Location
Y
= Year
WW = Work Week
G
= Pb−Free Package
1 BASE
2 COLLECTOR
3 EMITTER


Numéro de pièce similaire - MJW21195

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MJW21195 ONSEMI-MJW21195 Datasheet
91Kb / 8P
   Silicon Power Transistors
March, 2002 ??Rev. 1
MJW21195 ONSEMI-MJW21195 Datasheet
75Kb / 7P
   16 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS, 200 WATTS
January, 2006 ??Rev. 2
logo
Inchange Semiconductor ...
MJW21195 ISC-MJW21195 Datasheet
418Kb / 2P
   Silicon PNP Power Transistor
logo
ON Semiconductor
MJW21195G ONSEMI-MJW21195G Datasheet
75Kb / 7P
   16 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS, 200 WATTS
January, 2006 ??Rev. 2
MJW21195 ONSEMI-MJW21195_06 Datasheet
75Kb / 7P
   16 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS, 200 WATTS
January, 2006 ??Rev. 2
More results

Description similaire - MJW21195

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MJ15022 ONSEMI-MJ15022_13 Datasheet
117Kb / 4P
   Silicon Power Transistors 16 AMPERES SILICON POWER TRANSISTORS
August, 2013 ??Rev. 12
MJD44H11 ONSEMI-MJD44H11 Datasheet
192Kb / 6P
   SILICON POWER TRANSISTORS
August, 2004 ??Rev. 6
logo
Motorola, Inc
MJ15022 MOTOROLA-MJ15022 Datasheet
153Kb / 4P
   Silicon Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3298_2014 JMNIC-2SC3298_2014 Datasheet
165Kb / 3P
   Silicon Power Transistors
BUL52B_2015 JMNIC-BUL52B_2015 Datasheet
88Kb / 3P
   Silicon Power Transistors
2SC5129 JMNIC-2SC5129_15 Datasheet
47Kb / 3P
   Silicon Power Transistors
2SC2331_2014 JMNIC-2SC2331_2014 Datasheet
51Kb / 3P
   Silicon Power Transistors
2SC3855_2014 JMNIC-2SC3855_2014 Datasheet
126Kb / 3P
   Silicon Power Transistors
2SC3979_2014 JMNIC-2SC3979_2014 Datasheet
152Kb / 3P
   Silicon Power Transistors
2SC3855 JMNIC-2SC3855_15 Datasheet
126Kb / 3P
   Silicon Power Transistors
2SD1588 JMNIC-2SD1588 Datasheet
119Kb / 3P
   Silicon Power Transistors
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com