Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD440 Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce BD440
Description  Plastic Medium Power Silicon PNP Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BD440 Fiches technique(HTML) 1 Page - ON Semiconductor

  BD440 Datasheet HTML 1Page - ON Semiconductor BD440 Datasheet HTML 2Page - ON Semiconductor BD440 Datasheet HTML 3Page - ON Semiconductor BD440 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2005
December, 2005 − Rev. 14
1
Publication Order Number:
BD438/D
BD436, BD438, BD440,
BD442
Plastic Medium Power
Silicon PNP Transistor
This series of plastic, medium−power silicon PNP transistors can be
used for for amplifier and switching applications. Complementary
types are BD437 and BD441.
Features
Pb−Free Packages are Available*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
BD436
BD438
BD440
BD442
VCEO
32
45
60
80
Vdc
Collector−Base Voltage
BD436
BD438
BD440
BD442
VCBO
32
45
60
80
Vdc
Emitter−Base Voltage
VEBO
5.0
Vdc
Collector Current
IC
4.0
Adc
Base Current
IB
1.0
Adc
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
36
288
W
W/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to + 150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
qJC
3.5
°C/W
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
TO−225AA
CASE 77
STYLE 1
4.0 AMP POWER
TRANSISTORS PNP SILICON
3
2 1
BD4xx
= Device Code
xx = 36, 36T, 38, 40, 42
Y
= Year
WW
= Work Week
G
= Pb−Free Package
MARKING DIAGRAM
YWW
BD4xxG
Device
Package
Shipping
BD436
TO−225AA
500 Units/Box
BD438
TO−225AA
500 Units/Box
BD440
TO−225AA
500 Units/Box
BD442
TO−225AA
500 Units/Box
BD436T
TO−225AA
50 Units/Rail
BD436TG
TO−225AA
(Pb−Free)
50 Units/Rail
ORDERING INFORMATION
BD436G
TO−225AA
(Pb−Free)
500 Units/Box
BD438G
TO−225AA
(Pb−Free)
500 Units/Box
BD440G
TO−225AA
(Pb−Free)
500 Units/Box
BD442G
TO−225AA
(Pb−Free)
500 Units/Box


Numéro de pièce similaire - BD440

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
BD440 MOTOROLA-BD440 Datasheet
111Kb / 4P
   Plastic Medium Power Silicon PNP Transistor
logo
Comset Semiconductor
BD440 COMSET-BD440 Datasheet
73Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
ON Semiconductor
BD440 ONSEMI-BD440 Datasheet
111Kb / 4P
   POWER TRANSISTORS PNP SILICON
1995 REV 7
logo
Savantic, Inc.
BD440 SAVANTIC-BD440 Datasheet
104Kb / 3P
   Silicon NPN Power Transistors
logo
STMicroelectronics
BD440 STMICROELECTRONICS-BD440 Datasheet
69Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results

Description similaire - BD440

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
BD136 ONSEMI-BD136 Datasheet
42Kb / 4P
   Plastic Medium Power Silicon PNP Transistor
April, 2005 ??Rev. 12
MJE350G ONSEMI-MJE350G Datasheet
102Kb / 3P
   Plastic Medium-Power PNP Silicon Transistor
December, 2013 ??Rev. 17
BD180 ONSEMI-BD180 Datasheet
68Kb / 4P
   Plastic Medium Power Silicon PNP Transistor
February, 2006 ??Rev. 11
logo
New Jersey Semi-Conduct...
2N4918 NJSEMI-2N4918 Datasheet
136Kb / 1P
   MEDIUM-POWER PLASTIC PNP SILICON TRANSISTOR
logo
ON Semiconductor
MJE350 ONSEMI-MJE350 Datasheet
139Kb / 3P
   Plastic Medium Power PNP Silicon Transistor
January, 2007 ??Rev. 14
logo
New Jersey Semi-Conduct...
MJE350 NJSEMI-MJE350 Datasheet
72Kb / 2P
   Plastic Medium Power PNP Silicon Transistor
logo
Motorola, Inc
BD180 MOTOROLA-BD180 Datasheet
105Kb / 4P
   Plastic Medium Power Silicon PNP Transistor
logo
ON Semiconductor
BD436G ONSEMI-BD436G Datasheet
84Kb / 4P
   Plastic Medium Power Silicon PNP Transistor
December, 2013 ??Rev. 16
logo
Motorola, Inc
BD186 MOTOROLA-BD186 Datasheet
103Kb / 2P
   PLASTIC MEDIUM POWER SILICON PNP TRANSISTOR
BD166 MOTOROLA-BD166 Datasheet
101Kb / 4P
   Plastic Medium Power Silicon PNP Transistor
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com