Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC04A-200TD Fiches technique(PDF) 3 Page - Semtech Corporation

No de pièce TC04A-200TD
Description  Battery Tracking TransClamp For SLIC Linecard Protection?
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TC04A-200TD Fiches technique(HTML) 3 Page - Semtech Corporation

  TC04A-200TD Datasheet HTML 1Page - Semtech Corporation TC04A-200TD Datasheet HTML 2Page - Semtech Corporation TC04A-200TD Datasheet HTML 3Page - Semtech Corporation TC04A-200TD Datasheet HTML 4Page - Semtech Corporation TC04A-200TD Datasheet HTML 5Page - Semtech Corporation TC04A-200TD Datasheet HTML 6Page - Semtech Corporation TC04A-200TD Datasheet HTML 7Page - Semtech Corporation TC04A-200TD Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
ã 2000 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
PROTECTION PRODUCTS
TC04A-200
Typical Characteristics
Impulse Derating Curve
0
10
20
30
40
50
60
70
80
90
100
110
0
25
50
75
100
125
150
Ambient Temperature - TA (
oC)
Normalized Holding Current vs. Temperature
Reverse Leakage Current vs. temperature
Normalized Gate Trigger Current vs. temperature
Diode Forward Voltage vs. Forward Current
Impulse Response Characteristic
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
25
50
75
100
125
150
Junction temperature - TJ (
oC)
IH (TJ)/IH (25
o
C)
0.1
1
10
100
1000
0
25
50
75
100
125
150
Temperature (
oC)
VDRM=-100V
0
0.2
0.4
0.6
0.8
1
1.2
0
20
40
60
80
100
120
140
Temperature (
oC)
0
1
2
3
4
5
6
0
20
40
60
80
100
120
140
160
Forward Current - IF (A)
1.2x50uSec 920V@50A w ith 0.1uFd
-95
-85
-75
-65
-55
-45
-35
-25
-15
-5
2.5
3.5
4.5
5.5
6.5
7.5
8.5
9.5
10.5
11.5
12.5
Tim e in uSe c
-50V B ias
-60V B ias
-70V B ias
-80V B ias
-90V B ias


Numéro de pièce similaire - TC04A-200TD

FabricantNo de pièceFiches techniqueDescription
logo
TelCom Semiconductor, I...
TC04A TELCOM-TC04A Datasheet
46Kb / 4P
   LOW POWER, BANDGAP VOLTAGE REFERENCES
TC04ACOA TELCOM-TC04ACOA Datasheet
46Kb / 4P
   LOW POWER, BANDGAP VOLTAGE REFERENCES
TC04ACZM TELCOM-TC04ACZM Datasheet
46Kb / 4P
   LOW POWER, BANDGAP VOLTAGE REFERENCES
More results

Description similaire - TC04A-200TD

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
TC03A-200 SEMTECH-TC03A-200 Datasheet
116Kb / 8P
   Battery Tracking TransClamp For SLIC Linecard Protection
logo
Bourns Electronic Solut...
TBU-PL-75-100-WH BOURNS-TBU-PL-75-100-WH Datasheet
908Kb / 1P
   Negative Battery Voltage SLIC Protection
logo
Semtech Corporation
TCLAMP2512N SEMTECH-TCLAMP2512N Datasheet
684Kb / 8P
   Low Capacitance TransClamp Surge Protection for Ethernet Interfaces
logo
Bourns Electronic Solut...
TISP9110LDMR-S BOURNS-TISP9110LDMR-S_11 Datasheet
740Kb / 1P
   SLIC Protection
logo
STMicroelectronics
THBT200S STMICROELECTRONICS-THBT200S Datasheet
66Kb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
THBT200S1 STMICROELECTRONICS-THBT200S1 Datasheet
67Kb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
THDT6511D STMICROELECTRONICS-THDT6511D_01 Datasheet
126Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
THDT58S1 STMICROELECTRONICS-THDT58S1 Datasheet
79Kb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
THDT6511D STMICROELECTRONICS-THDT6511D Datasheet
54Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
LCP1521S STMICROELECTRONICS-LCP1521S Datasheet
125Kb / 11P
   PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com