Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC03A-200 Fiches technique(PDF) 1 Page - Semtech Corporation

No de pièce TC03A-200
Description  Battery Tracking TransClamp For SLIC Linecard Protection
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TC03A-200 Fiches technique(HTML) 1 Page - Semtech Corporation

  TC03A-200 Datasheet HTML 1Page - Semtech Corporation TC03A-200 Datasheet HTML 2Page - Semtech Corporation TC03A-200 Datasheet HTML 3Page - Semtech Corporation TC03A-200 Datasheet HTML 4Page - Semtech Corporation TC03A-200 Datasheet HTML 5Page - Semtech Corporation TC03A-200 Datasheet HTML 6Page - Semtech Corporation TC03A-200 Datasheet HTML 7Page - Semtech Corporation TC03A-200 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PRELIMINARY
1
www.semtech.com
PROTECTION PRODUCTS
TC03A-200
Battery Tracking TransClamp™
For SLIC Linecard Protection
PRELIMINARY
Description
Features
Circuit Diagram
Schematic & PIN Configuration
Revision 9/2000
The battery tracking TransClamp series of transient
voltage suppressors (TVS) are designed to protect
subscriber line interface circuits (SLIC) from transient
voltages resulting from lightning strikes and AC power
line disturbances. The TC03A-200 integrates all the
components necessary to protect SLIC ICs from line to
ground for positive and negative transients.
For negative transient events, the TVS thyristor will
crowbar or “fire” when the line voltage exceeds the
gate reference voltage. The gate voltage is referenced
to the battery voltage ( -V
BAT ) plus the VF of the series
rectifier. The device firing voltage range is -5V to
-100V. External diodes are used to shunt positive
transients to ground.
These devices are designed to meet industry standard
transient immunity requirements such as Bellcore TR-
NWT-001089, FCC Part 68, ITU K17-K20, and IEC
61000-4-5. The high surge capability is advantageous
in harsh environments, and offers better reliability than
"low surge" rated devices. The integrated design saves
board space and increases equipment reliability by
replacing multiple discrete components. The device
may be used to protect any SLIC and is particularly
suited for those with integrated ring generators.
Applications
Mechanical Characteristics
! Subscriber Line Interface Circuit (SLIC) Protection
! Central Office Equipment
! ISDN Terminal Adaptors
! Cable Telephony
! Small Office Home Office (SOHO) Applications
! Wireless Local Loop (WLL)
! Transient protection for telecommunications lines to
Bellcore 1089 (long haul), VDE 0433, ITU K20
IEC 61000-4-5 (Lightning), and FCC Part 68
! High surge current rating (100A, tp = 10/1000µs)
! Protects up to two Tip & Ring line pairs
! Gate firing voltage is referenced to the system
battery voltage
! Wide firing voltage range: -5V to -100V
! High holding current: 200mA
! Replaces discrete components
! Solid-state TVS process technology
! JEDEC SOT-89 package
! Molding compound flammability rating:
UL 94V-0
! Marking : Part number, date code, logo
! Packaging : Tape and Reel per EIA 481
SOT-89 (Top View)
GND
-VBat
Line
2
3
1
12
3
LINE
GND
GATE


Numéro de pièce similaire - TC03A-200

FabricantNo de pièceFiches techniqueDescription
logo
TelCom Semiconductor, I...
TC03 TELCOM-TC03 Datasheet
149Kb / 7P
   PRECISION TEMPERATURE-TO-VOLTAGE CONVERTERS
logo
TAI-SAW TECHNOLOGY CO.,...
TC0302A TAI-SAW-TC0302A Datasheet
327Kb / 6P
   SAW Resonator 622.41 MHz SMD 3X3 mm
TC0304A TAI-SAW-TC0304A Datasheet
292Kb / 5P
   SAW Resonator 622.017 MHz SMD 3.8X3.8 mm
TC0305A TAI-SAW-TC0305A Datasheet
360Kb / 5P
   SAW Resonator 744.8 MHz SMD 3.8X3.8 mm
TC0306A TAI-SAW-TC0306A Datasheet
366Kb / 5P
   SAW Resonator 1000 MHz SMD 3.8X3.8 mm
More results

Description similaire - TC03A-200

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
TC04A-200 SEMTECH-TC04A-200 Datasheet
276Kb / 8P
   Battery Tracking TransClamp For SLIC Linecard Protection?
logo
Bourns Electronic Solut...
TBU-PL-75-100-WH BOURNS-TBU-PL-75-100-WH Datasheet
908Kb / 1P
   Negative Battery Voltage SLIC Protection
logo
Semtech Corporation
TCLAMP2512N SEMTECH-TCLAMP2512N Datasheet
684Kb / 8P
   Low Capacitance TransClamp Surge Protection for Ethernet Interfaces
logo
Bourns Electronic Solut...
TISP9110LDMR-S BOURNS-TISP9110LDMR-S_11 Datasheet
740Kb / 1P
   SLIC Protection
logo
STMicroelectronics
THBT200S STMICROELECTRONICS-THBT200S Datasheet
66Kb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
THBT200S1 STMICROELECTRONICS-THBT200S1 Datasheet
67Kb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
THDT6511D STMICROELECTRONICS-THDT6511D_01 Datasheet
126Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
THDT58S1 STMICROELECTRONICS-THDT58S1 Datasheet
79Kb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
THDT6511D STMICROELECTRONICS-THDT6511D Datasheet
54Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
LCP1521S STMICROELECTRONICS-LCP1521S Datasheet
125Kb / 11P
   PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com