Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STD13005 Fiches technique(PDF) 1 Page - KODENSHI_AUK CORP.

No de pièce STD13005
Description  SWITCHING REGULATOR APPLICATIONS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KODENSHI [KODENSHI_AUK CORP.]
Site Internet  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

STD13005 Fiches technique(HTML) 1 Page - KODENSHI_AUK CORP.

  STD13005 Datasheet HTML 1Page - KODENSHI_AUK CORP. STD13005 Datasheet HTML 2Page - KODENSHI_AUK CORP. STD13005 Datasheet HTML 3Page - KODENSHI_AUK CORP. STD13005 Datasheet HTML 4Page - KODENSHI_AUK CORP. STD13005 Datasheet HTML 5Page - KODENSHI_AUK CORP. STD13005 Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
KSD-T0P016-001
1
STD13005
NPN Silicon Power Transistor
PIN Connection
B C E
SWITCHING REGULATOR APPLICATIONS
Features
• High speed switching
• VCEO(sus)=400V
• Suitable for Switching Regulator and Motor Control
Ordering Information
Absolute maximum ratings
(Tc=25℃)
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
700
V
Collector-Emitter voltage
VCEO
400
V
Emitter-base voltage
VEBO
9
V
Collector current (DC)
IC
4
A
Collector current (Pulse)
ICM
8
A
Base current (DC)
IB
2
A
Base current (Pulse)
IBM
4
A
Total Power dissipation (Tc=25℃)
PD
60
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55~150
°C
Characteristic
Symbol
Typ.
Max
Unit
Junction-case
Rth(J-C)
-
2.08
Thermal
resistance
Junction-ambient
Rth(J-a)
-
83.3
/W
Type NO.
Marking
Package Code
STD13005
STD13005
TO-220AB
C
E
B


Numéro de pièce similaire - STD13005

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STD13005 STMICROELECTRONICS-STD13005 Datasheet
254Kb / 10P
   High voltage fast-switching NPN power transistor
November 2009 Rev 1
logo
AUK corp
STD13005F AUK-STD13005F Datasheet
290Kb / 4P
   NPN Silicon Power Transistor
logo
KODENSHI_AUK CORP.
STD13005F KODENSHI-STD13005F Datasheet
279Kb / 6P
   SWITCHING REGULATOR APPLICATIONS
STD13005F KODENSHI-STD13005F Datasheet
279Kb / 6P
   SWITCHING REGULATOR APPLICATIONS
logo
AUK corp
STD13005FC AUK-STD13005FC Datasheet
305Kb / 4P
   NPN Silicon Power Transistor
More results

Description similaire - STD13005

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
Sanyo Semicon Device
2SC3184 SANYO-2SC3184 Datasheet
92Kb / 3P
   Switching Regulator Applications
2SC3450 SANYO-2SC3450 Datasheet
91Kb / 3P
   Switching Regulator Applications
2SC3994 SANYO-2SC3994 Datasheet
95Kb / 3P
   Switching Regulator Applications
logo
Toshiba Semiconductor
TK12A60D TOSHIBA-TK12A60D Datasheet
192Kb / 6P
   Switching Regulator Applications
TK13A50D TOSHIBA-TK13A50D Datasheet
191Kb / 6P
   Switching Regulator Applications
TK14A55D TOSHIBA-TK14A55D Datasheet
186Kb / 6P
   Switching Regulator Applications
TK15X60U TOSHIBA-TK15X60U Datasheet
201Kb / 6P
   Switching Regulator Applications
TK18A50D TOSHIBA-TK18A50D Datasheet
205Kb / 6P
   Switching Regulator Applications
TK4A55D TOSHIBA-TK4A55D Datasheet
196Kb / 6P
   Switching Regulator Applications
TK3A60DA TOSHIBA-TK3A60DA Datasheet
203Kb / 6P
   Switching Regulator Applications
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com