Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA3250D Fiches technique(PDF) 1 Page - KODENSHI_AUK CORP.

No de pièce STA3250D
Description  PNP Silicon Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KODENSHI [KODENSHI_AUK CORP.]
Site Internet  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

STA3250D Fiches technique(HTML) 1 Page - KODENSHI_AUK CORP.

  STA3250D Datasheet HTML 1Page - KODENSHI_AUK CORP. STA3250D Datasheet HTML 2Page - KODENSHI_AUK CORP. STA3250D Datasheet HTML 3Page - KODENSHI_AUK CORP. STA3250D Datasheet HTML 4Page - KODENSHI_AUK CORP. STA3250D Datasheet HTML 5Page - KODENSHI_AUK CORP. STA3250D Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
KSD-T6O023-001
1
STA3250D
PNP Silicon Transistor
TO-252
PIN Connection
Applications
• Power amplifier application
• High current switching application
Features
• Low saturation voltage:
VCE(sat)=-0.15V Typ. @ IC=-1A, IB=-50mA
• Large collector current capacity: IC=-2A
• Small and compact SMD type package
• “Green” device and RoHS compliant device
• Available in full lead (Pb)-free device
Ordering Information
Type NO.
Marking
Package Code
STA3250D
STA3250
TO-252
: Year & Week Code
Absolute Maximum Ratings
[Ta=25℃]
Characteristic
Symbol
Rating
Unit
Collector-base voltage
VCBO
-50
V
Collector-emitter voltage
VCEO
-50
V
Emitter-base voltage
VEBO
-5
V
IC
-2
A(DC)
Collector current
ICP*
-4
A(Pulse)
PC(Ta= 25°C)
1
W
Collector Power dissipation
PC(TC= 25°C)
10
W
Junction temperature
TJ
150
°C
Storage temperature range
Tstg
-55~150
°C
* :
Single pulse, tp= 300 ㎲


Numéro de pièce similaire - STA3250D

FabricantNo de pièceFiches techniqueDescription
logo
KODENSHI_AUK CORP.
STA3250D KODENSHI-STA3250D Datasheet
372Kb / 6P
   PNP Silicon Transistor
More results

Description similaire - STA3250D

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
   SILICON PNP TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HMPS6562 HSMC-HMPS6562 Datasheet
38Kb / 4P
   PNP SILICON TRANSISTOR
logo
AUK corp
SRA2201M AUK-SRA2201M Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2201SF AUK-SRA2201SF Datasheet
51Kb / 3P
   PNP Silicon Transistor
SRA2202UF AUK-SRA2202UF Datasheet
193Kb / 3P
   PNP Silicon Transistor
SRA2204S AUK-SRA2204S Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2206 AUK-SRA2206 Datasheet
49Kb / 3P
   PNP Silicon Transistor
SRA2206EF AUK-SRA2206EF Datasheet
44Kb / 3P
   PNP Silicon Transistor
SRA2206SF AUK-SRA2206SF Datasheet
44Kb / 3P
   PNP Silicon Transistor
STN2907 AUK-STN2907 Datasheet
226Kb / 4P
   PNP Silicon Transistor
STS8550 AUK-STS8550 Datasheet
96Kb / 3P
   PNP Silicon Transistor
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com