Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD12CTG Fiches technique(PDF) 4 Page - Semtech Corporation

No de pièce SD12CTG
Description  Single Line TVS Diode for ESD Protection in Portable Electronics?
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SD12CTG Fiches technique(HTML) 4 Page - Semtech Corporation

  SD12CTG Datasheet HTML 1Page - Semtech Corporation SD12CTG Datasheet HTML 2Page - Semtech Corporation SD12CTG Datasheet HTML 3Page - Semtech Corporation SD12CTG Datasheet HTML 4Page - Semtech Corporation SD12CTG Datasheet HTML 5Page - Semtech Corporation SD12CTG Datasheet HTML 6Page - Semtech Corporation SD12CTG Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
ã 2000 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
SD05C THRU SD24C
Typical Characteristics
Non-Repetitive Peak Pulse Power vs. Pulse Time
Power Derating Curve
0
10
20
30
40
50
60
70
80
90
100
110
0
25
50
75
100
125
150
Ambient Temperature - TA (
oC)
Clamping Voltage vs. Peak Pulse Current
0
10
20
30
40
50
60
70
80
90
100
110
0
5
10
15
20
25
30
Time (
µs)
e
-t
td = IPP/2
Waveform
Parameters:
tr = 8
µs
td = 20
µs
Pulse Waveform
0.01
0.1
1
10
0.1
1
10
100
1000
Pulse Duration - tp (
µs)
0
5
10
15
20
25
30
0
5
10
15
20
25
30
Peak Pulse Current -Ipp (A)
Waveform
Parameters:
tr = 8
µs
td = 20
µs
SD05C
SD12C


Numéro de pièce similaire - SD12CTG

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
SD12CT1 ONSEMI-SD12CT1 Datasheet
36Kb / 4P
   Transient Voltage Suppressor(Bi-directional ESD Protection with Ultra Low Clamping Voltage)
February, 2005 ??Rev. 0
SD12CT1 ONSEMI-SD12CT1 Datasheet
40Kb / 3P
   Transient Voltage Suppressor
February, 2007 ??Rev. 1
SD12CT1G ONSEMI-SD12CT1G Datasheet
36Kb / 4P
   Transient Voltage Suppressor(Bi-directional ESD Protection with Ultra Low Clamping Voltage)
February, 2005 ??Rev. 0
SD12CT1G ONSEMI-SD12CT1G Datasheet
40Kb / 3P
   Transient Voltage Suppressor
February, 2007 ??Rev. 1
logo
Guangdong Youtai Semico...
SD12CT1G UMW-SD12CT1G Datasheet
301Kb / 3P
   Peak Power − 350 W (8 x 20 цs)
More results

Description similaire - SD12CTG

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
PG03JSUSC KEC-PG03JSUSC Datasheet
36Kb / 2P
   Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Pan Jit International I...
PJSD05CW PANJIT-PJSD05CW Datasheet
85Kb / 4P
   Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Samtec, Inc
SD05.TCT SAMTEC-SD05.TCT Datasheet
147Kb / 6P
   Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Semtech Corporation
SD05 SEMTECH-SD05 Datasheet
137Kb / 6P
   Single Line TVS Diode for ESD Protection in Portable Electronics
logo
KEC(Korea Electronics)
PG24FSUSC KEC-PG24FSUSC Datasheet
36Kb / 2P
   Single Line TVS Diode for ESD Protection in Portable Electronics
PG05UBUL2 KEC-PG05UBUL2 Datasheet
52Kb / 3P
   Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Pan Jit International I...
PJSD05CW-AU PANJIT-PJSD05CW-AU Datasheet
96Kb / 6P
   Single Line TVS Diode for ESD Protection in Portable Electronics
May 25,2016-REV.05
PJSD05W PANJIT-PJSD05W Datasheet
773Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION IN PORTABLE ELECTRONICS
logo
KEC(Korea Electronics)
PG12FBUSC KEC-PG12FBUSC_15 Datasheet
540Kb / 2P
   Single Line TVS Diode for ESD Protection in Portable Electronics
PG05FSESC KEC-PG05FSESC Datasheet
35Kb / 2P
   Single Line TVS Diode for ESD Protection in Portable Electronics
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com