Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD12CTG Fiches technique(PDF) 5 Page - Semtech Corporation

No de pièce SD12CTG
Description  Single Line TVS Diode for ESD Protection in Portable Electronics?
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SD12CTG Fiches technique(HTML) 5 Page - Semtech Corporation

  SD12CTG Datasheet HTML 1Page - Semtech Corporation SD12CTG Datasheet HTML 2Page - Semtech Corporation SD12CTG Datasheet HTML 3Page - Semtech Corporation SD12CTG Datasheet HTML 4Page - Semtech Corporation SD12CTG Datasheet HTML 5Page - Semtech Corporation SD12CTG Datasheet HTML 6Page - Semtech Corporation SD12CTG Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
ã 2000 Semtech Corp.
www.semtech.com
PRELIMINARY
PROTECTION PRODUCTS
SD05C THRU SD24C
Device Connection Options
The SDxxC TVS diodes are designed to protect one
data, I/O, or power supply line. The device is designed
to replace multi-layer varistors (MLVs) in portable
applications. It is easily implemented on existing 0805
MLV pads and is only slightly larger than 0603 MLV
pads. The device is bidirectional and may be used on
lines where the signal polarity is above and below
ground. The device is symmetrical, so there is no
cathode band.
Circuit Board Layout Recommendations for Suppres-
sion of ESD.
Good circuit board layout is critical for the suppression
of fast rise-time transients such as ESD. The following
guidelines are recommended (Refer to application note
SI99-01 for more detailed information):
l
Place the TVS near the input terminals or
connectors to restrict transient coupling.
l
Minimize the path length between the TVS and
the protected line.
l
The ESD transient return path to ground should
be kept as short as possible.
l
Place a TVS & decoupling capacitor between
power and ground of components that may be
vulnerable to electrostatic discharges to the
ground plane.
l
Minimize all conductive loops including power
and ground loops.
l
Use multilayer boards when possible.
l
Minimize interconnecting line lengths
l
Never run critical signals near board edges.
l
Fill unused portions of the PCB with ground
plane.
Device Schematic & Pin Configuration
Size Comparison to 0805 MLV
SOD-323
0805 MLV
Note: Nominal dimensions in inches
Component Placement Comparison
0805 MLV on
SOD-323 on 0805
MLV Pad
SOD-323 on Recommended
(SOD-323) Solder Pad
0805 Solder Pad
Applications Information


Numéro de pièce similaire - SD12CTG

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
SD12CT1 ONSEMI-SD12CT1 Datasheet
36Kb / 4P
   Transient Voltage Suppressor(Bi-directional ESD Protection with Ultra Low Clamping Voltage)
February, 2005 ??Rev. 0
SD12CT1 ONSEMI-SD12CT1 Datasheet
40Kb / 3P
   Transient Voltage Suppressor
February, 2007 ??Rev. 1
SD12CT1G ONSEMI-SD12CT1G Datasheet
36Kb / 4P
   Transient Voltage Suppressor(Bi-directional ESD Protection with Ultra Low Clamping Voltage)
February, 2005 ??Rev. 0
SD12CT1G ONSEMI-SD12CT1G Datasheet
40Kb / 3P
   Transient Voltage Suppressor
February, 2007 ??Rev. 1
logo
Guangdong Youtai Semico...
SD12CT1G UMW-SD12CT1G Datasheet
301Kb / 3P
   Peak Power − 350 W (8 x 20 цs)
More results

Description similaire - SD12CTG

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
PG03JSUSC KEC-PG03JSUSC Datasheet
36Kb / 2P
   Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Pan Jit International I...
PJSD05CW PANJIT-PJSD05CW Datasheet
85Kb / 4P
   Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Samtec, Inc
SD05.TCT SAMTEC-SD05.TCT Datasheet
147Kb / 6P
   Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Semtech Corporation
SD05 SEMTECH-SD05 Datasheet
137Kb / 6P
   Single Line TVS Diode for ESD Protection in Portable Electronics
logo
KEC(Korea Electronics)
PG24FSUSC KEC-PG24FSUSC Datasheet
36Kb / 2P
   Single Line TVS Diode for ESD Protection in Portable Electronics
PG05UBUL2 KEC-PG05UBUL2 Datasheet
52Kb / 3P
   Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Pan Jit International I...
PJSD05CW-AU PANJIT-PJSD05CW-AU Datasheet
96Kb / 6P
   Single Line TVS Diode for ESD Protection in Portable Electronics
May 25,2016-REV.05
PJSD05W PANJIT-PJSD05W Datasheet
773Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION IN PORTABLE ELECTRONICS
logo
KEC(Korea Electronics)
PG12FBUSC KEC-PG12FBUSC_15 Datasheet
540Kb / 2P
   Single Line TVS Diode for ESD Protection in Portable Electronics
PG05FSESC KEC-PG05FSESC Datasheet
35Kb / 2P
   Single Line TVS Diode for ESD Protection in Portable Electronics
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com