Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SDZ5V6AWA Fiches technique(PDF) 2 Page - KODENSHI_AUK CORP.

No de pièce SDZ5V6AWA
Description  ESD Protection Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KODENSHI [KODENSHI_AUK CORP.]
Site Internet  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SDZ5V6AWA Fiches technique(HTML) 2 Page - KODENSHI_AUK CORP.

  SDZ5V6AWA Datasheet HTML 1Page - KODENSHI_AUK CORP. SDZ5V6AWA Datasheet HTML 2Page - KODENSHI_AUK CORP. SDZ5V6AWA Datasheet HTML 3Page - KODENSHI_AUK CORP. SDZ5V6AWA Datasheet HTML 4Page - KODENSHI_AUK CORP. SDZ5V6AWA Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev. date: 29-NOV-10
KSD-D5C010-003
www.auk.co.kr
2 of 5
Absolute Maximum Ratings (T
amb=25℃, Unless otherwise specified)
Characteristic
Symbol
Ratings
Unit
Peak Pulse Power (tp = 8/20㎲)
PPK
100
W
Power dissipation
1)
PD
200
mW
Junction temperature
TJ
150
C
Storage temperature range
Tstg
-55 ~ 150
C
1) Device mounted on FR-4 board with recommended pad layout.
Thermal Characteristics (T
amb=25℃, Unless otherwise specified)
Characteristic
Symbol
Ratings
Unit
Thermal resistance, junction to ambient
1)
Rth(j-a)
625
C/W
1) Device mounted on FR-4 board with recommended pad layout.
Electrical Characteristics (T
amb=25℃, Unless otherwise specified)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Zener voltage
VZ
IZ=5mA
5.31
-
5.92
V
Dynamic impedance
ZZT
IZ=5mA
-
-
60
KNEE dynamic impedance
ZZK
IZ=0.5mA
-
-
200
Reverse current
IR
VR=2.5V
-
-
1
uA
Total capacitance
CT
VR=0V, f=1MHz
-
30
-
pF
SDZ5V6AWA


Numéro de pièce similaire - SDZ5V6AWA

FabricantNo de pièceFiches techniqueDescription
logo
AUK corp
SDZ5V6AWA AUK-SDZ5V6AWA Datasheet
112Kb / 3P
   ESD Protection Diode
More results

Description similaire - SDZ5V6AWA

FabricantNo de pièceFiches techniqueDescription
logo
KODENSHI_AUK CORP.
SDZ6V8AQ KODENSHI-SDZ6V8AQ Datasheet
171Kb / 5P
   ESD Protection Zener Diode
SDZ6V8AQ KODENSHI-SDZ6V8AQ_18 Datasheet
123Kb / 5P
   ESD Protection Zener Diode
SDZ6V2AD KODENSHI-SDZ6V2AD Datasheet
143Kb / 5P
   ESD Protection Zener Diode
logo
Weitron Technology
WT-Z106N-AU4 WEITRON-WT-Z106N-AU4 Datasheet
167Kb / 1P
   Zener Diode Chips for ESD Protection
WT-Z106P-4-14 WEITRON-WT-Z106P-4-14 Datasheet
175Kb / 1P
   Zener Diode Chips for ESD Protection
WT-Z105P-AU4 WEITRON-WT-Z105P-AU4 Datasheet
166Kb / 1P
   Zener Diode Chips for ESD Protection
WT-Z106P-4-12 WEITRON-WT-Z106P-4-12 Datasheet
175Kb / 1P
   Zener Diode Chips for ESD Protection
WT-Z106P-AU4-14 WEITRON-WT-Z106P-AU4-14 Datasheet
126Kb / 1P
   Zener Diode Chips for ESD Protection
WT-Z206V-AU4 WEITRON-WT-Z206V-AU4 Datasheet
193Kb / 1P
   Zener Diode Chips for ESD Bidrectional Protection
WT-Z210P WEITRON-WT-Z210P Datasheet
60Kb / 1P
   Zener Diode Chips (Dual Pad) for ESD Protection
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com