Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP103EYFFT Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMP103EYFFT
Description  Low-Power, Digital Temperature Sensor with Two-Wire Interface in WCSP
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMP103EYFFT Fiches technique(HTML) 5 Page - Texas Instruments

  TMP103EYFFT Datasheet HTML 1Page - Texas Instruments TMP103EYFFT Datasheet HTML 2Page - Texas Instruments TMP103EYFFT Datasheet HTML 3Page - Texas Instruments TMP103EYFFT Datasheet HTML 4Page - Texas Instruments TMP103EYFFT Datasheet HTML 5Page - Texas Instruments TMP103EYFFT Datasheet HTML 6Page - Texas Instruments TMP103EYFFT Datasheet HTML 7Page - Texas Instruments TMP103EYFFT Datasheet HTML 8Page - Texas Instruments TMP103EYFFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
10
9
8
7
6
5
4
3
2
1
0
Temperature( C)
°
-60 -40
0
40
140
160
3.6VSupply
1.4VSupply
-20
20
60
80
100 120
16
14
12
10
8
6
4
2
0
Temperature( C)
°
-60
-20
40
60
160
-40
0
20
80
100 120 140
3.6VSupply
1.8VSupply
1.4VSupply
40
38
36
34
32
30
28
26
24
22
20
Temperature( C)
°
-60
-20
40
60
140 160
3.6VSupply
1.4VSupply
-40
20
0
80
100 120
100
90
80
70
60
50
40
30
20
10
0
BusFrequency(Hz)
1k
10k
100k
1M
10M
-
°
55 C
+25 C
°
+125 C
°
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
Temperature( C)
°
-60 -40
40
60
140 160
-20
20
0
80
100 120
TMP103
www.ti.com
SBOS545A
– FEBRUARY 2011 – REVISED MARCH 2011
TYPICAL CHARACTERISTICS
At TA = +25°C and V+ = 1.8V, unless otherwise noted.
QUIESCENT CURRENT vs TEMPERATURE
(0.25 Conversions per Second)
SHUTDOWN CURRENT vs TEMPERATURE
Figure 1.
Figure 2.
QUIESCENT CURRENT vs BUS FREQUENCY
CONVERSION TIME vs TEMPERATURE
(Temperature at 3.3V Supply)
Figure 3.
Figure 4.
TEMPERATURE ERROR vs TEMPERATURE
Figure 5.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TMP103


Numéro de pièce similaire - TMP103EYFFT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP103EYFFT TI1-TMP103EYFFT Datasheet
992Kb / 30P
[Old version datasheet]   Low-Power, Digital Temperature Sensor
More results

Description similaire - TMP103EYFFT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP103 TI-TMP103_15 Datasheet
817Kb / 24P
[Old version datasheet]   Low-Power, Digital Temperature Sensor with Two-Wire Interface in WCSP
TMP108 TI-TMP108 Datasheet
268Kb / 19P
[Old version datasheet]   Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
TMP108 TI-TMP108_15 Datasheet
771Kb / 21P
[Old version datasheet]   Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
TMP175 TI-TMP175 Datasheet
295Kb / 13P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI1-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
Burr-Brown (TI)
TMP106 BURR-BROWN-TMP106 Datasheet
265Kb / 16P
   Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com