Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB26RGW01-05-CJ Fiches technique(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

No de pièce LB26RGW01-05-CJ
Description  Standard Size Pushbuttons
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Site Internet  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

LB26RGW01-05-CJ Fiches technique(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  LB26RGW01-05-CJ Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. LB26RGW01-05-CJ Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. LB26RGW01-05-CJ Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. LB26RGW01-05-CJ Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. LB26RGW01-05-CJ Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. LB26RGW01-05-CJ Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. LB26RGW01-05-CJ Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. LB26RGW01-05-CJ Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. LB26RGW01-05-CJ Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Series LB
Standard Size Pushbuttons
www.nkk.com
D46
D
General Specifications
Electrical Capacity (Resistive Load)
Power Level (silver):
3A @ 125V AC or 3A @ 250V AC or 3A @ 30V DC
Logic Level (gold):
0.4VA maximum @ 28V AC/DC maximum
(Applicable Range 0.1mA ~ 0.1A @ 20mV ~ 28V)
Note: Find additional explanation of operating range in Supplement section.
Other Ratings
Contact Resistance:
50 milliohms maximum for silver; 100 milliohms maximum for gold
Insulation Resistance:
200 megohms minimum @ 500V DC
Dielectric Strength:
1,000V AC minimum between contacts for 1 minute minimum;
1,500V AC minimum between contacts & case for 1 minute minimum
Mechanical Life:
1,000,000 operations minimum for momentary circuit
200,000 operations minimum for maintained circuit
Electrical Life:
100,000 operations minimum
Nominal Operating Force:
4.41N
Contact Timing:
Nonshorting (break-before-make)
Travel:
Pretravel .059” (1.5mm); Overtravel .059” (1.5mm); Total Travel .118” (3.0mm)
Materials & Finishes
Housing:
Glass fiber reinforced polyamide (UL94V-0)
Snap-in Frame:
Stainless steel
Movable Contact:
Silver alloy or copper with gold plating
Stationary Contacts:
Silver alloy or copper with gold plating
Base:
Liquid crystal polymer (UL94V-0)
Switch Terminals:
Phosphor bronze with silver or gold plating
Lamp Terminals:
Brass with silver plating
Environmental Data
Operating Temperature Range:
–25°C through +50°C (–13°F through +122°F) for Illuminated
–25°C through +70°C (–13°F through +158°F) for Nonilluminated
Note: When used with a polyvinyl chloride splash cover, the lowest limit is 0°C (32°F)
Humidity:
90 ~ 95% humidity for 96 hours @ 40°C (104°F)
Vibration:
10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning
in 1 minute; 3 right angled directions for 2 hours
Shock:
50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
Sealing:
Not available for snap-in; see next section for panel seal.
Installation
Cap Installation Force:
3.92N maximum downward force on cap
Quick Connect Force:
52.95N maximum downward force on connector
Soldering Time & Temperature:
Manual Soldering: See Profile A in Supplement section.
Standards & Certifications
Flammability Standards:
UL94V-0 housing & base
UL:
File No. E44145
All models recognized at 3A @ 125V or 250V AC or 0.4VA @ 28V AC/DC maximum.
Add “/U” to end of part number to order UL mark on switch.
Add “/CUL” to end of part number to order cULus mark on switch.
CSA:
File Nos. 023535_0_000
All models certified at 3A @ 125V or 250V AC or 0.4VA @ 28V AC/DC maximum.
Add “/C” to end of part number to order CSA mark on switch.


Numéro de pièce similaire - LB26RGW01-05-CJ

FabricantNo de pièceFiches techniqueDescription
logo
Nihon Kaiheiki Industry...
LB26RGW01-05BJ NKK-LB26RGW01-05BJ Datasheet
697Kb / 20P
   General Specifications
LB26RGW01-05CJ NKK-LB26RGW01-05CJ Datasheet
697Kb / 20P
   General Specifications
LB26RGW01-05EJ NKK-LB26RGW01-05EJ Datasheet
697Kb / 20P
   General Specifications
LB26RGW01-05FJ NKK-LB26RGW01-05FJ Datasheet
697Kb / 20P
   General Specifications
LB26RGW01-05GJ NKK-LB26RGW01-05GJ Datasheet
697Kb / 20P
   General Specifications
More results

Description similaire - LB26RGW01-05-CJ

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
LB15SKW01-5C12-JC ETC2-LB15SKW01-5C12-JC Datasheet
933Kb / 12P
   Standard Size Pushbuttons
logo
Nihon Kaiheiki Industry...
LB15SKW01 NKK-LB15SKW01 Datasheet
2Mb / 20P
   Standard Size Pushbuttons
LB15SKW01-A NKK-LB15SKW01-A Datasheet
359Kb / 9P
   Standard Size Pushbuttons
logo
List of Unclassifed Man...
LB16WKW01-5C12-JC ETC2-LB16WKW01-5C12-JC Datasheet
608Kb / 9P
   Standard Size Pushbuttons
logo
Nihon Kaiheiki Industry...
LB15WKW01-BJ NKK-LB15WKW01-BJ Datasheet
237Kb / 6P
   Standard Size Panel Seal Pushbuttons
logo
GREATECS
LB15SKW01-12-CJ GREATECS-LB15SKW01-12-CJ Datasheet
460Kb / 10P
   Standard Size Snap-in Pushbuttons
logo
List of Unclassifed Man...
ABD-100 ETC2-ABD-100 Datasheet
2Mb / 30P
   TWTD Series Full Size NEMA Pushbuttons
logo
IDEC Corporation
ABD311NUR IDEC-ABD311NUR Datasheet
2Mb / 30P
   New TWND Series — Full Size NEMA Pushbuttons
logo
C&K Components
1.15108.4510000 CK-COMPONENTS-1.15108.4510000 Datasheet
1Mb / 83P
   Pushbuttons
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com