Moteur de recherche de fiches techniques de composants électroniques |
|
LB16SGG01-05-BJ Fiches technique(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
LB16SGG01-05-BJ Fiches technique(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd. |
5 / 10 page Series LB Standard Size Snap-in Pushbuttons www.nkk.com D51 D (+) (-) LED COLORS & SPECIFICATIONS The electrical specifications shown are determined at a basic temperature of 25°C. LED circuit is isolated and requires external power source. Polarity marks are on the switch. If the source voltage exceeds the rated voltage, a ballast resistor is required. The resistor value can be calculated by using the formula in the Supplement section. Additional lamp detail is shown in the Accessories & Hardware section. Color Codes Red Amber Green Forward Peak Current I FM 30mA 30mA 30mA Continuous Forward Current I F 20mA 20mA 20mA Forward Voltage V F 1.9V 2.0V 2.1V Reverse Peak Voltage V RM 5V 5V 5V Current Reduction Rate Above 25°C ∆I F 0.42mA/°C Ambient Temperature Range –25° ~ +50°C 5C 5D 5F No Code Red Amber Green No Resistor (+) (-) T-11⁄2 Bi-pin AT635 LEDs are colored in OFF state. Bright LED without Resistor Color White Green Blue Forward Peak Current I FM 30mA 30mA 30mA Continuous Forward Current I F 20mA 20mA 20mA Forward Voltage V F 3.6V 3.5V 3.6V Reverse Peak Voltage V RM 5V 5V 5V Current Reduction Rate Above 25°C ∆I F 0.50mA/°C Ambient Temperature Range –25° ~ +50°C 6F 6G 6B AT625G Blue AT631B White AT632F Green T-1 Bi-pin Super Bright Single Element LED (+) (-) AT627 5-volt 4-element with Resistor AT627 12-volt 4-element with Resistor AT627 24-volt 4-element with Resistor (+) (-) (+) (-) Resistor Codes Color Codes: Forward Peak Current I FM — — — Continuous Forward Current I F 52mA 26mA 13mA Forward Voltage V F 5V 12V 24V Reverse Peak Voltage V RM 4V 8V 16V Current Reduction Rate Above 25°C ∆I F 0.50mA/°C Ambient Temperature Range –25° ~ +50°C 5C 5D 5F 12 24 05 Red Amber Green AT627 with Resistor T-1 Bi-pin Bright LED with Resistor ATTENTION ELECTROSTATIC SENSITIVE DEVICES No Code No Lamp |
Numéro de pièce similaire - LB16SGG01-05-BJ |
|
Description similaire - LB16SGG01-05-BJ |