Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KTA1024 Fiches technique(PDF) 2 Page - KEC(Korea Electronics)

No de pièce KTA1024
Description  EPITAXIAL PLANAR PNP TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1024 Fiches technique(HTML) 2 Page - KEC(Korea Electronics)

  KTA1024_07 Datasheet HTML 1Page - KEC(Korea Electronics) KTA1024_07 Datasheet HTML 2Page - KEC(Korea Electronics) KTA1024_07 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2007. 3. 28
2/3
KTA1024
Revision No : 2
COLLECTOR CURRENT I
(mA)
h
- I
FE
C
I
- V
C
CE
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
0
-10
0
V
- I
CE(sat)
C
C
COLLECTOR CURRENT I
(mA)
-0.6
-0.03
500
-0.5
COLLECTOR CURRENT I
(mA)
C
C
FE
h
- I
-2
-4
-6
-8
-10
-12
-20
-30
-40
-50
COMMON
EMITTER
Ta=25 C
I =-100
µA
B
-200
µA
-300
µA
-500
µA
-1
-3
-10
-30
-100
10
30
50
100
300
COMMON EMITTER
Ta=25 C
V
=-10V
CE
C
V
=-5V
COMMON EMITTER
300
100
50
30
10
-100
-30
-10
-3
-1
-0.5
500
Ta=100 C
Ta=25 C
Ta=-25 C
-0.6
COLLECTOR CURRENT I
(mA)
C
C
CE(sat)
V
- I
-1
-3
-10
-30
-100
-300
-0.05
-0.1
-0.3
-0.5
-1
-3
-5
CE
COMMON EMITTER
Ta=25 C
-1
-3
-10
-30
-100
-300
-0.03
-0.1
-0.05
-0.3
-0.5
-1
-3
-5
COMMON EMITTER
I /I =10
C B
Ta=100
C
Ta=25 C
Ta=-25 C
0
-0.2
0
BASE-EMITTER VOLTAGE V
(V)
BE
BE
C
I
- V
-0.4
-0.6
-0.8
-1.0
-1.2
-10
-20
-30
-40
-50
COMMON EMITTER
V
=-5V
CE


Numéro de pièce similaire - KTA1024_07

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KTA1024 KEC-KTA1024_05 Datasheet
20Kb / 1P
   TO-92L PACKAGE
More results

Description similaire - KTA1024_07

FabricantNo de pièceFiches techniqueDescription
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com