Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N5109 Fiches technique(PDF) 1 Page - Semicoa Semiconductor

No de pièce 2N5109
Description  Type 2N5109 Geometry 1007 Polarity NPN
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMICOA [Semicoa Semiconductor]
Site Internet  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N5109 Fiches technique(HTML) 1 Page - Semicoa Semiconductor

  2N5109 Datasheet HTML 1Page - Semicoa Semiconductor 2N5109 Datasheet HTML 2Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type 2N5109
Geometry 1007
Polarity NPN
Qual Level: JAN - JANTXV
Data Sheet No. 2N5109
Generic Part Number:
2N5109
REF: MIL-PRF-19500/453
Features:
• VHF-UHF amplifier silicon transis-
tor.
• Housed in TO-39 case.
• Also available in chip form using
the 1007 chip geometry.
• The Min and Max limits shown are
per MIL-PRF-19500/398 which
Semicoa meets in all cases.
Rating
Symbol
Rating
Unit
Collector-Emitter Voltage
VCEO
20
V
Collector-Base Voltage
VCBO
40
V
Emitter-Base Voltage
VEBO
3.0
V
Collector Current, Continuous
IC
0.4
A
Power Dissipation at 25
oC ambient
1.0
W
Derate above 25
oC
5.71
mW/
oC
Operating Junction Temperature
TJ
-65 to +200
oC
Storage Temperature
TSTG
-65 to +200
oC
Maximum Ratings
TC = 25
oC unless otherwise specified
PT
TO-39


Numéro de pièce similaire - 2N5109

FabricantNo de pièceFiches techniqueDescription
logo
Semicoa Semiconductor
2N5109 SEMICOA-2N5109 Datasheet
31Kb / 1P
   Chip Type 2C5109 Geometry 1007 Polarity NPN
logo
Central Semiconductor C...
2N5109 CENTRAL-2N5109 Datasheet
665Kb / 9P
   NPN - RF Transistor Die 0.4 Amp, 30 Volt
R0 22-February 2017
logo
Microsemi Corporation
2N5109 MICROSEMI-2N5109 Datasheet
281Kb / 5P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
Central Semiconductor C...
2N5109 CENTRAL-2N5109 Datasheet
624Kb / 8P
   PNP - RF Transistor Die 0.4 Amp, 40 Volt
R0 25-July 2016
2N5109 CENTRAL-2N5109 Datasheet
56Kb / 1P
   Small Signal Transistors
More results

Description similaire - 2N5109

FabricantNo de pièceFiches techniqueDescription
logo
Semicoa Semiconductor
2N3866A SEMICOA-2N3866A Datasheet
43Kb / 2P
   Type 2N3866A Geometry 1007 Polarity NPN
2C3866A SEMICOA-2C3866A Datasheet
31Kb / 1P
   Chip Type 2C3866A Geometry 1007 Polarity NPN
2C5109 SEMICOA-2C5109 Datasheet
31Kb / 1P
   Chip Type 2C5109 Geometry 1007 Polarity NPN
2N1893 SEMICOA-2N1893 Datasheet
67Kb / 2P
   Type 2N1893 Geometry 4500 Polarity NPN
2N2857 SEMICOA-2N2857 Datasheet
42Kb / 2P
   Type 2N2857 Geometry 0011 Polarity NPN
2N3019 SEMICOA-2N3019 Datasheet
45Kb / 2P
   Type 2N3019 Geometry 4500 Polarity NPN
2N3500 SEMICOA-2N3500 Datasheet
45Kb / 2P
   Type 2N3500 Geometry 5620 Polarity NPN
2N3507L SEMICOA-2N3507L Datasheet
45Kb / 2P
   Type 2N3507L Geometry 1506 Polarity NPN
2N3960 SEMICOA-2N3960 Datasheet
43Kb / 2P
   Type 2N3960 Geometry 0003 Polarity NPN
2N5238 SEMICOA-2N5238 Datasheet
55Kb / 2P
   Type 2N5238 Geometry 3111 Polarity NPN
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com