Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KRA119M Fiches technique(PDF) 4 Page - KEC(Korea Electronics)

No de pièce KRA119M
Description  EPITAXIAL PLANAR PNP TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRA119M Fiches technique(HTML) 4 Page - KEC(Korea Electronics)

  KRA119M Datasheet HTML 1Page - KEC(Korea Electronics) KRA119M Datasheet HTML 2Page - KEC(Korea Electronics) KRA119M Datasheet HTML 3Page - KEC(Korea Electronics) KRA119M Datasheet HTML 4Page - KEC(Korea Electronics) KRA119M Datasheet HTML 5Page - KEC(Korea Electronics) KRA119M Datasheet HTML 6Page - KEC(Korea Electronics) KRA119M Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2002. 7. 2
4/7
KRA116M~KRA122M
Revision No : 3
I
- V
I(ON)
INPUT ON VOLTAGE V
(V)
-0.1
-0.3
-1
-3
-0.3
O
I(ON)
-10
-0.5
-1
-3
-5
-10
-30
-50
-100
KRA116M
V =-0.2V
O
Ta=25 C
Ta=-25 C
Ta=100 C
Ta=100 C
-0.3
INPUT ON VOLTAGE V
(V)
-10
-0.1
-0.5
-0.3
-1
-3
-5
-100
-50
-30
KRA117M
V =-0.2V
O
-1
I(ON)
-3
Ta=-25 C
Ta=25 C
-10
I
- V
O
I(ON)
-0.1
INPUT OFF VOLTAGE V
(V)
0
-50
-30
-100
-1k
-300
-500
-3k
KRA116M
I(OFF)
I
- V
O
I(OFF)
V =-5V
O
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
V =-5V
-3.0
-1.0
0
-30
-100
-50
-0.5
-2.0
-1.5
-2.5
O
-300
-1k
-500
-3k
KRA117M
OUTPUT CURRENT I
(mA)
KRA116M
O
G
- I
I
O
INPUT OFF VOLTAGE V
(V)
I(OFF)
I
- V
O
I(OFF)
OUTPUT CURRENT I
(mA)
O
G
- I
I
O
100
10
-1
-3
200
-10
-30
-100
30
50
V =-5V
O
Ta=100
C
Ta=-
25 C
Ta=25
C
-3
-1
2
5
10
50
30
100
KRA117M
V =-5V
O
-10
-30
-100
Ta=100
C
Ta=25 C
Ta=-25 C


Numéro de pièce similaire - KRA119M

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KRA119M KEC-KRA119M Datasheet
178Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results

Description similaire - KRA119M

FabricantNo de pièceFiches techniqueDescription
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com